データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC2825B データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 UC2825B
部品情報  High Speed PWM Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

UC2825B データシート(HTML) 4 Page - Texas Instruments

  UC2825B Datasheet HTML 1Page - Texas Instruments UC2825B Datasheet HTML 2Page - Texas Instruments UC2825B Datasheet HTML 3Page - Texas Instruments UC2825B Datasheet HTML 4Page - Texas Instruments UC2825B Datasheet HTML 5Page - Texas Instruments UC2825B Datasheet HTML 6Page - Texas Instruments UC2825B Datasheet HTML 7Page - Texas Instruments UC2825B Datasheet HTML 8Page - Texas Instruments UC2825B Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Current Limit/Start Sequence/Fault Section (cont.)
Over Current Threshold
1.14
1.2
1.26
V
ILIM Delay to Output
VILIM
= 0 to 2V Step (Note 1)
50
80
ns
Output Section
Output Low Saturation
IOUT
= 20mA
0.25
0.4
V
IOUT = 200mA
1.2
2.2
V
Output High Saturation
IOUT
= 20mA
1.9
2.9
V
IOUT = 200mA
2
3
V
UVLO Output Low Saturation
IO
= 20mA
0.8
1.2
V
Rise/Fall Time
CL
= 1nF (Note 1)
20
45
ns
UnderVoltage Lockout
Start Threshold
UCX823B and X825B only
16
17
V
Stop Threshold
UCX823B and X825B only
9
10
V
UVLO Hysteresis
UCX823B and X825B only
5
6
7
V
Start Threshold
UCX823A and X825A only
8.4
9.2
9.6
V
UVLO Hysteresis
UCX823A and X825A only
0.4
0.8
1.2
V
Supply Current
Startup Current
VC
= VCC = VTH(start) - 0.5V
100
300
µA
Icc
28
36
mA
UC1823A,B/1825A,B
UC2823A,B/2825A,B
UC3823A,B/3825A,B
Note 1: Guaranteed by design. Not 100% tested in production.
ELECTRICAL CHARACTERISTICS (cont.) Unless otherwise stated, these specifications apply for TA =
−55°C to
+125°C for the UC1823A,B and UC1825A,B; −40°C to +85°C for the UC2823A,B and UC2825A,B; 0°C to +70°C for the
UC3823A,B and UC3825A,B; RT
= 3.65k, CT = 1nF, VCC = 12V, TA = TJ.
OSCILLATOR
The UC3823A,B/3825A,B oscillator is a saw tooth. The
rising edge is governed by a current controlled by the RT
pin and value of capacitance at the CT pin. The falling
edge of the sawtooth sets dead time for the outputs. Se-
lection of RT should be done first, based on desired max-
imum duty cycle. CT can then be chosen based on de-
sired frequency, RT, and DMAX. The design equations
are:
RT =
CT =
Recommended values for RT range from 1k to 100k.
Control of DMAX less than 70% is not recommended.
(1.6 • DMAX)
(RT • F)
3V
(10mA) (1 - DMAX)
APPLICATIONS INFORMATION
Oscillator
UDG-95102


同様の部品番号 - UC2825B

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC2825B TI-UC2825B Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC2825B TI-UC2825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC2825B TI-UC2825B Datasheet
483Kb / 18P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
UC2825B TI1-UC2825B Datasheet
353Kb / 12P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
UC2825B TI1-UC2825B Datasheet
936Kb / 19P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results

同様の説明 - UC2825B

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI1-UC1825_13 Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825AQDW TI-UC2825AQDW Datasheet
928Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825A-Q1 TI-UC2825A-Q1_15 Datasheet
932Kb / 17P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com