データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74437529203151 データシート(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 74437529203151
部品情報  WE-HCF Round Wire SMD High Current Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74437529203151 データシート(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74437529203151 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74437529203151 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74437529203151 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74437529203151 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74437529203151 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Cautions and Warnings:
The following conditions apply to all goods within the product series of WE-HCF of Würth
Elektronik eiSos GmbH & Co. KG:
General:
All recommendations according to the general technical specifications of the data sheet have to be complied with.
The usage and operation of the product within ambient conditions, which probably alloy or harm the wire isolation, has to be avoided.
If the product is potted in customer applications, the potting material might shrink during and after hardening. The product is exposed to the
pressure of the potting material with the effect that the core, wire and termination is possibly damaged by this pressure and so the
electrical as well as the mechanical characteristics are endangered to be affected. After the potting material is cured, the core, wire and
termination of the product have to be checked if any reduced electrical or mechanical functions or destructions have occurred.
The responsibility for the applicability of customer specific products and use in a particular customer design is always within the authority of
the customer. All technical specifications for standard products do also apply to customer specific products.
Cleaning agents that are used to clean the customer application might damage or change the characteristics of the component, body, pins
or termination.
Direct mechanical impact to the product shall be prevented as the core material could flake or in the worst case it could break.
Product specific:
Follow all instructions mentioned in the data sheet, especially:
• The soldering profile has to be complied with according to the technical reflow soldering specification, otherwise this will void the
warranty.
• All products shall be used before the end of the period of 12 months based on the product date code, if not a 100% solderability can´t
be ensured.
• Violation of the technical product specifications such as exceeding the nominal rated current will void the warranty.
• Due to heavy weight of the components, strong forces and high accelerations might have the effect to damage the electrical connection
or to harm the circuit board and will void the warranty.
The general and product specific cautions comply with the state of the scientific and technical knowledge and are believed to be accurate
and reliable; however, no responsibility is assumed for inaccuracies or incompleteness.
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
ElGa
DIN ISO 2768-1m
DESCRIPTION
WE-HCF Round Wire SMD High
Current Inductor
ORDER CODE
74437529203151
SIZE
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
2920
001.000
Valid
2016-11-23
eiSos
4/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


同様の部品番号 - 74437529203151

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
74437529203151 WURTH-74437529203151 Datasheet
819Kb / 8P
   WE-HCF Round Wire SMT High Current Inductor
004.000
74437529203151 WURTH-74437529203151_V01 Datasheet
819Kb / 8P
   WE-HCF Round Wire SMT High Current Inductor
004.000
More results

同様の説明 - 74437529203151

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
74437529203470 WURTH-74437529203470 Datasheet
305Kb / 5P
   WE-HCF Round Wire SMD High Current Inductor
74437529203681 WURTH-74437529203681 Datasheet
305Kb / 5P
   WE-HCF Round Wire SMD High Current Inductor
74437529203101 WURTH-74437529203101 Datasheet
305Kb / 5P
   WE-HCF Round Wire SMD High Current Inductor
74437529203471 WURTH-74437529203471 Datasheet
305Kb / 5P
   WE-HCF Round Wire SMD High Current Inductor
74437529203680 WURTH-74437529203680 Datasheet
305Kb / 5P
   WE-HCF Round Wire SMD High Current Inductor
74437529203220 WURTH-74437529203220 Datasheet
305Kb / 5P
   WE-HCF Round Wire SMD High Current Inductor
74437529203331 WURTH-74437529203331 Datasheet
305Kb / 5P
   WE-HCF Round Wire SMD High Current Inductor
74437529203221 WURTH-74437529203221 Datasheet
305Kb / 5P
   WE-HCF Round Wire SMD High Current Inductor
74437529203330 WURTH-74437529203330 Datasheet
305Kb / 5P
   WE-HCF Round Wire SMD High Current Inductor
74437529203151 WURTH-74437529203151_V01 Datasheet
819Kb / 8P
   WE-HCF Round Wire SMT High Current Inductor
004.000
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com