データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1PS79SB63 データシート(PDF) 8 Page - NXP Semiconductors

部品番号 1PS79SB63
部品情報  5 V, 20 mA low Cd Schottky barrier diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS79SB63 データシート(HTML) 8 Page - NXP Semiconductors

Back Button 1PS79SB63 Datasheet HTML 2Page - NXP Semiconductors 1PS79SB63 Datasheet HTML 3Page - NXP Semiconductors 1PS79SB63 Datasheet HTML 4Page - NXP Semiconductors 1PS79SB63 Datasheet HTML 5Page - NXP Semiconductors 1PS79SB63 Datasheet HTML 6Page - NXP Semiconductors 1PS79SB63 Datasheet HTML 7Page - NXP Semiconductors 1PS79SB63 Datasheet HTML 8Page - NXP Semiconductors 1PS79SB63 Datasheet HTML 9Page - NXP Semiconductors 1PS79SB63 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
9397 750 13846
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 — 3 December 2004
8 of 10
Philips Semiconductors
1PS66SB63; 1PS79SB63
5 V, 20 mA low Cd Schottky barrier diodes
10. Revision history
Table 10:
Revision history
Document ID
Release date
Data sheet status
Change notice Doc. number
Supersedes
1PS66SB63_1PS79SB63_2 20041203
Product data sheet
-
9397 750 13846
1PS79SB63_1
Modifications:
The format of this data sheet has been redesigned to comply with the new presentation
and information standard of Philips Semiconductors
Type number 1PS66SB63 added.
1PS79SB63_1
20020408
Product specification -
9397 750 09483
-


同様の部品番号 - 1PS79SB63

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
1PS79SB63 KEXIN-1PS79SB63 Datasheet
32Kb / 1P
   Schottky barrier diodes
More results

同様の説明 - 1PS79SB63

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
1PS66SB82 NEXPERIA-1PS66SB82 Datasheet
697Kb / 10P
   15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04 - 13 January 2010
logo
NXP Semiconductors
1PS66SB82 PHILIPS-1PS66SB82 Datasheet
116Kb / 10P
   15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04-13 January 2010
1PS66SB82 NXP-1PS66SB82 Datasheet
116Kb / 10P
   15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04-13 January 2010
1PS66SB82_1PS88SB82 PHILIPS-1PS66SB82_1PS88SB82_15 Datasheet
116Kb / 10P
   15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04-13 January 2010
1PSXSB17 PHILIPS-1PSXSB17_15 Datasheet
56Kb / 8P
   4 V, 30 mA low Cd Schottky barrier diode
Rev. 06-4 April 2005
1PS66SB17 PHILIPS-1PS66SB17 Datasheet
49Kb / 8P
   4 V, 30 mA low Cd Schottky barrier diode
Rev. 06-4 April 2005
logo
Nexperia B.V. All right...
BAT54GW NEXPERIA-BAT54GW Datasheet
679Kb / 12P
   30 V, 200 mA Schottky barrier diodes
1PS79SB17 NEXPERIA-1PS79SB17 Datasheet
175Kb / 7P
   4 V, 30 mA low capacitance Schottky barrier diode
27 December 2022
1PS76SB17 NEXPERIA-1PS76SB17 Datasheet
187Kb / 8P
   4 V, 30 mA low capacitance Schottky barrier diode
27 December 2022
1PS66SB17 NEXPERIA-1PS66SB17 Datasheet
180Kb / 7P
   4 V, 30 mA low capacitance Schottky barrier diode
27 December 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com