データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVC162244ADL データシート(PDF) 9 Page - NXP Semiconductors

部品番号 74LVC162244ADL
部品情報  16-bit buffer/line driver, 30 OHM series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC162244ADL データシート(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC162244ADL Datasheet HTML 5Page - NXP Semiconductors 74LVC162244ADL Datasheet HTML 6Page - NXP Semiconductors 74LVC162244ADL Datasheet HTML 7Page - NXP Semiconductors 74LVC162244ADL Datasheet HTML 8Page - NXP Semiconductors 74LVC162244ADL Datasheet HTML 9Page - NXP Semiconductors 74LVC162244ADL Datasheet HTML 10Page - NXP Semiconductors 74LVC162244ADL Datasheet HTML 11Page - NXP Semiconductors 74LVC162244ADL Datasheet HTML 12Page - NXP Semiconductors 74LVC162244ADL Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
2003 Dec 12
9
Philips Semiconductors
Product specification
16-bit buffer/line driver, 30
Ω series termination
resistors; 5 V tolerant input/output; 3-state
74LVC162244A;
74LVCH162244A
AC CHARACTERISTICS
GND = 0 V; tr =tf ≤ 2.5 ns; CL = 50 pF; RL = 500 Ω.
Notes
1. All typical values are measured at Tamb =25 °C.
2. Value is measured at VCC = 3.3 V.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb = −40 to +85 °C; note1
tPHL/tPLH
propagation delay nAn to nYn
see Figs 5 and 7
1.2
11.0
ns
2.7
1.0
6.7
ns
3.0 to 3.6
1.0
3.0(2)
5.8
ns
tPZH/tPZL
3-state output enable time nOE to nYn
see Figs 6 and 7
1.2
15.0
ns
2.7
1.5
7.6
ns
3.0 to 3.6
1.0
3.5(2)
6.0
ns
tPHZ/tPLZ
3-state output disable time nOE to nYn see Figs 6 and 7
1.2
10.0
ns
2.7
1.5
4.7
ns
3.0 to 3.6
1.5
2.8(2)
4.5
ns
Tamb = −40 to +125 °C
tPHL/tPLH
propagation delay nAn to nYn
see Figs 5 and 7
1.2
−−−
ns
2.7
1.0
8.5
ns
3.0 to 3.6
1.0
7.5
ns
tPZH/tPZL
3-state output enable time nOE to nYn
see Figs 6 and 7
1.2
−−−
ns
2.7
1.5
9.5
ns
3.0 to 3.6
1.0
7.5
ns
tPHZ/tPLZ
3-state output disable time nOE to nYn see Figs 6 and 7
1.2
−−−
ns
2.7
1.5
6.0
ns
3.0 to 3.6
1.5
6.0
ns


同様の部品番号 - 74LVC162244ADL

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC162244ADL PHILIPS-74LVC162244ADL Datasheet
79Kb / 10P
   16-bit buffer/line driver; with 30ohm series termination resistors, 5V input/output tolerant 3-State
2003 Dec 12
logo
Texas Instruments
74LVC162244ADLRG4 TI-74LVC162244ADLRG4 Datasheet
387Kb / 18P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
74LVC162244ADLRG4 TI-74LVC162244ADLRG4 Datasheet
412Kb / 15P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

同様の説明 - 74LVC162244ADL

メーカー部品番号データシート部品情報
logo
Pericom Semiconductor C...
PI74LPT16244 PERICOM-PI74LPT16244 Datasheet
137Kb / 5P
   3.3V, 16-Bit Buffer/Line Driver
PI74LPT16244 PERICOM-PI74LPT16244_08 Datasheet
408Kb / 6P
   3.3V, 16-Bit Buffer/Line Driver
logo
NXP Semiconductors
74ABT162244 PHILIPS-74ABT162244_15 Datasheet
112Kb / 15P
   16-bit buffer/line driver with 30 ??series termination resistors; 3-state
Rev. 6-3 November 2011
logo
Fairchild Semiconductor
74ABT162244CSSC FAIRCHILD-74ABT162244CSSC Datasheet
81Kb / 7P
   16-Bit Buffer/Line Driver with 25 OHM Series Resistors in the Outputs
logo
NXP Semiconductors
MB2241 PHILIPS-MB2241 Datasheet
82Kb / 12P
   16-bit buffer/line driver 3-State
1998 Jan 16
74LVCH16541A PHILIPS-74LVCH16541A Datasheet
83Kb / 10P
   16-bit buffer/line driver 3-State
1998 May 19
logo
ON Semiconductor
74LCX162244 ONSEMI-74LCX162244 Datasheet
325Kb / 12P
   Low Voltage 16-Bit Buffer/Line Driver
Revised May 2005
74LVT162244 ONSEMI-74LVT162244 Datasheet
202Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver
Revised June 2005
74VCX162244 ONSEMI-74VCX162244 Datasheet
231Kb / 12P
   Low Voltage 16-Bit Buffer/Line Driver
Revised June 2005
logo
Renesas Technology Corp
IDT74FCT163244A RENESAS-IDT74FCT163244A Datasheet
241Kb / 7P
   3.3V CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com