データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5339ARM-REEL7 データシート(PDF) 9 Page - Analog Devices

部品番号 AD5339ARM-REEL7
部品情報  2.5 V to 5.5 V, 250 UA, 2-Wire Interface Dual-Voltage Output, 8-/10-/12-Bit DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5339ARM-REEL7 データシート(HTML) 9 Page - Analog Devices

Back Button AD5339ARM-REEL7 Datasheet HTML 5Page - Analog Devices AD5339ARM-REEL7 Datasheet HTML 6Page - Analog Devices AD5339ARM-REEL7 Datasheet HTML 7Page - Analog Devices AD5339ARM-REEL7 Datasheet HTML 8Page - Analog Devices AD5339ARM-REEL7 Datasheet HTML 9Page - Analog Devices AD5339ARM-REEL7 Datasheet HTML 10Page - Analog Devices AD5339ARM-REEL7 Datasheet HTML 11Page - Analog Devices AD5339ARM-REEL7 Datasheet HTML 12Page - Analog Devices AD5339ARM-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD5337/AD5338/AD5339
Rev. A | Page 9 of 24
TERMINOLOGY
Relative Accuracy (Integral Nonlinearity, INL)
For the DAC, relative accuracy, or integral nonlinearity (INL),
is a measure, in LSBs, of the maximum deviation from a straight
line passing through the endpoints of the DAC transfer function.
Typical INL vs. code plots can be seen in Figure 6, Figure 7, and
Figure 8.
Differential Nonlinearity (DNL)
The difference between the measured change and the ideal 1 LSB
change between any two adjacent codes. A specified differential
nonlinearity of ±1 LSB maximum ensures monotonicity. This
DAC is guaranteed monotonic by design. Typical DNL vs. code
plots can be seen in Figure 9, Figure 10, and Figure 11.
Offset Error
A measure of the offset error of the DAC and the output
amplifier, expressed as a percentage of the full-scale range.
Gain Error
A measure of the span error of the DAC. It is the deviation in
slope of the actual DAC transfer characteristic from the ideal,
expressed as a percentage of the full-scale range.
Offset Error Drift
A measure of the change in offset error with changes in
temperature. It is expressed in (ppm of full-scale range)/°C.
Gain Error Drift
A measure of the change in gain error with changes in
temperature. It is expressed in (ppm of full-scale range)/°C.
Power Supply Rejection Ratio (PSRR)
This indicates how the output of the DAC is affected by changes
in the supply voltage. PSRR is the ratio of the change in VOUT to
a change in VDD for full-scale output of the DAC. It is measured
in dB. VREF is held at 2 V and VDD is varied ±10%.
DC Crosstalk
The dc change in the output level of one DAC at midscale in
response to a full-scale code change (all 0s to all 1s and vice
versa) and output change of another DAC. It is expressed in µV.
Reference Feedthrough
The ratio of the amplitude of the signal at the DAC output to
the reference input when the DAC output is not being updated.
It is expressed in dB.
Major-Code Transition Glitch Energy
The energy of the impulse injected into the analog output when
the code in the DAC register changes state. Normally specified
as the area of the glitch in nV-s and is measured when the
digital code is changed by 1 LSB at the major carry transition
(011 . . . 11 to 100 . . . 00 or 100 . . . 00 to 011 . . . 11).
Digital Feedthrough
A measure of the impulse injected into the analog output of the
DAC from the digital input pins of the device when the DAC
output is not being updated. Specified in nV-s and measured
with a worst-case change on the digital input pins, such as
changing from all 0s to all 1s or vice-versa.
Digital Crosstalk
The glitch impulse transferred to the output of one DAC at mid-
scale in response to a full-scale code change (all 0s to all 1s, or
vice versa) in the input register of another DAC. It is expressed
in nV-s.
DAC-to-DAC Crosstalk
The glitch impulse transferred to the output of one DAC due to
a digital code change and subsequent output change of another
DAC. This includes both digital and analog crosstalk. It is
measured by loading one of the DACs with a full-scale code
change (all 0s to all 1s, or vice versa) with the LDAC bit set low
and monitoring the output of another DAC. The energy of the
glitch is expressed in nV-s.
Multiplying Bandwidth
The amplifiers within the DAC have a finite bandwidth. The
multiplying bandwidth is the frequency at which the output
amplitude falls to 3 dB below the input. A sine wave on the
reference (with full-scale code loaded to the DAC) appears on
the output.
Total Harmonic Distortion (THD)
The difference between an ideal sine wave and its attenuated
version using the DAC. The sine wave is used as the reference
for the DAC, and the THD is a measure of the harmonic
distortion present in the DAC output. It is measured in dB.


同様の部品番号 - AD5339ARM-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5339ARM AD-AD5339ARM Datasheet
593Kb / 28P
   2.5 V to 5.5 V, 250 muA, 2-Wire Interface
REV. C
AD5339ARMZ AD-AD5339ARMZ Datasheet
593Kb / 28P
   2.5 V to 5.5 V, 250 muA, 2-Wire Interface
REV. C
AD5339ARMZ-REEL7 AD-AD5339ARMZ-REEL7 Datasheet
593Kb / 28P
   2.5 V to 5.5 V, 250 muA, 2-Wire Interface
REV. C
More results

同様の説明 - AD5339ARM-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5301 AD-AD5301 Datasheet
178Kb / 15P
   2.5 V to 5.5 V, 120 uA, 2-Wire Interface, Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5305 AD-AD5305 Datasheet
427Kb / 20P
   2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
REV. F
AD5339 AD-AD5339_15 Datasheet
593Kb / 28P
   2.5 V to 5.5 V, 250A, 2-Wire Interface, Dual Voltage Output, 8-/10-/12-Bit DACs
REV. C
AD5337 AD-AD5337_15 Datasheet
593Kb / 28P
   2.5 V to 5.5 V, 250A, 2-Wire Interface, Dual Voltage Output, 8-/10-/12-Bit DACs
REV. C
AD5338 AD-AD5338_15 Datasheet
593Kb / 28P
   2.5 V to 5.5 V, 250A, 2-Wire Interface, Dual Voltage Output, 8-/10-/12-Bit DACs
REV. C
AD5330 AD-AD5330 Datasheet
359Kb / 20P
   2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5334 AD-AD5334 Datasheet
324Kb / 20P
   2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5301 AD-AD5301_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5311 AD-AD5311_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5321 AD-AD5321_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com