データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PE3C0053-12 データシート(PDF) 1 Page - Pasternack Enterprises, Inc.

部品番号 PE3C0053-12
部品情報  N Male to N Male Cable 12 Inch Length Using LMR-240 Coax
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PASTERNACK [Pasternack Enterprises, Inc.]
ホームページ  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0053-12 データシート(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C0053-12 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0053-12 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0053-12 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
N Male to N Male Cable 12 Inch Length Using LMR-240 Coax
Configuration
Connector 1
N Male
Connector 1 Specification
MIL-STD-348A
Connector 2
N Male
Connector 2 Specification
MIL-STD-348A
Cable Type
LMR-240
Impedance, Ohms
50
Mechanical Specifications
Cable Assembly
Cable Type
LMR-240
Temperature
Temperature Operating Range, deg C
-40 to +85
Temperature Storage Range, deg C
-70 to +85
Size
Length, in [mm]
12 [304.8]
Diameter, in [mm]
0.827 [21.01]
.
Weight, lbs [g]
0.164 [74.39]
Cable Color
Black
One Time Minimum Bend Radius, in [mm]
0.75 [19.05]
Repeated Minimum Bend Radius, in [mm]
2.5 [63.5]
Cable
No of Shields
2
Dielectric Type
PE (F)
Jacket Material
PE
Jacket Diameter, in [mm]
0.24 [6.1]
Connector 1
Type
N Male
Configuration
Straight
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Connector 2
Type
N Male
Configuration
Straight
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to N Male Cable 12 Inch Length Using LMR-240 Coax PE3C0053-12
PE3C0053-12 REV
PE3C0053-12
N Male to N Male Cable 12 Inch Length Using LMR-240 Coax


同様の部品番号 - PE3C0053-12

メーカー部品番号データシート部品情報
logo
Pasternack Enterprises,...
PE3C0053-24 PASTERNACK-PE3C0053-24 Datasheet
329Kb / 3P
   N Male to N Male Cable 24 Inch Length Using LMR-240 Coax
PE3C0053-36 PASTERNACK-PE3C0053-36 Datasheet
330Kb / 3P
   N Male to N Male Cable 36 Inch Length Using LMR-240 Coax
PE3C0053-48 PASTERNACK-PE3C0053-48 Datasheet
330Kb / 3P
   N Male to N Male Cable 48 Inch Length Using LMR-240 Coax
PE3C0053-60 PASTERNACK-PE3C0053-60 Datasheet
330Kb / 3P
   N Male to N Male Cable 60 Inch Length Using LMR-240 Coax
More results

同様の説明 - PE3C0053-12

メーカー部品番号データシート部品情報
logo
Pasternack Enterprises,...
PE3C0039-12 PASTERNACK-PE3C0039-12 Datasheet
329Kb / 3P
   N Male to N Male Cable 12 Inch Length Using LMR-240 Coax
PE3C0044-12 PASTERNACK-PE3C0044-12 Datasheet
329Kb / 3P
   SMA Male to N Male Cable 12 Inch Length Using LMR-240 Coax
PE3C0039-48 PASTERNACK-PE3C0039-48 Datasheet
329Kb / 3P
   N Male to N Male Cable 48 Inch Length Using LMR-240 Coax
PE3C0053-36 PASTERNACK-PE3C0053-36 Datasheet
330Kb / 3P
   N Male to N Male Cable 36 Inch Length Using LMR-240 Coax
PE3C0039-36 PASTERNACK-PE3C0039-36 Datasheet
329Kb / 3P
   N Male to N Male Cable 36 Inch Length Using LMR-240 Coax
PE3C0039-24 PASTERNACK-PE3C0039-24 Datasheet
341Kb / 3P
   N Male to N Male Cable 24 Inch Length Using LMR-240 Coax
PE3C0053-24 PASTERNACK-PE3C0053-24 Datasheet
329Kb / 3P
   N Male to N Male Cable 24 Inch Length Using LMR-240 Coax
PE3C0053-60 PASTERNACK-PE3C0053-60 Datasheet
330Kb / 3P
   N Male to N Male Cable 60 Inch Length Using LMR-240 Coax
PE3C0053-48 PASTERNACK-PE3C0053-48 Datasheet
330Kb / 3P
   N Male to N Male Cable 48 Inch Length Using LMR-240 Coax
PE3C0039-60 PASTERNACK-PE3C0039-60 Datasheet
329Kb / 3P
   N Male to N Male Cable 60 Inch Length Using LMR-240 Coax
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com