データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DRV5055 データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 DRV5055
部品情報  Ratiometric Linear Hall Effect Sensor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

DRV5055 データシート(HTML) 10 Page - Texas Instruments

Back Button DRV5055 Datasheet HTML 6Page - Texas Instruments DRV5055 Datasheet HTML 7Page - Texas Instruments DRV5055 Datasheet HTML 8Page - Texas Instruments DRV5055 Datasheet HTML 9Page - Texas Instruments DRV5055 Datasheet HTML 10Page - Texas Instruments DRV5055 Datasheet HTML 11Page - Texas Instruments DRV5055 Datasheet HTML 12Page - Texas Instruments DRV5055 Datasheet HTML 13Page - Texas Instruments DRV5055 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
VQ(VCC) / VQ(3.3V)
1 ±
VCC / 3.3V
VQRE =
for VCC = 3 V to 3.63 V
VQ(VCC) / VQ(5V)
1 ±
VCC / 5V
VQRE =
for VCC = 4.5 V to 5.5 V,
S(VCC) / S(3.3V)
1 ±
VCC / 3.3V
SRE =
for VCC = 3 V to 3.63 V
S(VCC) / S(5V)
1 ±
VCC / 5V
SRE =
for VCC = 4.5 V to 5.5 V,
VL(MAX) ± VQ(MAX)
S(MAX)
BL(MIN) =
B
south
north
OUT
0 mT
0 V
VCC
VL (MIN)
VL (MAX)
VCC / 2
10
DRV5055
SBAS640 – JANUARY 2018
www.ti.com
Product Folder Links: DRV5055
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Feature Description (continued)
Figure 10. Magnetic Response
Equation 2 calculates parameter BL, the minimum linear sensing range at 25°C taking into account the maximum
quiescent voltage and sensitivity tolerances.
(2)
The parameter SLE defines linearity error as the difference in sensitivity between any two positive B values, and
any two negative B values, while the output is within the VL range.
The parameter SSE defines symmetry error as the difference in sensitivity between any positive B value and the
negative B value of the same magnitude, while the output voltage is within the VL range.
7.3.4 Ratiometric Architecture
The DRV5055 has a ratiometric analog architecture that scales the quiescent voltage and sensitivity linearly with
the power-supply voltage. For example, the quiescent voltage and sensitivity are 5% higher when VCC = 5.25 V
compared to VCC = 5 V. This behavior enables external ADCs to digitize a consistent value regardless of the
power-supply voltage tolerance, when the ADC uses VCC as its reference.
Equation 3 calculates sensitivity ratiometry error:
where
S(VCC) is the sensitivity at the current VCC voltage
S(5V) or S(3.3V) is the sensitivity when VCC = 5 V or 3.3 V
VCC is the current VCC voltage
(3)
Equation 4 calculates quiescent voltage ratiometry error:
where
VQ(VCC) is the quiescent voltage at the current VCC voltage
VQ(5V) or VQ(3.3V) is the quiescent voltage when VCC = 5 V or 3.3 V
VCC is the current VCC voltage
(4)


同様の部品番号 - DRV5055

メーカー部品番号データシート部品情報
logo
Texas Instruments
DRV5055 TI1-DRV5055 Datasheet
1Mb / 26P
[Old version datasheet]   Automotive Ratiometric Linear Hall Effect Sensor
DRV5055 TI1-DRV5055 Datasheet
1Mb / 32P
[Old version datasheet]   DRV5055 Ratiometric Linear Hall Effect Sensor
DRV5055-Q1 TI1-DRV5055-Q1 Datasheet
362Kb / 20P
[Old version datasheet]   Automotive Ratiometric Linear Hall Effect Sensor
DRV5055-Q1 TI1-DRV5055-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   Automotive Ratiometric Linear Hall Effect Sensor
DRV5055-Q1 TI1-DRV5055-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   DRV5055 Ratiometric Linear Hall Effect Sensor
More results

同様の説明 - DRV5055

メーカー部品番号データシート部品情報
logo
OPTEK Technologies
OHN3150U OPTEK-OHN3150U Datasheet
517Kb / 4P
   Ratiometric Linear Hall-effect Sensor
OMH3150 OPTEK-OMH3150_14 Datasheet
109Kb / 4P
   Ratiometric Linear Hall-effect Sensor
logo
TT Electronics.
OMH3150 TTELEC-OMH3150 Datasheet
530Kb / 4P
   Ratiometric Linear Hall-Effect Sensor
OHS3150U TTELEC-OHS3150U Datasheet
195Kb / 4P
   Ratiometric Linear Hall-Effect Sensor
logo
Honeywell Solid State E...
SS496B HONEYWELL-SS496B Datasheet
1Mb / 4P
   MNIATURE RATIOMETRIC LINEAR HALL EFFECT SENSOR
logo
Texas Instruments
DRV5056 TI1-DRV5056 Datasheet
1Mb / 32P
[Old version datasheet]   Unipolar Ratiometric Linear Hall Effect Sensor
DRV5055-Q1 TI1-DRV5055-Q1 Datasheet
362Kb / 20P
[Old version datasheet]   Automotive Ratiometric Linear Hall Effect Sensor
DRV5056 TI1-DRV5056_19 Datasheet
1Mb / 33P
[Old version datasheet]   unipolar ratiometric linear hall effect sensor
logo
Honeywell Solid State E...
SS495A-SP HONEYWELL-SS495A-SP Datasheet
1Mb / 5P
   MINIATURE RATIOMETRIC LINEAR HALL EFFECT SENSOR
logo
Texas Instruments
DRV5055-Q1 TI1-DRV5055-Q1_18 Datasheet
1Mb / 26P
[Old version datasheet]   Automotive Ratiometric Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com