データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSM150P03PQ33 データシート(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

部品番号 TSM150P03PQ33
部品情報  TSM150P03PQ33
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM150P03PQ33 データシート(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM150P03PQ33 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM150P03PQ33 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM150P03PQ33 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM150P03PQ33 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM150P03PQ33 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM150P03PQ33 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSM150P03PQ33
Taiwan Semiconductor
2
Version: C1703
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Static
(Note 3)
Drain-Source Breakdown Voltage
VGS = 0V, ID = -250µA
BVDSS
-30
--
--
V
Gate Threshold Voltage
VGS = VDS, ID = -250µA
VGS(TH)
-1.2
-1.6
-2.5
V
Gate-Source Leakage Current
VGS = ±20V, VDS = 0V
IGSS
--
--
±100
nA
Drain-Source Leakage Current
VGS = 0V, VDS = -30V
IDSS
--
--
-1
µA
Drain-Source On-State Resistance
VGS = -10V, ID = -10A
RDS(on)
--
13
15
VGS = -4.5V, ID = -10A
--
22
30
Forward Transconductance
VDS = -5V, ID = -10A
gfs
--
19
--
S
Dynamic
(Note 4)
Total Gate Charge
VGS = -10V, VDS = -15V,
ID = -10A
Qg
--
29.3
--
nC
Total Gate Charge
VGS = -4.5V,
VDS = -15V, ID = -10A
Qg
14.3
Gate-Source Charge
Qgs
--
5.9
--
Gate-Drain Charge
Qgd
--
5.2
--
Input Capacitance
VGS = 0V, VDS = -15V,
f = 1.0MHz
Ciss
--
1829
--
pF
Output Capacitance
Coss
--
227
--
Reverse Transfer Capacitance
Crss
--
160
--
Switching
(Note 4)
Turn-On Delay Time
VGS = -10V, VDS = -15V,
ID = -1A, RG = 6Ω,
td(on)
--
9
--
ns
Rise Time
tr
--
21.8
--
Turn-Off Delay Time
td(off)
--
59.8
--
Fall Time
tf
--
14.4
--
Source-Drain Diode
(Note 3)
Diode Forward Voltage
VGS = 0V, IS = -10A
VSD
--
--
-1
V
Reverse Recovery Time
IS = -10A,
di/dt = 100A/
μs
trr
--
34
--
ns
Reverse Recovery Charge
Qrr
--
23
--
nC
Notes:
1.
Current limited by package.
2.
L = 0.1mH, VGS = -10V, VDS = -25V, RG = 25Ω, IAS = -31A, Starting TJ = 25°C
3.
Pulse test: Pulse Width
≤ 300µs, duty cycle ≤ 2%.
4.
Switching time is essentially independent of operating temperature.
ORDERING INFORMATION
PART NO.
PACKAGE
PACKING
TSM150P03PQ33 RGG
PDFN33
5,000pcs / 13
” Reel


同様の部品番号 - TSM150P03PQ33

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TSM150P03PQ33RGG TSC-TSM150P03PQ33RGG Datasheet
393Kb / 6P
   P-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com