データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA12426 データシート(PDF) 1 Page - Ledil, Inc.

部品番号 CA12426
部品情報  Tina Assembly
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LEDIL [Ledil, Inc.]
ホームページ  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA12426 データシート(HTML) 1 Page - Ledil, Inc.

  CA12426 Datasheet HTML 1Page - Ledil, Inc. CA12426 Datasheet HTML 2Page - Ledil, Inc. CA12426 Datasheet HTML 3Page - Ledil, Inc. CA12426 Datasheet HTML 4Page - Ledil, Inc. CA12426 Datasheet HTML 5Page - Ledil, Inc. CA12426 Datasheet HTML 6Page - Ledil, Inc. CA12426 Datasheet HTML 7Page - Ledil, Inc. CA12426 Datasheet HTML 8Page - Ledil, Inc. CA12426 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
PRODUCT DATASHEET
Tina series
last update 11/11/2016
DETAILS
Product Number
CA12426_TINA3-W
Family
Tina
Type
Assembly
Color
white
Diameter
16,1 mm
Height
6,9 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
tape, pin
Status
production ready
ROHS Compliant
Yes
Date Updated
11/11/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XP-G
42 deg
Wide
90 %
1.700
-
XP-G2
42 deg
Wide
91 %
1.600
-
XT-E
41 deg
Wide
88 %
1.800
-
XP-E2
43 deg
Wide
90 %
1.800
-
XP-L HI
43 deg
Wide
93 %
1.600
-
XHP35 HI
46 deg
Wide
93 %
1.500
-
LUXEON A
43 deg
Wide
89 %
1.500
-
LUXEON T
45 deg
Wide
89 %
1.500
-
LUXEON H50-2
sim: 48
Wide
sim: 89 % sim: 1.500 -
LUXEON TX
47 deg
Wide
89 %
1.200
-
NVSxx19A
43 deg
Wide
86 %
1.500
-
NVSxx19B/NVSxx19C
46 deg
Wide
92 %
1.400
-
Oslon Square EC
41 deg
Wide
88 %
1.700
-
Oslon Square Gen3
sim: 43
Wide
sim: 94 % sim: 1.680 -
LH351Z
49 deg
Wide
89 %
1.300
-
LH351B
46 deg
Wide
89 %
1.400
-
January 31st 2018 2:02 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


同様の部品番号 - CA12426

メーカー部品番号データシート部品情報
logo
Ledil, Inc.
CA12426 LEDIL-CA12426 Datasheet
6Mb / 8P
   ~40째 wide beam. Assembly with holder and installation tape.
CA12426 LEDIL-CA12426_18 Datasheet
6Mb / 8P
   ~40째 wide beam. Assembly with holder and installation tape.
More results

同様の説明 - CA12426

メーカー部品番号データシート部品情報
logo
Ledil, Inc.
CA12346 LEDIL-CA12346 Datasheet
158Kb / 4P
   Tina Assembly
CA11848 LEDIL-CA11848 Datasheet
143Kb / 3P
   Tina Assembly
CA12046 LEDIL-CA12046 Datasheet
60Kb / 3P
   Tina Assembly
FA10643 LEDIL-FA10643 Datasheet
222Kb / 4P
   Tina Assembly
CA11176 LEDIL-CA11176 Datasheet
716Kb / 11P
   Tina Assembly
FA10886 LEDIL-FA10886 Datasheet
216Kb / 4P
   Tina Assembly
CA11847 LEDIL-CA11847 Datasheet
136Kb / 3P
   Tina Assembly
FA11199 LEDIL-FA11199 Datasheet
57Kb / 2P
   Tina Assembly
CA12347 LEDIL-CA12347 Datasheet
157Kb / 4P
   Tina Assembly
CA12047 LEDIL-CA12047 Datasheet
405Kb / 5P
   Tina Assembly
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com