データシートサーチシステム |
|
LM3703 データシート(PDF) 6 Page - National Semiconductor (TI) |
|
|
LM3703 データシート(HTML) 6 Page - National Semiconductor (TI) |
6 / 13 page LM3702/LM3703 Series Electrical Characteristics (Continued) Limits in the standard typeface are for T J = 25˚C and limits in boldface type apply over full operating range. Unless otherwise specified: V CC = +2.2V to 5.5V. Symbol Parameter Conditions Min Typ Max Units MR V MRT MR Input Threshold MR, Low 0.8 V MR, High 2.0 V MRTH MR Threshold Hysteresis MR falling: V CC =VRST MAX to 5.5V 0.0032 •V RST mV R MR MR Pull-up Resistance 35 56 75 k Ω t MD MR to Reset Delay 12 µS t MR MR Pulse Width 25 µS LLO V OL LLO Output Voltage V CC > 2.25V, ISINK = 900µA 0.3 V V CC > 2.7V, ISINK = 1.2mA 0.3 V CC > 4.5V, ISINK = 3.2mA 0.4 V OH V CC > 2.25V, ISOURCE = 300µA 0.8 V CC V CC > 2.7V, ISOURCE = 500µA 0.8 V CC V CC > 4.5V, ISOURCE = 800µA V CC − 1.5V LLO OUTPUT V LLOT LLO Output Threshold (V LLO −VRST,VCC falling) 1.01 •V RST 1.02 •V RST 1.03 •V RST V V LLOTH Low-Line Comparator Hysteresis 0.0032 •V RST mV t CD Low-Line Comparator Delay V CC falling at 1mV/µs 20 µs Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed conditions. Note 2: The Human Body model is a 100 pF capacitor discharged through a 1.5 k Ω resistor into each pin. The machine model is a 200pF capacitor discharged directly into each pin. Note 3: The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal resistance, θJ-A, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperture is calculated using: Where the value of θJ-A for the micro SMD package is 220˚C/W. www.national.com 6 |
同様の部品番号 - LM3703 |
|
同様の説明 - LM3703 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |