データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1PSI-D-4V データシート(PDF) 6 Page - All Sensors Corporation

部品番号 1PSI-D-4V
部品情報  Amplified Middle Pressure Sensors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ASC [All Sensors Corporation]
ホームページ  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

1PSI-D-4V データシート(HTML) 6 Page - All Sensors Corporation

  1PSI-D-4V Datasheet HTML 1Page - All Sensors Corporation 1PSI-D-4V Datasheet HTML 2Page - All Sensors Corporation 1PSI-D-4V Datasheet HTML 3Page - All Sensors Corporation 1PSI-D-4V Datasheet HTML 4Page - All Sensors Corporation 1PSI-D-4V Datasheet HTML 5Page - All Sensors Corporation 1PSI-D-4V Datasheet HTML 6Page - All Sensors Corporation 1PSI-D-4V Datasheet HTML 7Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Amplified Output Medium Pressure Sensor
Parameter, note 1
Output Span, note 4 (FSS)
Offset Voltage @ zero gage pressure
Offset Temperature Shift, note 2
Linearity, hysteresis error, note 3
Span Temperature Shift, note 2
Minimum
3.90
0.15
--
--
--
Nominal
4.0
0.25
--
--
--
Maximum
4.10
0.35
±20.0
±0.5
±1.0
Units
V
V
mV
%FSS
%FSS
Performance Characteristics for 100 PSI-G-4V
Parameter, note 1
Output Span, note 4 (FSS)
Offset Voltage @ zero gage pressure
Offset Temperature Shift, note 2
Linearity, hysteresis error, note 3
Span Temperature Shift, note 2
Minimum
3.90
0.15
--
--
--
Nominal
4.0
0.25
--
--
--
Maximum
4.10
0.35
±20.0
±0.5
±1.0
Units
V
V
mV
%FSS
%FSS
Performance Characteristics for 30 PSI-G-4V
Parameter, note 1
Output Span, note 4 (FSS)
Offset Voltage @ zero absolute pressure
Offset Temperature Shift, note 2
Linearity, hysteresis error, note 3
Span Temperature Shift, note 2
Minimum
3.90
0.15
--
--
--
Nominal
4.0
0.25
--
--
--
Maximum
4.10
0.35
±20.0
±0.5
±1.0
Units
V
V
mV
%FSS
%FSS
Performance Characteristics for 100 PSI-A-4V
Parameter, note 1
Output Span, note 4 (FSS)
Offset Voltage @ zero differential pressure
Offset Temperature Shift, note 2
Linearity, hysteresis error, note 3
Span Temperature Shift, note 2
Minimum
±1.90
2.15
--
--
--
Nominal
±2.0
2.25
--
--
--
Maximum
±2.10
2.35
±20.0
±0.5
±1.0
Units
V
V
mV
%FSS
%FSS
Performance Characteristics for 100 PSI-D-4V


同様の部品番号 - 1PSI-D-4V

メーカー部品番号データシート部品情報
logo
All Sensors Corporation
1PSI-D-4V-ASCX ASC-1PSI-D-4V-ASCX Datasheet
285Kb / 2P
   COMPATIBLE TO SENSYM ASCX SERIES
1PSI-D-4V-ASCX ASC-1PSI-D-4V-ASCX Datasheet
285Kb / 2P
   ASCX Series Compatible Pressure Sensors
1PSI-D-4V-MIL ASC-1PSI-D-4V-MIL Datasheet
47Kb / 4P
   Military Temperature Grade
1PSI-D-4V-PRIME ASC-1PSI-D-4V-PRIME Datasheet
256Kb / 6P
   Amplified Middle Pressure Sensors
More results

同様の説明 - 1PSI-D-4V

メーカー部品番号データシート部品情報
logo
All Sensors Corporation
DS-00283 ASC-DS-00283 Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
DS-0029 ASC-DS-0029 Datasheet
256Kb / 6P
   Amplified Middle Pressure Sensors
442-1022-ND ASC-442-1022-ND Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
DS-00292 ASC-DS-00292 Datasheet
256Kb / 6P
   Amplified Middle Pressure Sensors
DS-0032 ASC-DS-0032 Datasheet
241Kb / 3P
   AMPLIFIED Pressure Sensors
logo
Sensortechnics GmbH
HDIM010-B SENSORTECHNICS-HDIM010-B Datasheet
495Kb / 9P
   Amplified pressure sensors
HMAM100U SENSORTECHNICS-HMAM100U Datasheet
381Kb / 15P
   Amplified pressure sensors
HDI0611ABE8H3 SENSORTECHNICS-HDI0611ABE8H3 Datasheet
124Kb / 11P
   Amplified pressure sensors
logo
All Sensors Corporation
10INCH-G-4V ASC-10INCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
logo
Sensortechnics GmbH
HCE0611ABE8P3 SENSORTECHNICS-HCE0611ABE8P3 Datasheet
148Kb / 11P
   Miniature amplified pressure sensors
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com