データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CC1312R データシート(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
部品番号 CC1312R
部品情報  SimpleLink High-Performance Sub-1 GHz Wireless MCU
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CC1312R データシート(HTML) 29 Page - Texas Instruments

Back Button CC1312R Datasheet HTML 25Page - Texas Instruments CC1312R Datasheet HTML 26Page - Texas Instruments CC1312R Datasheet HTML 27Page - Texas Instruments CC1312R Datasheet HTML 28Page - Texas Instruments CC1312R Datasheet HTML 29Page - Texas Instruments CC1312R Datasheet HTML 30Page - Texas Instruments CC1312R Datasheet HTML 31Page - Texas Instruments CC1312R Datasheet HTML 32Page - Texas Instruments CC1312R Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
29
CC1312R
www.ti.com
SWRS210 – JANUARY 2018
Submit Documentation Feedback
Product Folder Links: CC1312R
Detailed Description
Copyright © 2018, Texas Instruments Incorporated
(1)
Data rates are only indicative. Data rates outside this range may also be supported. For some specific combinations of settings, a
smaller range might be supported.
(2)
Carrier Sense can be used to implement HW-controlled listen-before-talk (LBT) and Clear Channel Assesment (CCA) for compliance
with such requirements in regulatory standards. This is available through the CMD_PROP_CS radio API. .
(3)
Carrier Sense and Preamble Detection can be used to implement sniff modes where the radio is duty cycled to save power.
6.4
Radio (RF Core)
The RF Core is a highly flexible and future proof radio module which contains an Arm Cortex-M0
processor that interfaces the analog RF and base-band circuitry, handles data to and from the system
CPU side, and assembles the information bits in a given packet structure. The RF core offers a high level,
command-based API to the main CPU that configurations and data are passed through. The Arm Cortex-
M0 processor is not programmable by customers and is interfaced through the TI-provided RF driver that
is included with the SimpleLink Software Development Kit (SDK).
The RF core can autonomously handle the time-critical aspects of the radio protocols, thus offloading the
main CPU, which reduces power and leaves more resources for the user application. Several signals are
also available to control external circuitry such as RF switches or range extenders autonomously.
The various physical layer radio formats are to an extent built as a firmware defined radio where the radio
behavior is either defined by radio ROM contents or by non-ROM radio formats delivered in form of
firmware patches with the SimpleLink SDKs. This allows the radio platform to be updated for support of
future versions of standards even with over-the-air (OTA) updates while still using the same silicon.
NOTE
Not all combinations of features, frequencies, data rates, and modulation formats described
in this chapter are supported. Over time, TI enables new physical radio formats (PHYs) for
the device and provides performance numbers for selected PHYs in the data sheet.
Supported radio formats for a specific device, including settings to use with the TI RF driver,
are included in the SmartRF Studio tool with performance numbers of selected formats found
in Section 5.
6.4.1
Proprietary Radio Formats
The CC1312R radio can support a wide range of physical radio formats through a set of hardware
peripherals combined with firmware available in the device ROM, covering various customer needs for
optimizing towards parameters such as speed or sensitivity. This allows great flexibility in tuning the radio
both to work with legacy protocols as well as customizing the behavior for specific application needs.
Table 6-1 gives a simplified overview of features of the various radio formats available in ROM of the
device. Other radio formats may be available in the form of radio firmware patches or programs through
the Software Development Kit (SDK) and may combine features in a different manner, as well as add
other features.
Table 6-1. Feature Support
Feature
Main 2-(G)FSK mode
High data rates
Low data rates
SimpleLink™ Long Range
Programmable
preamble, sync word
and CRC
Yes
Yes
Yes
No
Programmable receive
bandwidth
Yes
Yes
Yes (down to 5 kHz)
Yes
Data / Symbol rate(1)
20 to 1000 kbps
≤ 2 Msps
≤ 100 ksps
≤ 20 ksps
Modulation format
2-(G)FSK
2-(G)FSK
4-(G)FSK
2-(G)FSK
4-(G)FSK
2-(G)FSK
Dual Sync Word
Yes
Yes
No
No
Carrier Sense(2)(3)
Yes
No
No
No
Preamble Detection(3)
Yes
Yes
Yes
No
Data Whitening
Yes
Yes
Yes
Yes


同様の部品番号 - CC1312R

メーカー部品番号データシート部品情報
logo
Texas Instruments
CC1312R TI-CC1312R Datasheet
2Mb / 58P
[Old version datasheet]   CC2652R7 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
CC1312R TI-CC1312R Datasheet
3Mb / 63P
[Old version datasheet]   CC2651P3 SimpleLink??Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
MARCH 2022
CC1312R TI-CC1312R Datasheet
2Mb / 72P
[Old version datasheet]   CC2652PSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package With Integrated Power Amplifier
JUNE 2022
CC1312R TI-CC1312R Datasheet
1Mb / 54P
[Old version datasheet]   CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
REVISED JUNE 2022
CC1312R TI-CC1312R Datasheet
3Mb / 72P
[Old version datasheet]   CC2674P10 SimpleLink™ High-Performance Multiprotocol 2.4-GHz Wireless MCU with Integrated Power Amplifier
REVISED JUNE 2023
More results

同様の説明 - CC1312R

メーカー部品番号データシート部品情報
logo
Texas Instruments
CC1312R7 TI-CC1312R7 Datasheet
3Mb / 58P
[Old version datasheet]   CC1312R7 SimpleLink??High-Performance Sub-1 GHz Wireless MCU
REVISED NOVEMBER 2021
CC1311R3 TI-CC1311R3 Datasheet
2Mb / 64P
[Old version datasheet]   CC1311R3 SimpleLink??High-Performance Sub-1 GHz Wireless MCU
MARCH 2022
CC1314R10 TI-CC1314R10 Datasheet
3Mb / 78P
[Old version datasheet]   CC1314R10 SimpleLink™ High-Performance Sub-1 GHz Wireless MCU
REVISED JUNE 2023
CC1310 TI1-CC1310_16 Datasheet
1Mb / 54P
[Old version datasheet]   SimpleLink Ultralow Power Sub-1-GHz Wireless MCU
CC1311P3 TI-CC1311P3 Datasheet
3Mb / 63P
[Old version datasheet]   CC1311P3 SimpleLink??High-Performance Sub-1 GHz Wireless MCU With Integrated Power Amplifier
MARCH 2022
CC2674R10 TI1-CC2674R10 Datasheet
3Mb / 69P
[Old version datasheet]   CC2674R10 SimpleLink™ High-Performance Multiprotocol 2.4-GHz Wireless MCU
REVISED JUNE 2023
CC1310 TI-CC1310_15 Datasheet
662Kb / 46P
[Old version datasheet]   CC1310 SimpleLink Ultra-Low Power Sub-1 GHz Wireless MCU
CC1352R TI1-CC1352R Datasheet
1Mb / 54P
[Old version datasheet]   SimpleLink High-Performance Dual-Band Wireless MCU
CC2652R TI1-CC2652R Datasheet
1Mb / 47P
[Old version datasheet]   SimpleLink Multiprotocol 2.4-GHz Wireless MCU
CC2651R3 TI-CC2651R3 Datasheet
2Mb / 60P
[Old version datasheet]   CC2651R3 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
SWRS258 ??SEPTEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com