データシートサーチシステム |
|
TMP120N10A データシート(PDF) 2 Page - Wuxi Unigroup Microelectronics Company |
|
TMP120N10A データシート(HTML) 2 Page - Wuxi Unigroup Microelectronics Company |
2 / 7 page TMP120N10A V3.0 www.tsinghuaicwx.com Wuxi Unigroup Microelectronics Company Specifications T J = 25ºC, unless otherwise noted Parameter Symbol Test Conditions Value Unit Min. Typ. Max. Static Drain-Source Breakdown Voltage V (BR)DSS V GS = 0V, ID = 250µA 100 -- -- V Zero Gate Voltage Drain Current I DSS V DS = 100V, VGS = 0V, TJ = 25º C -- -- 1 μA V DS = 100V, VGS = 0V, TJ = 150ºC -- -- 100 Gate-Source Leakage I GSS V GS = ±20V -- -- ±100 nA Gate-Source Threshold Voltage V GS(th) V DS = VGS, ID = 250µA 2.0 -- 4.0 V Drain-Source On-Resistance (Note3) R DS(on) V GS = 10V, ID = 30A -- 7.5 9.0 mΩ Forward Transconductance (Note3) g fs V DS = 5V, ID = 20A 40 -- -- S Dynamic Input Capacitance C iss V GS = 0V, V DS = 25V, f = 1.0MHz -- 5560 -- pF Output Capacitance C oss -- 480 -- Reverse Transfer Capacitance C rss -- 300 -- Total Gate Charge Q g V DD = 50V, ID = 20A, V GS = 10V -- 130 -- nC Gate-Source Charge Q gs -- 24 -- Gate-Drain Charge Q gd -- 49 -- Turn-on Delay Time t d(on) V DD = 50V, ID = 2A, R G = 2.5Ω -- 28 -- ns Turn-on Rise Time t r -- 30 -- Turn-off Delay Time t d(off) -- 41 -- Turn-off Fall Time t f -- 16 -- Drain-Source Body Diode Characteristics Continuous Body Diode Current I S T C = 25º C -- -- 120 A Pulsed Diode Forward Current I SM -- -- 480 Body Diode Voltage V SD T J = 25º C, I SD = 20A, VGS = 0V -- -- 1.2 V Reverse Recovery Time t rr I F = 20A, di F/dt = 500A/μs -- 45 -- ns Reverse Recovery Charge Q rr -- 54 -- nC Notes 1. Repetitive Rating: Pulse Width limited by maximum junction temperature 2. I AS = 60A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C 3. Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 1% 2 |
同様の部品番号 - TMP120N10A |
|
同様の説明 - TMP120N10A |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |