データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC2932 データシート(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
部品番号 DAC2932
部品情報  DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BURR-BROWN [Burr-Brown (TI)]
ホームページ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC2932 データシート(HTML) 8 Page - Burr-Brown (TI)

Back Button DAC2932 Datasheet HTML 4Page - Burr-Brown (TI) DAC2932 Datasheet HTML 5Page - Burr-Brown (TI) DAC2932 Datasheet HTML 6Page - Burr-Brown (TI) DAC2932 Datasheet HTML 7Page - Burr-Brown (TI) DAC2932 Datasheet HTML 8Page - Burr-Brown (TI) DAC2932 Datasheet HTML 9Page - Burr-Brown (TI) DAC2932 Datasheet HTML 10Page - Burr-Brown (TI) DAC2932 Datasheet HTML 11Page - Burr-Brown (TI) DAC2932 Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
DAC2932
SBAS279C − AUGUST 2003 − REVISED OCTOBER 2004
www.ti.com
8
PIN ASSIGNMENTS
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
48
47
46
45
44
43
42
41
40
39
38
13
14
15
16
17
18
19
20
21
22
23
37
24
DAC2932
(V−DAC Section)
NC
+V
AV
I
OUT2
I
OUT2
AGND
+V
A
I
OUT1
I
OUT1
REF
IN
Bit_1 (MSB)
Bit_2
Bit_3
Bit_4
Bit_5
Bit_6
Bit_7
Bit_8
Bit_9
Bit_10
Bit_11
Bit_12 (LSB)
+V
A
AGND
AGND
Terminal Functions
TERMINAL
NAME
NO.
I/O
DESCRIPTION
D0:D11
1:12
I
Parallel data input port for the dual I-DACs; MSB = D11, LSB = D0; interleaved operation.
DGND
13
Digital ground of I-DAC
+VD
14
Digital supply of I-DAC; 2.7V to 3.3V
CLK
15
I
Clock input of I-DAC
PD
16
I
Power-down pin; active high; a logic high initiates power-down mode.
STBY
17
I
Standby pin of I-DAC; active low; a logic low initiates Standby mode with PD = Low.
A logic high configures the I-DAC for normal operation; pin will resume a high state if left open.
CS
18
I
Chip select; active low; enables the parallel data port of the I-DACs.
Pin will resume a low state if left open.
GSET
19
I
Gain-setting mode. A logic high enables the use of two separate full-scale adjust resistors on pins FSA1
and FSA2. A logic low allows the use of a common full-scale adjust resistor connected to FSA1. The
function of the FSA2 pin is disabled, and any remaining resistor has no effect. The value for the RSET
resistor remains the same for a given full-scale range, regardless of the selected GSET mode. Pin will
resume a low state if left open.
DGND
20
Digital ground of I-DAC
AGND
21
Analog ground of I-DAC
AGND
22
Analog ground of I-DAC
FSA2
23
I
Full-scale adjust of I-DAC2; connect external gain setting resistor RSET2 = 19.6kΩ.
FSA1
24
I
Full-scale adjust of I-DAC1; connect external gain setting resistor RSET1 = 19.6kΩ.
REFIN
25
I
External reference voltage input; internal reference voltage output; bypass with 0.1
µF to AGND for internal
reference operation.


同様の部品番号 - DAC2932

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
DAC2932 TI-DAC2932 Datasheet
1Mb / 30P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Current Output DAC, Four 12-bit Voltage Output DAC-for Tranamit Control
DAC2932PFBR TI1-DAC2932PFBR Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
DAC2932PFBRG4 TI1-DAC2932PFBRG4 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
DAC2932PFBT TI1-DAC2932PFBT Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
More results

同様の説明 - DAC2932

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
logo
Burr-Brown (TI)
ADS5231 BURR-BROWN-ADS5231 Datasheet
571Kb / 26P
   Dual, 12-Bit, 40MSPS, 3.3V Analog-to-Digital Converter
logo
Texas Instruments
ADS5270 TI1-ADS5270_13 Datasheet
1Mb / 31P
[Old version datasheet]   8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS5220 BURR-BROWN-ADS5220 Datasheet
433Kb / 20P
   12-Bit, 40MSPS Sampling, 3.3V ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS5203 TI-ADS5203 Datasheet
476Kb / 15P
[Old version datasheet]   DUAL 10-BIT 40MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER
DAC2902 TI-DAC2902_15 Datasheet
979Kb / 23P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2902 TI1-DAC2902 Datasheet
766Kb / 22P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5402 TI-ADS5402 Datasheet
575Kb / 40P
[Old version datasheet]   Dual 12-Bit 800Msps Analog-to-Digital Converter
logo
Burr-Brown (TI)
DAC2902 BURR-BROWN-DAC2902 Datasheet
389Kb / 17P
   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com