データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ATWILC3000 データシート(PDF) 28 Page - ATMEL Corporation

部品番号 ATWILC3000
部品情報  Single Chip IEEE 802.11 b/g/n Link Controller withIntegrated Bluetooth 4.0
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATWILC3000 データシート(HTML) 28 Page - ATMEL Corporation

Back Button ATWILC3000 Datasheet HTML 24Page - ATMEL Corporation ATWILC3000 Datasheet HTML 25Page - ATMEL Corporation ATWILC3000 Datasheet HTML 26Page - ATMEL Corporation ATWILC3000 Datasheet HTML 27Page - ATMEL Corporation ATWILC3000 Datasheet HTML 28Page - ATMEL Corporation ATWILC3000 Datasheet HTML 29Page - ATMEL Corporation ATWILC3000 Datasheet HTML 30Page - ATMEL Corporation ATWILC3000 Datasheet HTML 31Page - ATMEL Corporation ATWILC3000 Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
ATWILC3000 Single Chip IEEE 802.11 b/g/n Link Controller with
Integrated Bluetooth 4.0 [DATASHEET]
Atmel-42390D-ATWILC3000-MUT-SmartConnect-Datasheet_05/2016
2
8
28
Figure 9-6.
SDIO Slave Timing Diagram
SD_CLK
Inputs
Outputs
fpp
tWL
tWH
tHL
tLH
tISU
tIH
tODLY(MAX)
tODLY(MIN)
Table 9-10.
SDIO Slave Timing Parameters
Parameter
Symbol
Min.
Max.
Unit
Clock Input Frequency (1)
fPP
50
MHz
Clock Low Pulse Width
tWL
6
ns
Clock High Pulse Width
tWH
7
Clock Rise Time
tLH
0
5
Clock Fall Time
tHL
0
5
Input Setup Time
tISU
6
Input Hold Time
tIH
8
Output Delay (2)
tODLY
3
11
Notes: 1.
Maximum clock frequency specified is limited by the SDIO Slave interface internal design; actual
maximum clock frequency can be lower and depends on the specific PCB layout.
2.
Timing based on 15pF output loading.
9.6
UART
ATWILC3000 provides Universal Asynchronous Receiver/Transmitter (UART) interfaces for serial
communication. The Bluetooth subsystem has two UART interfaces: a 4-pin interface for control, data transfer,
and audio (BT UART1), and a 2-pin interface for debugging (BT UART2). The 802.11 subsystem has one 2-pin
UART interface (Wi-Fi UART), which can be used for control, data transfer, or debugging. The UART interfaces
are compatible with the RS-232 standard, where ATWILC3000 operates as Data Terminal Equipment (DTE).
The 2-pin UART has receive and transmit pins (RXD and TXD), and the 4-pin UART has two additional pins
used for flow control/handshaking: Request To Send (RTS) and Clear To Send (CTS). The pins associated
with each UART interfaces can be enabled on several alternative pins by programming their corresponding pin
MUX control registers (see below for available options).
Also note that the UART RTS and UART CTS are used for hardware flow control; they
MUST be connected to the host MCU UART and enabled for the UART interface to be
functional.
The UART features programmable baud rate generation with fractional clock division, which allows
transmission and reception at a wide variety of standard and non-standard baud rates. The Bluetooth UART


同様の部品番号 - ATWILC3000

メーカー部品番号データシート部品情報
logo
Microchip Technology
ATWILC3000-MR110CA MICROCHIP-ATWILC3000-MR110CA Datasheet
3Mb / 64P
   IEEE 802.11 b/g/n Link Controller Module with Integrated Bluetooth짰 4.0
2017
ATWILC3000A MICROCHIP-ATWILC3000A Datasheet
1Mb / 56P
   Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
2015-2021
ATWILC3000A-MU-ABCD MICROCHIP-ATWILC3000A-MU-ABCD Datasheet
1Mb / 56P
   Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
2015-2021
ATWILC3000A-MU-T MICROCHIP-ATWILC3000A-MU-T Datasheet
1Mb / 56P
   Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
2015-2021
ATWILC3000A-MU-T042 MICROCHIP-ATWILC3000A-MU-T042 Datasheet
1Mb / 56P
   Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
2015-2021
More results

同様の説明 - ATWILC3000

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
ATWINC3400 ATMEL-ATWINC3400 Datasheet
1Mb / 35P
   Single Chip IEEE 802.11 b/g/n Network Controller withIntegrated Bluetooth 4.0
WILC1000 ATMEL-WILC1000_14 Datasheet
438Kb / 28P
   Single Chip IEEE 802.11 b/g/n Link Controller SOC
ATWILC1000B-MUT ATMEL-ATWILC1000B-MUT Datasheet
2Mb / 38P
   IEEE 802.11 b/g/n Link Controller SoC
logo
Microchip Technology
ATWILC1000-MR110XB MICROCHIP-ATWILC1000-MR110XB Datasheet
2Mb / 60P
   IEEE 802.11 b/g/n Link Controller Module
2017
ATWILC3000-MR110CA MICROCHIP-ATWILC3000-MR110CA Datasheet
3Mb / 64P
   IEEE 802.11 b/g/n Link Controller Module with Integrated Bluetooth짰 4.0
2017
ATWILC3000A MICROCHIP-ATWILC3000A Datasheet
1Mb / 56P
   Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
2015-2021
logo
ATMEL Corporation
ATWINC1500 ATMEL-ATWINC1500_14 Datasheet
463Kb / 26P
   Single Chip IEEE 802.11 b/g/n Network Controller SOC
ATWINC1500B-MU ATMEL-ATWINC1500B-MU Datasheet
1Mb / 35P
   IEEE 802.11 b/g/n Network Controller SoC
logo
Cypress Semiconductor
BCM43364KUBGT CYPRESS-BCM43364KUBGT Datasheet
1Mb / 82P
   Single-Chip IEEE 802.11 b/g/n MAC/Baseband/Radio
logo
Broadcom Corporation.
BCM4334X BOARDCOM-BCM4334X Datasheet
3Mb / 170P
   Single Chip IEEE 802.11 a/b/g/n MAC/Baseband/Radio with Integrated Bluetooth 4.0 HS and FM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com