データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ATZB-S1-256-3-0-C データシート(PDF) 15 Page - ATMEL Corporation

部品番号 ATZB-S1-256-3-0-C
部品情報  ZigBit 2.4GHz Single chip Wireless Module
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATZB-S1-256-3-0-C データシート(HTML) 15 Page - ATMEL Corporation

Back Button ATZB-S1-256-3-0-C Datasheet HTML 11Page - ATMEL Corporation ATZB-S1-256-3-0-C Datasheet HTML 12Page - ATMEL Corporation ATZB-S1-256-3-0-C Datasheet HTML 13Page - ATMEL Corporation ATZB-S1-256-3-0-C Datasheet HTML 14Page - ATMEL Corporation ATZB-S1-256-3-0-C Datasheet HTML 15Page - ATMEL Corporation ATZB-S1-256-3-0-C Datasheet HTML 16Page - ATMEL Corporation ATZB-S1-256-3-0-C Datasheet HTML 17Page - ATMEL Corporation ATZB-S1-256-3-0-C Datasheet HTML 18Page - ATMEL Corporation ATZB-S1-256-3-0-C Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
ATZB-S1-256-3-0-C ZigBit 2.4GHz Single chip Wireless Module [DATASHEET]
42191B
−WIRELESS−03/2014
15
Figure 3-5.
Figure 3-4.
ATZB-S1-256-3-0-C Mounting Information (Preferred Placement)
The ZigBit’s location and orientation on the carrier board is illustrated in the above Mounting information drawing. The
Recommended placements of ZigBit on Carrier Board needs to be accurately followed to ensure performance on the
end application.
Please note the areas in the Mounting information drawing for copper and component keep out to ensure superior
performance of the ZigBits on your End application. Copper keep out recommended in the drawing applies for all layers
of the carrier board
The dimension A of the carrier board should be equal to or greater than 20mm. Similarly, the dimension B should be
equal to or greater than 30mm.


同様の部品番号 - ATZB-S1-256-3-0-C

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
ATZB-S1-256-3-0-C ATMEL-ATZB-S1-256-3-0-C_14 Datasheet
1Mb / 27P
   ZigBit 2.4GHz Single chip Wireless Module
More results

同様の説明 - ATZB-S1-256-3-0-C

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
ATZB-S1-256-3-0-U ATMEL-ATZB-S1-256-3-0-U_14 Datasheet
971Kb / 25P
   ZigBit 2.4GHz Single Chip Wireless Module
ATZB-S1-256-3-0-C ATMEL-ATZB-S1-256-3-0-C_14 Datasheet
1Mb / 27P
   ZigBit 2.4GHz Single chip Wireless Module
ATZB-X0-256-3-0-C ATMEL-ATZB-X0-256-3-0-C_14 Datasheet
1Mb / 28P
   ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-24-A2 ATMEL-ATZB-24-A2 Datasheet
966Kb / 25P
   ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-24-A2 ATMEL-ATZB-24-A2_14 Datasheet
966Kb / 25P
   ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-A24-UFLB ATMEL-ATZB-A24-UFLB_14 Datasheet
3Mb / 22P
   ZIGBIT 2.4GHZ AMPLIFIED WIRELESS
ATZB-RF-233-1-C ATMEL-ATZB-RF-233-1-C_14 Datasheet
1,008Kb / 22P
   ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-RF-233-1-C ATMEL-ATZB-RF-233-1-C Datasheet
534Kb / 20P
   ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-24-B0 ATMEL-ATZB-24-B0_14 Datasheet
966Kb / 25P
   ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-X0-256-4-0-CN ATMEL-ATZB-X0-256-4-0-CN_14 Datasheet
1Mb / 26P
   ZIGBIT 900MHZ WIRELESS MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com