データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

U3280M データシート(PDF) 10 Page - ATMEL Corporation

部品番号 U3280M
部品情報  Transponder Interface for Microcontroller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U3280M データシート(HTML) 10 Page - ATMEL Corporation

Back Button U3280M_11 Datasheet HTML 6Page - ATMEL Corporation U3280M_11 Datasheet HTML 7Page - ATMEL Corporation U3280M_11 Datasheet HTML 8Page - ATMEL Corporation U3280M_11 Datasheet HTML 9Page - ATMEL Corporation U3280M_11 Datasheet HTML 10Page - ATMEL Corporation U3280M_11 Datasheet HTML 11Page - ATMEL Corporation U3280M_11 Datasheet HTML 12Page - ATMEL Corporation U3280M_11 Datasheet HTML 13Page - ATMEL Corporation U3280M_11 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
Atmel U3280M [DATASHEET]
4688E–RFID–05/13
5.2.1.4 Write Control Bytes
5.2.2
Read Operations
The EEPROM allows byte-, word- and current address read operations. The read operations are initiated in the same way as
write operations. Each read access is initiated by sending the START condition followed by the control byte which contains the
address and the read mode. When the device has received a read command, it returns an acknowledge, loads the addressed
word into the read/write buffer and sends the selected data byte to the master. The master has to acknowledge the received
byte to proceed with the read operation. If two bytes are read out from the buffer, the device automatically increments or
decrements the word address and loads the buffer with the next word. The read mode bit determines if the low or high byte is
read first from the buffer and if the word address is incremented or decremented for the next read access. When the memory
address limit has been reached, the data word address will “roll over” and the sequential read will continue. The master can
terminate the read operation after every byte by not responding with an acknowledge (N) and by issuing a STOP condition.
5.2.2.1 Read One Data Byte
5.2.2.2 Read Two Data Bytes
5.2.2.3 Read n Data Bytes
Write Low Byte First
MSB
LSB
A4
A3
A2
A1
A0
C1
C0
R/NW
Row address
0
1
0
Byte Order
LB(R)
HB(R)
Write High Byte First
MSB
LSB
A4
A3
A2
A1
A0
C1
C0
R/NW
Row address
1
0
0
Byte Order
HB(R)
LB(R)
HB: high byte; LB: low byte; R: row address
START
Control byte
A Data byte 1
N STOP
START
Control byte
A Data byte 1
A Data byte 2
N STOP
START Control byte
A Data byte 1 A Data byte 2 A - - - - - - Data byte n N STOP
A
→acknowledge, N →no acknowledge


同様の部品番号 - U3280M_11

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
U3280M-NFBG3Y ATMEL-U3280M-NFBG3Y Datasheet
349Kb / 21P
   Transponder Interface for Microcontroller
U3280M-NFBY ATMEL-U3280M-NFBY Datasheet
349Kb / 21P
   Transponder Interface for Microcontroller
U3280M ATMEL-U3280M_07 Datasheet
349Kb / 21P
   Transponder Interface for Microcontroller
More results

同様の説明 - U3280M_11

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
U3280M ATMEL-U3280M_07 Datasheet
349Kb / 21P
   Transponder Interface for Microcontroller
U3280M ATMEL-U3280M Datasheet
275Kb / 18P
   TRANSPONDER INTERFACE FOR MICROCONTROLLER
U9280M-H ATMEL-U9280M-H_05 Datasheet
444Kb / 24P
   Microcontroller with Transponder Interface
logo
Texas Instruments
RF430CL330H TI1-RF430CL330H Datasheet
438Kb / 33P
[Old version datasheet]   DYNAMIC NFC INTERFACE TRANSPONDER
logo
ATMEL Corporation
U9280M-H ATMEL-U9280M-H Datasheet
417Kb / 23P
   MICROCONTROLER WITH TRANSPONDER INTERFACE
logo
Texas Instruments
RF430CL330H TI1-RF430CL330H_14 Datasheet
906Kb / 47P
[Old version datasheet]   Dynamic NFC Interface Transponder
RF430CL330H-Q1 TI1-RF430CL330H-Q1 Datasheet
776Kb / 45P
[Old version datasheet]   Automotive Dynamic NFC Interface Transponder
RF430CL331H TI1-RF430CL331H Datasheet
799Kb / 60P
[Old version datasheet]   NFC Type 4B Dynamic Dual Interface Transponder
logo
TOKO, Inc
SA3D14 TOKO-SA3D14 Datasheet
97Kb / 1P
   Transponder Coils for Surface Mounting
SA3M08 TOKO-SA3M08_16 Datasheet
252Kb / 1P
   Transponder Coils for Surface Mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com