データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTC-4689W データシート(PDF) 6 Page - Lite-On Technology Corporation

部品番号 LTC-4689W
部品情報  LED Display
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITEON [Lite-On Technology Corporation]
ホームページ  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTC-4689W データシート(HTML) 6 Page - Lite-On Technology Corporation

  LTC-4689W Datasheet HTML 1Page - Lite-On Technology Corporation LTC-4689W Datasheet HTML 2Page - Lite-On Technology Corporation LTC-4689W Datasheet HTML 3Page - Lite-On Technology Corporation LTC-4689W Datasheet HTML 4Page - Lite-On Technology Corporation LTC-4689W Datasheet HTML 5Page - Lite-On Technology Corporation LTC-4689W Datasheet HTML 6Page - Lite-On Technology Corporation LTC-4689W Datasheet HTML 7Page - Lite-On Technology Corporation LTC-4689W Datasheet HTML 8Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
PART NO.: LTC-4689W
PAGE:
4
of
6
BNS-OD-C131/A4
ABSOLUTE MAXIMUM RATING AT Ta = 25
oC
PARAMETER
InGaN WHITE
UNIT
Power Dissipation Per Segment
70
mW
Peak Forward Current Per Segment
( Frequency 1Khz, 10% duty cycle)
100
mA
Continuous Forward Current Per Segment
20
mA
Forward Current De rating from 25
0C
0.25
mA/℃
Reverse Voltage Per Segment
5
V
Operating Temperature Range
-35℃ to +85℃
Storage Temperature Range
-35℃ to +85℃
Soldering Conditions: 1/16 inch below seating plane for 5 seconds at 260ºC or temperature of
unit(during assembly) not over max. temperature rating above
Note : max peak current at a multiplex current is 47mA (1ms on / 7ms off) @ 85°C
ELECTRICAL / OPTICAL CHARACTERISTICS AT Ta = 25
oC
PARAMETER
SYMBOL MIN. TYP. MAX.
UNIT
TEST
CONDITION
Average Luminous Intensity Per Segment
IV
5
20
40
mcd
IF=5mA
View Angle
2
1/2
130
deg
Fig6
Average Luminous Intensity Icon ;Segment
1.2; 4
mcd/m
IF=5mA
Chromaticity coordinates
x
0.309
nm
IF=5mA
y
0.308
Forward Voltage Per Chip
VF
2.70
3.15
V
IF=5mA
Reverse Current Per Chip
IR
10
A
VR=5V
Note: 1. Luminous intensity is measured with a light sensor and filter combination that
approximates the CIE
(Commision Internationale De L’Eclairage) eye-response curve.
2.
The chromaticity coordinates (x,y) is derived from 1931 CEI chromaticity diagram.
3.
Luminous intensity tolerance +/-15%
4.
Hue(x,y) tolerance +/-0.01
5.
Cross talk specification ≦2.5%


同様の部品番号 - LTC-4689W

メーカー部品番号データシート部品情報
logo
Lite-On Technology Corp...
LTC-4624E LITEON-LTC-4624E Datasheet
362Kb / 6P
   Property of Lite-On Only
LTC-4624JF LITEON-LTC-4624JF Datasheet
368Kb / 6P
   LED Display
LTC-4624JR LITEON-LTC-4624JR Datasheet
144Kb / 5P
   0.4 inch (10.0mm) DIGIT HEIGHT
LTC-4624JS LITEON-LTC-4624JS Datasheet
369Kb / 7P
   LED Display
LTC-4625G LITEON-LTC-4625G Datasheet
390Kb / 6P
   0.4 inch (10 mm) digit height quadruple digit seven-segment display
More results

同様の説明 - LTC-4689W

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLG346S TOSHIBA-TLG346S Datasheet
259Kb / 6P
   LED DISPLAY
logo
SHENZHEN YONGERJIA INDU...
WEJS0402RG2-1 WINNERJOIN-WEJS0402RG2-1 Datasheet
249Kb / 1P
   LED display
WEJS43 WINNERJOIN-WEJS43 Datasheet
246Kb / 1P
   LED display
logo
Lite-On Technology Corp...
LTP-3363CKR-P LITEON-LTP-3363CKR-P Datasheet
216Kb / 10P
   LED DISPLAY
LTS-4817CTB-P LITEON-LTS-4817CTB-P Datasheet
525Kb / 12P
   LED Display
LTS-5325CTB-P LITEON-LTS-5325CTB-P Datasheet
522Kb / 11P
   LED Display
LTC-4724JS LITEON-LTC-4724JS Datasheet
363Kb / 6P
   LED Display
LTC-4727JR LITEON-LTC-4727JR Datasheet
375Kb / 6P
   LED Display
LTD-5633C LITEON-LTD-5633C Datasheet
494Kb / 7P
   LED Display
LTD-6950HR LITEON-LTD-6950HR Datasheet
357Kb / 6P
   LED Display
LTG-1163M LITEON-LTG-1163M Datasheet
465Kb / 10P
   LED Display
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com