データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTS-2306CKD-P データシート(PDF) 5 Page - Lite-On Technology Corporation

部品番号 LTS-2306CKD-P
部品情報  LED Display
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITEON [Lite-On Technology Corporation]
ホームページ  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTS-2306CKD-P データシート(HTML) 5 Page - Lite-On Technology Corporation

  LTS-2306CKD-P Datasheet HTML 1Page - Lite-On Technology Corporation LTS-2306CKD-P Datasheet HTML 2Page - Lite-On Technology Corporation LTS-2306CKD-P Datasheet HTML 3Page - Lite-On Technology Corporation LTS-2306CKD-P Datasheet HTML 4Page - Lite-On Technology Corporation LTS-2306CKD-P Datasheet HTML 5Page - Lite-On Technology Corporation LTS-2306CKD-P Datasheet HTML 6Page - Lite-On Technology Corporation LTS-2306CKD-P Datasheet HTML 7Page - Lite-On Technology Corporation LTS-2306CKD-P Datasheet HTML 8Page - Lite-On Technology Corporation LTS-2306CKD-P Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-on Only
PART NO.: LTS-2306CKD-P
PAGE:
4 of 12
BNS-OD-C131/A4
Solder Pad Vs Painting Diagram
R e fle c to r
P C B
S o ld e r P a d
P a in tin g
P la s tic b u rr
0 .1 m m M a x
C u 1000μ inch M in
N i 200μ inch M in
A u 1μ inch
P ainting 400 μ inch
S c a le : 5 :1
NOTES:
1. Plastic pins’ burr max. 0.1mm.
2. All dimensions are in millimeters. Tolerances are  0.25mm (0.01“) unless otherwise noted.
3. Solder pad materials and thickness: Cu: 1000μinch
Ni: Min 200μinch
Au: 1μinch.


同様の部品番号 - LTS-2306CKD-P

メーカー部品番号データシート部品情報
logo
Lite-On Technology Corp...
LTS-2301AB LITEON-LTS-2301AB Datasheet
174Kb / 5P
   0.28- inch (7.0- mm) DIGIT HEIGHT
LTS-2301AC-15 LITEON-LTS-2301AC-15 Datasheet
341Kb / 7P
   LED Display
LTS-2301ACB LITEON-LTS-2301ACB Datasheet
336Kb / 7P
   LED Display
LTS-2301AE-09 LITEON-LTS-2301AE-09 Datasheet
349Kb / 6P
   LED Display
LTS-2301AHG-05 LITEON-LTS-2301AHG-05 Datasheet
346Kb / 6P
   LED Display
More results

同様の説明 - LTS-2306CKD-P

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLG346S TOSHIBA-TLG346S Datasheet
259Kb / 6P
   LED DISPLAY
logo
SHENZHEN YONGERJIA INDU...
WEJS0402RG2-1 WINNERJOIN-WEJS0402RG2-1 Datasheet
249Kb / 1P
   LED display
WEJS43 WINNERJOIN-WEJS43 Datasheet
246Kb / 1P
   LED display
logo
Lite-On Technology Corp...
LTP-3363CKR-P LITEON-LTP-3363CKR-P Datasheet
216Kb / 10P
   LED DISPLAY
LTS-4817CTB-P LITEON-LTS-4817CTB-P Datasheet
525Kb / 12P
   LED Display
LTS-5325CTB-P LITEON-LTS-5325CTB-P Datasheet
522Kb / 11P
   LED Display
LTC-4724JS LITEON-LTC-4724JS Datasheet
363Kb / 6P
   LED Display
LTC-4727JR LITEON-LTC-4727JR Datasheet
375Kb / 6P
   LED Display
LTD-5633C LITEON-LTD-5633C Datasheet
494Kb / 7P
   LED Display
LTD-6950HR LITEON-LTD-6950HR Datasheet
357Kb / 6P
   LED Display
LTG-1163M LITEON-LTG-1163M Datasheet
465Kb / 10P
   LED Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com