データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FC-335-SY9 データシート(PDF) 3 Page - TE Connectivity Ltd

部品番号 FC-335-SY9
部品情報  RELAY NON-LATCHING3PST/NO (DM)35A/28Vdc, 115 Vac ??50/60Hz, 400Hz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

FC-335-SY9 データシート(HTML) 3 Page - TE Connectivity Ltd

  FC-335-SY9 Datasheet HTML 1Page - TE Connectivity Ltd FC-335-SY9 Datasheet HTML 2Page - TE Connectivity Ltd FC-335-SY9 Datasheet HTML 3Page - TE Connectivity Ltd FC-335-SY9 Datasheet HTML 4Page - TE Connectivity Ltd FC-335-SY9 Datasheet HTML 5Page - TE Connectivity Ltd FC-335-SY9 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SHEET
3 of 6
REV 11/29/17
SERIES FC-335
PRODUCT DATA SHEET
29-Nov-2017 Rev
PH. 828-338-1087
FAX 828-338-1103
1396 CHARLOTTE HIGHWAY, FAIRVIEW, NC 28730
, CARPINTERIA, CA 93013
CAGE CODE
SCALE
NONE
Dimensions shown for reference
Only. Specifications subject to
change.
PART NUMBERING SYSTEM
CII Part
Number
Terminal
Mounting
Coil
FC-335-CW3
Solder
Hook
Stud
28 Vdc
FC-335-SY3
Screw
Bracket
28 Vdc
FC-335-CW4
Solder
Hook
Stud
28 Vdc
(Suppressed)
FC-335-SY4
Screw
Bracket
28 Vdc
(Suppressed)
FC-335-CW9
Solder
Hook
Stud
115 Vac, 50/60 Hz
FC-335-SY9
Screw
Bracket
115 Vac, 50/60 Hz
FC-335-CW8
Solder
Hook
Stud
115 Vac, 400 Hz
FC-335-SY8
Screw
Bracket
115 Vac, 400 Hz
* SPECIALS AVAILABLE UPON REQUEST, PLEASE CONTACT FACTORY.
CONTACT ELECTRICAL CHARACTERISTICS
CONTACT RATING (A)
Type of Load
Life (Min.)
Cycles X103
28Vdc
25A, 230 VAC
35A, 115 VAC
400 Hz
50/60 Hz
400Hz
50/60Hz
Resistive
50
35
25
25
35
35
Inductive
10
15
25
25
25
25
Motor
50
20
20
12
20
12
Lamp
50
10
10
10
10
10
Mechanical life
reduced current
200
6.3
6.3
6.3
6.3
6.3


同様の部品番号 - FC-335-SY9

メーカー部品番号データシート部品情報
logo
PREMO CORPORATION S.L
FC-3125 PREMO-FC-3125 Datasheet
137Kb / 1P
   Screened Room Filters
FC-316 PREMO-FC-316 Datasheet
137Kb / 1P
   Screened Room Filters
FC-325 PREMO-FC-325 Datasheet
137Kb / 1P
   Screened Room Filters
logo
TE Connectivity Ltd
FC-325 TEC-FC-325 Datasheet
1,004Kb / 6P
   Compact, Hermetically Sealed, Non-Latching Relays
FC-325-CW3 TEC-FC-325-CW3 Datasheet
1,004Kb / 6P
   Compact, Hermetically Sealed, Non-Latching Relays
More results

同様の説明 - FC-335-SY9

メーカー部品番号データシート部品情報
logo
Schneider Electric
389FHXXC1-120A SCHNEIDER-389FHXXC1-120A Datasheet
173Kb / 4P
   Power relay, SE Relays, SPST-NO-DM, 30A, 120 VAC, side flange cover
logo
Leach International Cor...
KM-D5A LEACH-KM-D5A Datasheet
360Kb / 5P
   RELAY – NONLATCH 1 PST-DM, 50 AMP
logo
WAGO Kontakttechnik Gmb...
286-507 WAGO-286-507 Datasheet
318Kb / 6P
   Relay module; Nominal input voltage: 115 VAC
logo
Leach International Cor...
KXX5A LEACH-KXX5A Datasheet
783Kb / 6P
   RELAY NONLATCH 1 PST/NO (DM) / 75 AMP
logo
ORION FANS
OA280 ORIONFANS-OA280 Datasheet
287Kb / 1P
   1 min at 1500 VAC, 50/60Hz
logo
Leach International Cor...
KXD LEACH-KXD Datasheet
554Kb / 5P
   RELAY NONLATCH 1 PST/NO (DM) AUX / 75 AMP
KXDL LEACH-KXDL Datasheet
1Mb / 9P
   RELAY MAGNETIC LATCH 1 PST/NO (DM) / 75 AMP
KXL LEACH-KXL Datasheet
431Kb / 5P
   RELAY MAGNETIC LATCH, 1 PST/NO (DM) / 75 AMP
logo
Weidmuller
2663330000 WEIDMULLER-2663330000 Datasheet
139Kb / 4P
   A2C 50/70-DM
logo
Schneider Electric
A9C30811 SCHNEIDER-A9C30811 Datasheet
87Kb / 3P
   impulse relay iTL - 1P - 1NO - 16A - coil 110 VDC - 230...240 VAC 50/60Hz
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com