データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74404086471 データシート(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 74404086471
部品情報  WE-LQS SMD Power Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74404086471 データシート(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74404086471 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74404086471 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74404086471 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74404086471 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74404086471 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 74404086471 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Packaging Specification - Tape and Reel: [mm]
D0
top cover
tape
No Component
min. 160mm
Components
No Component
min. 100mm
Cover Tape
min. 400mm
P2
P0
A0
P1
T
T1
K0
T2
End
Feeding direction
Start
Carrier tape
Cover tape
packaging is reffered to the international standard IEC 60286-3:2013
A0
B0
W
P1
T
T1
T2
K0
D0
D1
E1
E2
F
P0
P2
Tape Type
VPE / packaging unit
tolerance
typ.
typ.
±0,3
±0,1
max.
min.
ref.
typ.
+0,1
min.
±0,1
min.
±0,05
±0,1
±0,05
pcs.
size
8065
8.30
8.30
16.00
12.00
0.60
0.10
7.40
6.70
1.50
1.50
1.75
14.25
7.50
4.00
2.00
Polystyrene
700
165° - 180°
Pull-of force
Tape width
16 mm
0,1 N - 1,3 N
B
C
W3
W2
W1
close to center
A
B
C
D
N
W1
W2
W3
W3
tolerance
±2,0
min.
±0,8
min.
min.
+1,5
max.
min.
max.
Tape width
16 mm
330.00
1.50
13.00
20.20
60.00
16.40
22.40
15.90
19.40
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
JRS
DIN ISO 2768-1m
DESCRIPTION
WE-LQS SMD Power Inductor
ORDER CODE
74404086471
SIZE
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
8065
001.000
Valid
2017-07-17
eiSos
3/6
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


同様の部品番号 - 74404086471

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
74404086472 WURTH-74404086472 Datasheet
529Kb / 6P
   WE-LQS SMD Power Inductor
More results

同様の説明 - 74404086471

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
74404086151 WURTH-74404086151 Datasheet
450Kb / 6P
   WE-LQS SMD Power Inductor
74404024015 WURTH-74404024015 Datasheet
418Kb / 6P
   WE-LQS SMD Power Inductor
74404052220 WURTH-74404052220 Datasheet
1Mb / 6P
   WE-LQS SMD Power Inductor
74404052470 WURTH-74404052470 Datasheet
1Mb / 6P
   WE-LQS SMD Power Inductor
74404064010 WURTH-74404064010 Datasheet
1Mb / 6P
   WE-LQS SMD Power Inductor
74404064015 WURTH-74404064015 Datasheet
1Mb / 6P
   WE-LQS SMD Power Inductor
74404024068 WURTH-74404024068 Datasheet
418Kb / 6P
   WE-LQS SMD Power Inductor
74404043221A WURTH-74404043221A Datasheet
305Kb / 5P
   WE-LQS SMD Power Inductor
74404064680 WURTH-74404064680 Datasheet
1Mb / 6P
   WE-LQS SMD Power Inductor
74404042100 WURTH-74404042100 Datasheet
1Mb / 6P
   WE-LQS SMD Power Inductor
74404063047 WURTH-74404063047 Datasheet
1Mb / 6P
   WE-LQS SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com