データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDS6994S データシート(PDF) 7 Page - Fairchild Semiconductor

部品番号 FDS6994S
部品情報  Dual Notebook Power Supply N-Channel PowerTrench SyncFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6994S データシート(HTML) 7 Page - Fairchild Semiconductor

  FDS6994S Datasheet HTML 1Page - Fairchild Semiconductor FDS6994S Datasheet HTML 2Page - Fairchild Semiconductor FDS6994S Datasheet HTML 3Page - Fairchild Semiconductor FDS6994S Datasheet HTML 4Page - Fairchild Semiconductor FDS6994S Datasheet HTML 5Page - Fairchild Semiconductor FDS6994S Datasheet HTML 6Page - Fairchild Semiconductor FDS6994S Datasheet HTML 7Page - Fairchild Semiconductor FDS6994S Datasheet HTML 8Page - Fairchild Semiconductor FDS6994S Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
FDS6994S Rev C2(W)
Typical Characteristics Q1
0
1
2
3
4
5
0
2468
10
Qg, GATE CHARGE (nC)
ID = 6.9A
VDS = 10V
15V
20V
0
200
400
600
800
1000
1200
0
5
10
15
20
25
30
VDS, DRAIN TO SOURCE VOLTAGE (V)
C
iss
Coss
Crss
f = 1 MHz
VGS = 0 V
Figure 17. Gate Charge Characteristics.
Figure 18. Capacitance Characteristics.
0.01
0.1
1
10
100
0.01
0.1
1
10
100
VDS, DRAIN-SOURCE VOLTAGE (V)
DC
10s
1s
100ms
100
µs
RDS(ON) LIMIT
VGS = 10V
SINGLE PULSE
RθJA = 135
oC/W
TA = 25
oC
10ms
1ms
0
10
20
30
40
50
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
SINGLE PULSE
RθJA = 135°C/W
TA = 25°C
Figure 19. Maximum Safe Operating Area.
Figure 20. Single Pulse Maximum
Power Dissipation.
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
RθJA(t) = r(t) * RθJA
RθJA = 135
oC/W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
P(pk)
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 21. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1c.
Transient thermal response will change depending on the circuit board design.


同様の部品番号 - FDS6994S

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS6990 FAIRCHILD-FDS6990 Datasheet
119Kb / 5P
   Dual N-Channel Logic Level PowerTrenchTM MOSFET
FDS6990 FAIRCHILD-FDS6990 Datasheet
86Kb / 6P
   Dual 30V N-Channel PowerTrench SyncFET
FDS6990A FAIRCHILD-FDS6990A Datasheet
119Kb / 5P
   Dual N-Channel Logic Level PowerTrenchTM MOSFET
FDS6990AS FAIRCHILD-FDS6990AS Datasheet
542Kb / 8P
   Dual 30V N-Channel PowerTrench SyncFET
FDS6990AS FAIRCHILD-FDS6990AS Datasheet
899Kb / 8P
   Dual 30V N-Channel PowerTrench SyncFET
More results

同様の説明 - FDS6994S

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS6984AS FAIRCHILD-FDS6984AS Datasheet
150Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6986AS FAIRCHILD-FDS6986AS Datasheet
177Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6982S FAIRCHILD-FDS6982S Datasheet
256Kb / 12P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFet?
FDS6982AS FAIRCHILD-FDS6982AS_06 Datasheet
1,009Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6982AS FAIRCHILD-FDS6982AS Datasheet
168Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6984S FAIRCHILD-FDS6984S Datasheet
552Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET?
FDS6986S FAIRCHILD-FDS6986S Datasheet
200Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET?
FDS6984AS FAIRCHILD-FDS6984AS_08 Datasheet
443Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
logo
ON Semiconductor
FDS6982AS ONSEMI-FDS6982AS Datasheet
611Kb / 11P
   Dual Notebook Power Supply N-Channel PowerTrench짰 SyncFET?
October-2017, Rev. 2
logo
Fairchild Semiconductor
FDS6982AS FAIRCHILD-FDS6982AS_08 Datasheet
440Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench짰 SyncFET?
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com