データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMK60E2-100M データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMK60E2-100M
部品情報  High Performance Low Jitter Oscillator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMK60E2-100M データシート(HTML) 4 Page - Texas Instruments

  LMK60E2-100M Datasheet HTML 1Page - Texas Instruments LMK60E2-100M Datasheet HTML 2Page - Texas Instruments LMK60E2-100M Datasheet HTML 3Page - Texas Instruments LMK60E2-100M Datasheet HTML 4Page - Texas Instruments LMK60E2-100M Datasheet HTML 5Page - Texas Instruments LMK60E2-100M Datasheet HTML 6Page - Texas Instruments LMK60E2-100M Datasheet HTML 7Page - Texas Instruments LMK60E2-100M Datasheet HTML 8Page - Texas Instruments LMK60E2-100M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
LMK60E2-100M, LMK60E2-125M, LMK60E2-156M, LMK60E0-156M
LMK60E0-212M, LMK60I2-100M, LMK60I2-322M
SNAS718C – DECEMBER 2016 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: LMK60E2-100M LMK60E2-125M LMK60E2-156M LMK60E0-156M LMK60E0-212M LMK60I2-
100M LMK60I2-322M
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD
Device supply voltage
3.135
3.3
3.465
V
TA
Ambient temperature
–40
25
85
°C
TJ
Junction temperature
105
°C
tRAMP
VDD power-up ramp time
0.1
100
ms
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
The package thermal resistance is calculated on a 4 layer JEDEC board.
(3)
Connected to GND with 2 thermal vias (0.3-mm diameter).
(4)
ψJB (junction to board) is used when the main heat flow is from the junction to the GND pad. Please refer to Thermal Considerations
section for more information on ensuring good system reliability and quality.
6.4 Thermal Information
THERMAL METRIC(1)
LMK60EX (2) (3) (4)
UNIT
SIA (QFM)
6 PINS
Airflow (LFM) 0
RθJA
Junction-to-ambient thermal resistance
74.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
46.7
°C/W
RθJB
Junction-to-board thermal resistance
49.0
°C/W
ψJT
Junction-to-top characterization parameter
14.8
°C/W
ψJB
Junction-to-board characterization parameter
48.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
°C/W
(1)
Refer to Parameter Measurement Information for relevant test conditions.
(2)
On-chip power dissipation should exclude 40 mW, dissipated in the 150 Ω termination resistors, from total power dissipation.
(3)
Excludes load current.
6.5 Electrical Characteristics - Power Supply
(1)
VDD = 3.3 V ± 5%, TA = -40C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDD
Device current consumption
LVPECL(2)
95
110
mA
LVDS
85
100
HCSL(3)
90
105
IDD-PD
Device current consumption
when output is disabled
OE = GND
70
mA
(1)
Refer to Parameter Measurement Information for relevant test conditions.
(2)
An output frequency over fOUT max spec is possible, but output swing may be less than VOD min spec.
(3)
Ensured by characterization.
6.6 LVPECL Output Characteristics
(1)
VDD = 3.3 V ± 5%, TA = -40C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOUT
Output frequency(2)
400
MHz
VOD
Output voltage swing (VOH – VOL)
(2)
700
950
1200
mV
VOUT, DIFF, PP Differential output peak-to-peak swing
2 × |VOD|
V
VOS
Output common-mode voltage
VDD – 1.45
V
tR / tF
Output rise/fall time (20% to 80%)(3)
260
350
ps
ODC
Output duty cycle(3)
45%
55%


同様の部品番号 - LMK60E2-100M

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMK60E2-125M TI1-LMK60E2-125M Datasheet
830Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK60E2-125M00SIAR TI1-LMK60E2-125M00SIAR Datasheet
830Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK60E2-125M00SIAT TI1-LMK60E2-125M00SIAT Datasheet
830Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK60E2-150M TI1-LMK60E2-150M Datasheet
1Mb / 22P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-150M TI1-LMK60E2-150M Datasheet
283Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
More results

同様の説明 - LMK60E2-100M

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMK60E2-156M TI1-LMK60E2-156M Datasheet
266Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-100M TI1-LMK62E2-100M Datasheet
321Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-156M TI1-LMK62E2-156M_17 Datasheet
301Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-150M TI1-LMK60E2-150M Datasheet
283Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-150M00 TI1-LMK60E2-150M00 Datasheet
1Mb / 22P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-125M TI1-LMK60E2-125M Datasheet
830Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK61E2-100M TI1-LMK61E2-100M Datasheet
1Mb / 23P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK62E2-156M TI1-LMK62E2-156M Datasheet
383Kb / 9P
[Old version datasheet]   LMK62XX High-Performance Low Jitter Oscillator
LMK61E0-050M_017 TI1-LMK61E0-050M_017 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com