データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM76002QRNPTQ1 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM76002QRNPTQ1
部品情報  3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM76002QRNPTQ1 データシート(HTML) 3 Page - Texas Instruments

  LM76002QRNPTQ1 Datasheet HTML 1Page - Texas Instruments LM76002QRNPTQ1 Datasheet HTML 2Page - Texas Instruments LM76002QRNPTQ1 Datasheet HTML 3Page - Texas Instruments LM76002QRNPTQ1 Datasheet HTML 4Page - Texas Instruments LM76002QRNPTQ1 Datasheet HTML 5Page - Texas Instruments LM76002QRNPTQ1 Datasheet HTML 6Page - Texas Instruments LM76002QRNPTQ1 Datasheet HTML 7Page - Texas Instruments LM76002QRNPTQ1 Datasheet HTML 8Page - Texas Instruments LM76002QRNPTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
2
3
4
23
25
24
PVIN
SW
SW
DAP
PVIN
PGND
SW
22
26
1
5
SW
SW
NC
21
6
VCC
PGND
PGND
RT
BIAS
20
7
PVIN
PGOOD
19
8
NC
SS/TRK
9
10
18
17
EN
BOOT
FB
SYNC/MODE
16
11
29
28
27
30
13
14
15
12
NC
NC
NC
NC
AGND
AGND
AGND
NC
3
LM76002-Q1, LM76003-Q1
www.ti.com
SNVSAU3 – DECEMBER 2017
Product Folder Links: LM76002-Q1 LM76003-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
RNP Package
30-Pin WQFN
Top View


同様の部品番号 - LM76002QRNPTQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM76002 TI1-LM76002 Datasheet
1Mb / 53P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM76002RNPR TI1-LM76002RNPR Datasheet
1Mb / 53P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM76002RNPT TI1-LM76002RNPT Datasheet
1Mb / 53P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
More results

同様の説明 - LM76002QRNPTQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM76002 TI1-LM76002 Datasheet
1Mb / 53P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM46001-Q1 TI1-LM46001-Q1_17 Datasheet
2Mb / 55P
[Old version datasheet]   3.5-V to 60-V, 1 A Synchronous Step-Down Voltage Converter
LM46002-Q1 TI1-LM46002-Q1 Datasheet
2Mb / 60P
[Old version datasheet]   3.5-V to 60-V, 2-A, Synchronous Step-Down Voltage Converter
LM46000-Q1 TI1-LM46000-Q1 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 60-V, 0.5-A Synchronous Step-Down Voltage Converter
LM76005 TI1-LM76005 Datasheet
1Mb / 39P
[Old version datasheet]   LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
LM46000-Q1 TI-LM46000-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
LM46002-Q1 TI-LM46002-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM46002 TI-LM46002_15 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM43600-Q1 TI1-LM43600-Q1_17 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 36-V, 0.5-A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com