データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMK61E07-SIAR データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMK61E07-SIAR
部品情報  Ultra-Low Jitter Programmable Oscillator With Internal EEPROM
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMK61E07-SIAR データシート(HTML) 10 Page - Texas Instruments

Back Button LMK61E07-SIAR Datasheet HTML 6Page - Texas Instruments LMK61E07-SIAR Datasheet HTML 7Page - Texas Instruments LMK61E07-SIAR Datasheet HTML 8Page - Texas Instruments LMK61E07-SIAR Datasheet HTML 9Page - Texas Instruments LMK61E07-SIAR Datasheet HTML 10Page - Texas Instruments LMK61E07-SIAR Datasheet HTML 11Page - Texas Instruments LMK61E07-SIAR Datasheet HTML 12Page - Texas Instruments LMK61E07-SIAR Datasheet HTML 13Page - Texas Instruments LMK61E07-SIAR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
Frequency (MHz)
78.125
109.375
140.625
171.875
203.125
234.375
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
D007
Frequency (MHz)
78.125
109.375
140.625
171.875
203.125
234.375
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
D008
10
LMK61E07
SNAS722 – DECEMBER 2017
www.ti.com
Product Folder Links: LMK61E07
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
PLL Bandwidth = 400 kHz
VCO Frequency = 5.15625 GHz
Fractional-N PLL
Output Divider = 32
Figure 5. Closed Loop Phase Noise of LVDS Differential
Output at 161.1328125 MHz
PLL Bandwidth = 400 kHz
VCO Frequency = 5.15625 GHz
Fractional-N PLL
Output Divider = 32
Figure 6. Closed-Loop Phase Noise of HCSL Differential
Output at 161.1328125 MHz
PLL Bandwidth = 400 kHz
VCO Frequency = 5 GHz
Integer-N PLL
Output Divider = 32
Figure 7. 156.25 ± 78.125-MHz LVPECL Differential Output
Spectrum
PLL Bandwidth = 400 kHz
VCO Frequency = 5 GHz
Integer-N PLL
Output Divider = 32
Figure 8. 156.25 ± 78.125 MHz LVDS Differential Output
Spectrum


同様の部品番号 - LMK61E07-SIAR

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMK61E0-050M TI1-LMK61E0-050M Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M Datasheet
447Kb / 22P
[Old version datasheet]   LMK61XX High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M00 TI1-LMK61E0-050M00 Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M00 TI1-LMK61E0-050M00 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
More results

同様の説明 - LMK61E07-SIAR

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMK61E2 TI1-LMK61E2_16 Datasheet
1Mb / 55P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator with Internal EEPROM
LMK61E0M TI1-LMK61E0M Datasheet
856Kb / 47P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator with Internal EEPROM
LMK61E08 TI-LMK61E08 Datasheet
1Mb / 54P
[Old version datasheet]   LMK61E08 Ultra-Low Jitter Programmable Oscillator With Internal EEPROM
LMK61E2 TI1-LMK61E2 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator
logo
Micrel Semiconductor
MX852BB0030 MICREL-MX852BB0030 Datasheet
1Mb / 11P
   Ultra-Low Jitter XTAL Oscillator with Fanout
MX852EB0027 MICREL-MX852EB0027 Datasheet
1Mb / 11P
   Ultra-Low Jitter XTAL Oscillator with Fanout
logo
Silicon Laboratories
SI535 SILABS-SI535 Datasheet
323Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR
logo
Micrel Semiconductor
DSC8101 MICREL-DSC8101 Datasheet
682Kb / 6P
   Programmable Low-Jitter Precision CMOS Oscillator
DSC8102 MICREL-DSC8102 Datasheet
605Kb / 6P
   Programmable Low-Jitter Precision LVPECL Oscillator
DSC8103 MICREL-DSC8103 Datasheet
609Kb / 6P
   Programmable Low-Jitter Precision LVDS Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com