データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMK60E0-156M25SIAR データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMK60E0-156M25SIAR
部品情報  High Performance Low Jitter Oscillator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMK60E0-156M25SIAR データシート(HTML) 9 Page - Texas Instruments

Back Button LMK60E0-156M25SIAR Datasheet HTML 5Page - Texas Instruments LMK60E0-156M25SIAR Datasheet HTML 6Page - Texas Instruments LMK60E0-156M25SIAR Datasheet HTML 7Page - Texas Instruments LMK60E0-156M25SIAR Datasheet HTML 8Page - Texas Instruments LMK60E0-156M25SIAR Datasheet HTML 9Page - Texas Instruments LMK60E0-156M25SIAR Datasheet HTML 10Page - Texas Instruments LMK60E0-156M25SIAR Datasheet HTML 11Page - Texas Instruments LMK60E0-156M25SIAR Datasheet HTML 12Page - Texas Instruments LMK60E0-156M25SIAR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
LMK60E2-100M, LMK60E2-125M, LMK60E2-156M, LMK60E0-156M
LMK60E0-212M, LMK60I2-100M, LMK60I2-322M
www.ti.com
SNAS718C – DECEMBER 2016 – REVISED DECEMBER 2017
Product Folder Links: LMK60E2-100M LMK60E2-125M LMK60E2-156M LMK60E0-156M LMK60E0-212M LMK60I2-
100M LMK60I2-322M
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
8 Power Supply Recommendations
For best electrical performance of LMK60EX, TI recommends using a combination of 10 µF, 1 µF, and 0.1 µF on
its power-supply bypass network. TI also recommends using component side mounting of the power-supply
bypass capacitors and it is best to use 0201 or 0402 body size capacitors to facilitate signal routing. Keep the
connections between the bypass capacitors and the power supply on the device as short as possible. Ground the
other side of the capacitor using a low impedance connection to the ground plane. Figure 9 shows the layout
recommendation for power supply decoupling of LMK60EX.
9 Layout
9.1 Layout Guidelines
The following sections provides recommendations for board layout, solder reflow profile, and power supply
bypassing when using LMK60EX to ensure good thermal and electrical performance, along with overall signal
integrity of entire system.
9.1.1 Ensuring Thermal Reliability
The LMK60EX is a high-performance device. Therefore, pay careful attention to device configuration and the
printed-circuit board (PCB) layout with respect to power consumption. The ground pin must be connected to the
ground plane of the PCB through three vias or more, as shown in Figure 9, to maximize thermal dissipation out
of the package.
Equation 1 describes the relationship between the PCB temperature around the LMK60EX and its junction
temperature.
TB = TJ – ΨJB * P
where
TB: PCB temperature around the LMK60EX
TJ: Junction temperature of LMK60EX
ΨJB: Junction-to-board thermal resistance parameter of LMK60EX (48.7°C/W without airflow)
P: On-chip power dissipation of LMK60EX
(1)
To ensure that the maximum junction temperature of LMK60EX is below 105°C, it can be calculated that the
maximum PCB temperature without airflow should be at 87°C or below when the device is optimized for best
performance resulting in maximum on-chip power dissipation of 0.36 W.
9.1.2 Best Practices for Signal Integrity
For best electrical performance and signal integrity of entire system with LMK60EX, TI recommends routing vias
into decoupling capacitors and then into the LMK60EX. TI also recommends increasing the via count and width
of the traces wherever possible. These steps ensure lowest impedance and shortest path for high frequency
current flow. Figure 9 shows the layout recommendation for LMK60EX.


同様の部品番号 - LMK60E0-156M25SIAR

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMK60E0-156M25SIAR TI1-LMK60E0-156M25SIAR Datasheet
266Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E0-156M25SIAR TI1-LMK60E0-156M25SIAR Datasheet
830Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
More results

同様の説明 - LMK60E0-156M25SIAR

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMK60E2-156M TI1-LMK60E2-156M Datasheet
266Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-100M TI1-LMK62E2-100M Datasheet
321Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-156M TI1-LMK62E2-156M_17 Datasheet
301Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-150M TI1-LMK60E2-150M Datasheet
283Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-150M00 TI1-LMK60E2-150M00 Datasheet
1Mb / 22P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-125M TI1-LMK60E2-125M Datasheet
830Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK61E2-100M TI1-LMK61E2-100M Datasheet
1Mb / 23P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK62E2-156M TI1-LMK62E2-156M Datasheet
383Kb / 9P
[Old version datasheet]   LMK62XX High-Performance Low Jitter Oscillator
LMK61E0-050M_017 TI1-LMK61E0-050M_017 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com