データシートサーチシステム |
|
LMK60E2-156M25SIAT データシート(PDF) 5 Page - Texas Instruments |
|
|
LMK60E2-156M25SIAT データシート(HTML) 5 Page - Texas Instruments |
5 / 19 page 5 LMK60E2-100M, LMK60E2-125M, LMK60E2-156M, LMK60E0-156M LMK60E0-212M, LMK60I2-100M, LMK60I2-322M www.ti.com SNAS718C – DECEMBER 2016 – REVISED DECEMBER 2017 Product Folder Links: LMK60E2-100M LMK60E2-125M LMK60E2-156M LMK60E0-156M LMK60E0-212M LMK60I2- 100M LMK60I2-322M Submit Documentation Feedback Copyright © 2016–2017, Texas Instruments Incorporated (1) An output frequency over fOUT max spec is possible, but output swing may be less than VOD min spec. (2) Ensured by characterization. 6.7 LVDS Output Characteristics (1) VDD = 3.3 V ± 5%, TA = -40°C to 85°C PARAMETER TEST CONDITIONS MIN TYP MAX UNIT fOUT Output frequency(1) 400 MHz VOD Output voltage swing (VOH – VOL) (1) 300 390 480 mV VOUT, DIFF, PP Differential output peak-to-peak swing 2 x |VOD| V VOS Output common-mode voltage 1.2 V tR / tF Output rise/fall time (20% to 80%)(2) 260 350 ps ODC Output duty cycle(2) 45% 55% ROUT Differential output impedance 107 Ω (1) Refer to Parameter Measurement Information for relevant test conditions. (2) Measured from –150 mV to +150 mV on the differential waveform with the 300 mVpp measurement window centered on the differential zero crossing. (3) Ensured by design. (4) Ensured by characterization. 6.8 HCSL Output Characteristics (1) VDD = 3.3 V ± 5%, TA = -40°C to 85°C PARAMETER TEST CONDITIONS MIN TYP MAX UNIT fOUT Output frequency 400 MHz VOH Output high voltage 660 900 mV VOL Output low voltage –100 100 mV VCROSS Absolute crossing voltage(2)(3) 250 475 mV VCROSS-DELTA Variation of VCROSS (2) (3) 0 140 mV dV/dt Slew rate(4) 1 3 V/ns ODC Output duty cycle(4) 45% 55% 6.9 OE Input Characteristics VDD = 3.3 V ± 5%, TA = -40°C to 85°C PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VIH Input high voltage 1.4 V VIL Input low voltage 0.6 V IIH Input high current VIH = VDD –40 40 µA IIL Input low current VIL = GND –40 40 µA CIN Input capacitance 2 pF (1) Ensured by characterization. 6.10 Frequency Tolerance Characteristics (1) VDD = 3.3 V ± 5%, TA = -40°C to 85°C PARAMETER TEST CONDITIONS MIN TYP MAX UNIT fT Total frequency tolerance LMK60X2: All output formats, frequency bands and device junction temperature up to 105°C; includes initial freq tolerance, temperature & supply voltage variation, solder reflow and 5-year aging at 40°C –50 50 ppm LMK60X0: All output formats, frequency bands and device junction temperature up to 105°C; includes initial freq tolerance, temperature & supply voltage variation, solder reflow and 5-year aging at 40°C –25 25 ppm |
同様の部品番号 - LMK60E2-156M25SIAT |
|
同様の説明 - LMK60E2-156M25SIAT |