データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMK62A2-156M25SIAT データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMK62A2-156M25SIAT
部品情報  High-Performance Low Jitter Oscillator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMK62A2-156M25SIAT データシート(HTML) 8 Page - Texas Instruments

Back Button LMK62A2-156M25SIAT Datasheet HTML 4Page - Texas Instruments LMK62A2-156M25SIAT Datasheet HTML 5Page - Texas Instruments LMK62A2-156M25SIAT Datasheet HTML 6Page - Texas Instruments LMK62A2-156M25SIAT Datasheet HTML 7Page - Texas Instruments LMK62A2-156M25SIAT Datasheet HTML 8Page - Texas Instruments LMK62A2-156M25SIAT Datasheet HTML 9Page - Texas Instruments LMK62A2-156M25SIAT Datasheet HTML 10Page - Texas Instruments LMK62A2-156M25SIAT Datasheet HTML 11Page - Texas Instruments LMK62A2-156M25SIAT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
VOD
OUT_P
OUT_N
VOUT,DIFF,PP = 2 x VOD
0 V
20%
80%
tR
tF
Sine wave
Modulator
Power Supply
Balun
Phase Noise/
Spectrum
Analyzer
LMK62XX
150
(LVPECL)
Open (LVDS)
50
(HCSL)
150
(LVPECL)
Open (LVDS)
50
(HCSL)
Copyright © 2017, Texas Instruments Incorporated
LMK62XX
HCSL
50
50
Balun/
Buffer
Phase Noise/
Spectrum
Analyzer
Copyright © 2017, Texas Instruments Incorporated
Phase Noise/
Spectrum
Analyzer
LVDS
Balun/
Buffer
LMK62XX
Copyright © 2017, Texas Instruments Incorporated
8
LMK62E2-100M, LMK62E2-156M, LMK62E0-156M, LMK62A2-100M, LMK62A2-150M
LMK62A2-156M, LMK62A2-200M, LMK62A2-266M, LMK62I0-100M, LMK62I0-156M
SNAS691C – DECEMBER 2016 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: LMK62E2-100M LMK62E2-156M LMK62E0-156M LMK62A2-100M LMK62A2-150M LMK62A2-
156M LMK62A2-200M LMK62A2-266M LMK62I0-100M LMK62I0-156M
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Device Output Configurations (continued)
Figure 5. LVDS Output AC Configuration During Device Test
Figure 6. HCSL Output AC Configuration During Device Test
Figure 7. PSRR Test Setup
Figure 8. Differential Output Voltage and Rise/Fall Time


同様の部品番号 - LMK62A2-156M25SIAT

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMK62A2-156M25SIAT TI1-LMK62A2-156M25SIAT Datasheet
301Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
More results

同様の説明 - LMK62A2-156M25SIAT

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMK60E2-156M TI1-LMK60E2-156M Datasheet
266Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-156M TI1-LMK62E2-156M_17 Datasheet
301Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-150M TI1-LMK60E2-150M Datasheet
283Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-100M TI1-LMK60E2-100M Datasheet
840Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK60E2-150M00 TI1-LMK60E2-150M00 Datasheet
1Mb / 22P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-125M TI1-LMK60E2-125M Datasheet
830Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK61E2-100M TI1-LMK61E2-100M Datasheet
1Mb / 23P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK62E2-156M TI1-LMK62E2-156M Datasheet
383Kb / 9P
[Old version datasheet]   LMK62XX High-Performance Low Jitter Oscillator
LMK61E0-050M_017 TI1-LMK61E0-050M_017 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com