データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMK60I2-322M26SIAR データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMK60I2-322M26SIAR
部品情報  High Performance Low Jitter Oscillator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMK60I2-322M26SIAR データシート(HTML) 6 Page - Texas Instruments

Back Button LMK60I2-322M26SIAR Datasheet HTML 2Page - Texas Instruments LMK60I2-322M26SIAR Datasheet HTML 3Page - Texas Instruments LMK60I2-322M26SIAR Datasheet HTML 4Page - Texas Instruments LMK60I2-322M26SIAR Datasheet HTML 5Page - Texas Instruments LMK60I2-322M26SIAR Datasheet HTML 6Page - Texas Instruments LMK60I2-322M26SIAR Datasheet HTML 7Page - Texas Instruments LMK60I2-322M26SIAR Datasheet HTML 8Page - Texas Instruments LMK60I2-322M26SIAR Datasheet HTML 9Page - Texas Instruments LMK60I2-322M26SIAR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
LMK60E2-100M, LMK60E2-125M, LMK60E2-156M, LMK60E0-156M
LMK60E0-212M, LMK60I2-100M, LMK60I2-322M
SNAS718C – DECEMBER 2016 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: LMK60E2-100M LMK60E2-125M LMK60E2-156M LMK60E0-156M LMK60E0-212M LMK60I2-
100M LMK60I2-322M
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
(1)
Ensured by characterization.
(2)
Ensured by design.
6.11 Power-On/Reset Characteristics (VDD)
VDD = 3.3 V ± 5%, TA = -40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VTHRESH
Threshold voltage(1)
2.85
3
V
VDROOP
Allowable voltage droop(2)
0.1
V
tSTARTUP
Start-up time (1)
Time elapsed from VDD at 3.135 V to output
enabled
10
ms
tOE-EN
Output enable time(2)
Time elapsed from OE at VIH to output enabled
50
µs
tOE-DIS
Output disable time(2)
Time elapsed from OE at VIL to output disabled
50
µs
(1)
Refer to Parameter Measurement Information for relevant test conditions.
(2)
Measured max spur level with 50 mVpp sinusoidal signal between 50 kHz and 1 MHz applied on VDD pin
(3)
DJSPUR (ps, pk-pk) = [2*10(SPUR/20) / (π*fOUT)]*1e6, where PSRR or SPUR in dBc and fOUT in MHz.
6.12 PSRR Characteristics
(1)
VDD = 3.3 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PSRR
Spurs induced by 50-mV
power supply ripple(2)(3) at
156.25-MHz output, all
output types
Sine wave at 50 kHz
–60
dBc
Sine wave at 100 kHz
–60
Sine wave at 500 kHz
–60
Sine wave at 1 MHz
–60
(1)
Refer to Parameter Measurement Information for relevant test conditions.
(2)
Phase jitter measured with Agilent E5052 signal source analyzer using a differential-to-single ended converter (balun or buffer).
(3)
Ensured by characterization.
6.13 PLL Clock Output Jitter Characteristics
(1) (2)
VDD = 3.3 V ± 5%, TA = -40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RJ
RMS phase jitter(3)
(12 kHz – 20 MHz)
fOUT ≥ 100 MHz, all output types
150
250
fs RMS
6.14 Additional Reliability and Qualification
PARAMETER
CONDITION / TEST METHOD
Mechanical Shock
MIL-STD-202, Method 213
Mechanical Vibration
MIL-STD-202, Method 204
Moisture Sensitivity Level
J-STD-020, MSL3


同様の部品番号 - LMK60I2-322M26SIAR

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMK60I2-322M26SIAR TI1-LMK60I2-322M26SIAR Datasheet
830Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
More results

同様の説明 - LMK60I2-322M26SIAR

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMK60E2-156M TI1-LMK60E2-156M Datasheet
266Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-100M TI1-LMK62E2-100M Datasheet
321Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-156M TI1-LMK62E2-156M_17 Datasheet
301Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-150M TI1-LMK60E2-150M Datasheet
283Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-150M00 TI1-LMK60E2-150M00 Datasheet
1Mb / 22P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-125M TI1-LMK60E2-125M Datasheet
830Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK61E2-100M TI1-LMK61E2-100M Datasheet
1Mb / 23P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK62E2-156M TI1-LMK62E2-156M Datasheet
383Kb / 9P
[Old version datasheet]   LMK62XX High-Performance Low Jitter Oscillator
LMK61E0-050M_017 TI1-LMK61E0-050M_017 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com