データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMK62I0-100M00SIAT データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMK62I0-100M00SIAT
部品情報  High-Performance Low Jitter Oscillator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMK62I0-100M00SIAT データシート(HTML) 1 Page - Texas Instruments

  LMK62I0-100M00SIAT Datasheet HTML 1Page - Texas Instruments LMK62I0-100M00SIAT Datasheet HTML 2Page - Texas Instruments LMK62I0-100M00SIAT Datasheet HTML 3Page - Texas Instruments LMK62I0-100M00SIAT Datasheet HTML 4Page - Texas Instruments LMK62I0-100M00SIAT Datasheet HTML 5Page - Texas Instruments LMK62I0-100M00SIAT Datasheet HTML 6Page - Texas Instruments LMK62I0-100M00SIAT Datasheet HTML 7Page - Texas Instruments LMK62I0-100M00SIAT Datasheet HTML 8Page - Texas Instruments LMK62I0-100M00SIAT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
NC
OUTN
VDD
OE
GND
OUTP
1
6
2
5
4
3
1
2
3
6
5
4
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LMK62E2-100M, LMK62E2-156M, LMK62E0-156M, LMK62A2-100M, LMK62A2-150M
LMK62A2-156M, LMK62A2-200M, LMK62A2-266M, LMK62I0-100M, LMK62I0-156M
SNAS691C – DECEMBER 2016 – REVISED DECEMBER 2017
LMK62XX High-Performance Low Jitter Oscillator
1
1 Features
1
Low Noise, High Performance
Jitter: 150 fs RMS typical Fout > 100 MHz
PSRR: –60 dBc, Robust Supply Noise
Immunity
Supported Output Format
LVPECL, LVDS and HCSL up to 400 MHz
Total Frequency Tolerance of ±50 ppm
(LMK62X2) and ±25 ppm (LMK62X0)
3.3-V Operating Voltage
Industrial Temperature Range (–40ºC to +85ºC)
5-mm × 3.2-mm 6-pin Package That is Pin-
Compatible With Industry Standard 5032 XO
Package
2 Applications
High-Performance Replacement for Crystal-,
SAW-, or Silicon-based Oscillators
Switches, Routers, Network Line Cards, Base
Band Units (BBU), Servers, Storage/SAN
Test and Measurement
Medical Imaging
FPGA, Processor Attach
3 Description
The LMK62XX device is a low jitter oscillator that
generates a commonly used reference clock. The
device is pre-programmed in factory to support any
reference clock frequency; supported output formats
are LVPECL, LVDS and HCSL up to 400 MHz.
Internal power conditioning provide excellent power
supply ripple rejection (PSRR), reducing the cost and
complexity of the power delivery network. The device
operates from a single 3.3-V ±5% supply.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LMK62E2-100M
QFM (6)
5.00 mm × 3.20 mm
LMK62E2-156M
QFM (6)
5.00 mm × 3.20 mm
LMK62E0-156M
QFM (6)
5.00 mm × 3.20 mm
LMK62A2-100M
QFM (6)
5.00 mm × 3.20 mm
LMK62A2-150M
QFM (6)
5.00 mm × 3.20 mm
LMK62A2-156M
QFM (6)
5.00 mm × 3.20 mm
LMK62A2-200M
QFM (6)
5.00 mm × 3.20 mm
LMK62A2-266M
QFM (6)
5.00 mm × 3.20 mm
LMK62I0-100M
QFM (6)
5.00 mm × 3.20 mm
LMK62I0-156M
QFM (6)
5.00 mm × 3.20 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Output Frequency Options
PART NUMBER
OUTPUT FREQ
(MHz) AND FORMAT
TOTAL FREQ
STABILITY (ppm)
LMK62E2-100M
100 LVPECL
±50
LMK62E2-156M
156.25 LVPECL
±50
LMK62E0-156M
156.25 LVPECL
±25
LMK62A2-100M
100 LVDS
±50
LMK62A2-150M
150 LVDS
±50
LMK62A2-156M
156.25 LVDS
±50
LMK62A2-200M
200 LVDS
±50
LMK62A2-266M
266.66 LVDS
±50
LMK62I0-100M
100 HCSL
±25
LMK62I0-156M
156.25 HCSL
±25
Pinout


同様の部品番号 - LMK62I0-100M00SIAT

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMK62A2-100M TI1-LMK62A2-100M Datasheet
301Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62A2-100M00SIAR TI1-LMK62A2-100M00SIAR Datasheet
301Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62A2-100M00SIAT TI1-LMK62A2-100M00SIAT Datasheet
301Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62A2-150M TI1-LMK62A2-150M Datasheet
301Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62A2-150M00SIAR TI1-LMK62A2-150M00SIAR Datasheet
301Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
More results

同様の説明 - LMK62I0-100M00SIAT

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMK60E2-156M TI1-LMK60E2-156M Datasheet
266Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-156M TI1-LMK62E2-156M_17 Datasheet
301Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-150M TI1-LMK60E2-150M Datasheet
283Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-100M TI1-LMK60E2-100M Datasheet
840Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK60E2-150M00 TI1-LMK60E2-150M00 Datasheet
1Mb / 22P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-125M TI1-LMK60E2-125M Datasheet
830Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK61E2-100M TI1-LMK61E2-100M Datasheet
1Mb / 23P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK62E2-156M TI1-LMK62E2-156M Datasheet
383Kb / 9P
[Old version datasheet]   LMK62XX High-Performance Low Jitter Oscillator
LMK61E0-050M_017 TI1-LMK61E0-050M_017 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com