データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KAT-2-D データシート(PDF) 1 Page - Mini-Circuits

部品番号 KAT-2-D
部品情報  Fixed Attenuator Die
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

KAT-2-D データシート(HTML) 1 Page - Mini-Circuits

  KAT-2-D Datasheet HTML 1Page - Mini-Circuits KAT-2-D Datasheet HTML 2Page - Mini-Circuits KAT-2-D Datasheet HTML 3Page - Mini-Circuits KAT-2-D Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Millimeter Wave Precision
Fixed Attenuator Die
Page 1 of 4
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
The Big Deal
• Ultra-wide band, DC to 43.5 GHz
• Excellent power handling, up to 2W
• Contiguous ground plane for easy installation
Product Overview
Mini-Circuits’ KAT-D-series MMIC attenuator dice (RoHS compliant) are fixed value, absorptive attenuators
fabricated using highly repetitive MMIC processing with thin film resistors on GaAs substrates. Providing
precise attenuation from DC up to 43.5 GHz, these attenuators are ideal for a very wide range of applica-
tions up to millimeter wave bands including 5G systems and more. KAT-D-series attenuator dice are avail-
able from stock with nominal attenuation values of 0 to 10 dB (in 1 dB steps), and 12, 15, 20, and 30 dB.
Feature
Advantages
Ultra-wide band operation, DC to 43.5 GHz
KAT-D-series attenuator dice support a wide array of applications including 5G sys-
tems, microwave communications, satellite, defense and aerospace, medical broad-
band and optical applications
Single, contiguous ground plane
The attenuators achieve ultra-wide band performance up to 43.5 GHz with single,
contiguous ground plane, simplifying installation into customer hybrids.
High power handling, up to 2W
Power handling up to 2W makes KAT attenuator dice suitable for a wide range of
system power requirements.
Wide range of nominal attenuation values:
0 to 10 dB (in 1 dB steps) and 12, 15, 20
and 30 dB
Small increment offerings enable circuit designers to change attenuation values with-
out motherboard redesign, making the KAT-D-series ideal for adjusting attenuation
values based on test results.
Excellent attenuation flatness
Provides precise, consistent attenuation across the entire frequency band, ideal for
broadband and multi-band usage.
KAT-D-Series
Key Features
50Ω
Up to 2W
DC to 43.5 GHz


同様の部品番号 - KAT-2-D

メーカー部品番号データシート部品情報
logo
Mini-Circuits
KAT-2 MINI-KAT-2 Datasheet
231Kb / 4P
   Fixed Attenuator
KAT-2++ MINI-KAT-2+ Datasheet
231Kb / 4P
   Fixed Attenuator
KAT-20 MINI-KAT-20 Datasheet
232Kb / 4P
   Fixed Attenuator
KAT-20++ MINI-KAT-20+ Datasheet
232Kb / 4P
   Fixed Attenuator
KAT-20-D MINI-KAT-20-D Datasheet
264Kb / 4P
   Fixed Attenuator Die
More results

同様の説明 - KAT-2-D

メーカー部品番号データシート部品情報
logo
Mini-Circuits
YAT-1-D MINI-YAT-1-D Datasheet
176Kb / 5P
   Fixed Attenuator Die
YAT-2-D MINI-YAT-2-D Datasheet
177Kb / 5P
   Fixed Attenuator Die
YAT-20-D MINI-YAT-20-D Datasheet
177Kb / 5P
   Fixed Attenuator Die
KAT-8-D MINI-KAT-8-D Datasheet
267Kb / 4P
   Fixed Attenuator Die
KAT-0-D MINI-KAT-0-D Datasheet
292Kb / 4P
   Fixed Attenuator Die
YAT-5-D MINI-YAT-5-D Datasheet
177Kb / 5P
   Fixed Attenuator Die
KAT-6-D MINI-KAT-6-D Datasheet
283Kb / 4P
   Fixed Attenuator Die
YAT-12-D MINI-YAT-12-D Datasheet
176Kb / 5P
   Fixed Attenuator Die
YAT-0-D MINI-YAT-0-D Datasheet
177Kb / 5P
   Fixed Attenuator Die
YAT-9-D MINI-YAT-9-D Datasheet
177Kb / 5P
   Fixed Attenuator Die
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com