データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5520 データシート(PDF) 4 Page - Analog Devices

部品番号 AD5520
部品情報  Per Pin Parametric Measurement Unit/Source Measure Unit
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5520 データシート(HTML) 4 Page - Analog Devices

  AD5520_17 Datasheet HTML 1Page - Analog Devices AD5520_17 Datasheet HTML 2Page - Analog Devices AD5520_17 Datasheet HTML 3Page - Analog Devices AD5520_17 Datasheet HTML 4Page - Analog Devices AD5520_17 Datasheet HTML 5Page - Analog Devices AD5520_17 Datasheet HTML 6Page - Analog Devices AD5520_17 Datasheet HTML 7Page - Analog Devices AD5520_17 Datasheet HTML 8Page - Analog Devices AD5520_17 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
AD5520
Rev. B | Page 3 of 24
SPECIFICATIONS
AVCC = +15 V ± 5%, AVEE = −15 V ± 5%, DVDD = 5 V ± 10%, AGND = 0 V, REFGND = 0 V, DGND = 0 V. All specifications 0°C to 70°C,
unless otherwise noted.
Table 1.
Parameter
Min
Typ1
Max
Unit
Test Conditions/Comments
VOLTAGE FORCE MODE
Force Control Output Voltage Range
±11
V
RLOAD = 10 kΩ, CLOAD = 50 pF
FOH Output Impedance
70
Ω
FOH0
2.5
FOH1
3
FOH2
500
Ω
FOH3
60
Ω
Input Offset Error
±1
±5
mV
Input Offset Error Temperature Coefficient
±10
μV/°C
Gain Error
1
%
Clamp Current Error2
±1
% FS
of FIN
CURRENT MEASURE/FORCE
Suggested values; set with external sense resistors
FOH0
±4
μA
MODE0, RS = 125 kΩ
FOH1
±40
μA
MODE1, RS = 12.5 kΩ
FOH2
±400
μA
MODE2, RS = 12.5 kΩ
FOH3
±4
mA
MODE3, RS = 125 Ω
CURRENT MEASURE MODE
High Sense Input Range, VMEASIxH
±11
V
Linearity3
±0.01
% FSR
+11 V > VFOL > −11 V
Input Bias Current
±1
±3
nA
Input Bias Current Drift1
50
pA/°C
Output Offset Error
±100
mV
MODE0 (±4 μA)
±100
mV
MODE1 (±40 μA)
±100
mV
MODE2 (±400 μA)
±100
mV
MODE3 (±4 mA)
Output Offset Error Temperature Coefficient
±10
μV/°C
Gain Error
±0.1
±0.35
%
Gain of 16
Gain Error Temperature Coefficient4
30
ppm/°C
MEASIOUT Output Load Current
±4
mA
CMRR
95
dB
@ DC
CURRENT FORCE MODE
Input Offset Error
±10
mV
with MODE0, MODE1, MODE2, MODE3
Gain Error
1
%
Clamp Voltage Error2
±1
% FS
of FIN
VOLTAGE MEASURE MODE
Differential Input Range
±11
V
Low Sense Input Voltage Range
±100
mV
MEASVL
Linearity3
+0.005
% FSR
+11 V > VMEASVH to VMEASVL > −11 V
Input Offset Error
±5
±10
mV
FIN = 0 V, measured @ MEASVOUT
Input Offset Error Temperature Coefficient1
±15
μV/°C
Gain Error
±0.03
±0.15
%
Gain of 1
Gain Error Temperature Coefficient4
2
ppm/°C
Input Bias Current
±1
±3
nA
Input Bias Current Drift4
50
pA/°C
MEASVOUT Output Load Current
±4
mA
CMRR4
73
dB
@ DC


同様の部品番号 - AD5520_17

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5520 AD-AD5520_15 Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
More results

同様の説明 - AD5520_17

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5520 AD-AD5520_15 Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520 Datasheet
763Kb / 20P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. A
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
logo
Semtech Corporation
E4237 SEMTECH-E4237 Datasheet
245Kb / 39P
   Dual Channel Per-Pin Parametric Measurement Unit
E737 SEMTECH-E737 Datasheet
470Kb / 18P
   Per-Pin Precision Measurement Unit
EDGE737 SEMTECH-EDGE737 Datasheet
137Kb / 19P
   Per-Pin Precision Measurement Unit
logo
Keysight Technologies
U2722A KEYSIGHT-U2722A Datasheet
2Mb / 15P
   Modular Source Measure Unit
U2723A KEYSIGHT-U2723A Datasheet
2Mb / 15P
   Modular Source Measure Unit
logo
Maxim Integrated Produc...
MAX9951 MAXIM-MAX9951 Datasheet
499Kb / 23P
   Dual Per-Pin Parametric Measurement Units
Rev 1; 2/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com