データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5522 データシート(PDF) 26 Page - Analog Devices

部品番号 AD5522
部品情報  Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5522 データシート(HTML) 26 Page - Analog Devices

Back Button AD5522 Datasheet HTML 22Page - Analog Devices AD5522 Datasheet HTML 23Page - Analog Devices AD5522 Datasheet HTML 24Page - Analog Devices AD5522 Datasheet HTML 25Page - Analog Devices AD5522 Datasheet HTML 26Page - Analog Devices AD5522 Datasheet HTML 27Page - Analog Devices AD5522 Datasheet HTML 28Page - Analog Devices AD5522 Datasheet HTML 29Page - Analog Devices AD5522 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 65 page
background image
Data Sheet
AD5522
Rev. E | Page 25 of 64
10
1M
100
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10k
100k
1k
FREQUENCY (Hz)
VSS
VDD
VCC
Figure 28. APCSRR at MEASOUTx in Measure Current Mode vs. Frequency
(MI Gain = 10, MEASOUT Gain = 0.2)
10
1M
100
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10k
100k
1k
FREQUENCY (Hz)
VSS
VDD
VCC
Figure 29. APCSRR at MEASOUTx in Measure Current Mode vs. Frequency
(MI Gain = 5, MEASOUT Gain = 0.2)
900
800
700
600
500
400
300
200
100
0
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
MEASURE CURRENT IN-AMP
MEASURE VOLTAGE IN-AMP
FORCE AMP
Figure 30. NSD vs. Frequency (Measured in FVMV and FVMI Mode)
CH1 20.0mV
B
W CH2 100mV
B
W
CH1 Pk-Pk 39.00mV CH2 Pk-Pk 325.8mV
CH4 5.00V
M4.00µs
1
4
2
T
10.0000µs
TA = 25°C
FOH0
MEASOUT0
LOAD
Figure 31. AC Crosstalk, FVMI Mode, PMU 0, Full-Scale Transition on One CPH
DAC, MI Gain = 10, MEASOUT Gain = 1, ±2 mA Range, CLOAD = 200 pF
CH1 20.0mV
B
W CH2 100mV
B
W
M4.00µs
1
4
2
T
10.0000µs
TA = 25°C
FOH1
MEASOUT1
LOAD
CH1 Pk-Pk 18.80mV CH2 Pk-Pk 140.0mV
CH4 5.00V
Figure 32. AC Crosstalk, FVMI Mode, PMU 1, Full-Scale Transition on One CPH
DAC, MI Gain = 10, MEASOUT Gain = 1, ±2 mA Range, CLOAD = 200 pF
CH1 10mV
B
W
M10µs
1
1
1
T
30.0µs
T
ATTACK FROM FIN1
16.70mV p-p
FOH0
FOH0
FOH0
ATTACK FROM FIN2
10.35mV p-p
ATTACK FROM FIN3
11.75mV p-p
Figure 33. AC Crosstalk at FOH0 in FI Mode from FIN DAC of Each Other PMU (Full-
Scale Transition), MI Gain = 10, MEASOUT Gain = 1, ±2 mA Range, CLOAD = 200 pF


同様の部品番号 - AD5522

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5522 AD-AD5522 Datasheet
549Kb / 45P
   Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
Rev.PrL
AD5522 AD-AD5522 Datasheet
561Kb / 48P
   Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
Rev.PrM
AD5522 AD-AD5522 Datasheet
1Mb / 60P
   Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
REV. A
AD5522JSVD AD-AD5522JSVD Datasheet
561Kb / 48P
   Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
Rev.PrM
AD5522JSVDZ AD-AD5522JSVDZ Datasheet
549Kb / 45P
   Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
Rev.PrL
More results

同様の説明 - AD5522

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5522 AD-AD5522_07 Datasheet
561Kb / 48P
   Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
Rev.PrM
AD5522 AD-AD5522 Datasheet
549Kb / 45P
   Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
Rev.PrL
AD5522 AD-AD5522_08 Datasheet
1Mb / 60P
   Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
REV. A
AD5560 AD-AD5560 Datasheet
1Mb / 68P
   1.2 A Programmable Device Power Supply with Integrated 16-Bit Level Setting DACs
REV. D
ADATE324 AD-ADATE324 Datasheet
89Kb / 2P
   1.6 GHz Quad Integrated DCL with VHH Drive Capability, Level Setting DACs, and
Rev. Sp0
AD5520 AD-AD5520_15 Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520 Datasheet
763Kb / 20P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. A
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520_17 Datasheet
409Kb / 25P
   Per Pin Parametric Measurement Unit/Source Measure Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com