データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDC960 データシート(PDF) 9 Page - Texas Instruments

部品番号 CDC960
部品情報  200-MHz CLOCK SYNTHESIZER/DRIVER WITH SPREAD SPECTURM CAPABILITY AND DEVICE CONTROL INTERFACE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CDC960 データシート(HTML) 9 Page - Texas Instruments

Back Button CDC960 Datasheet HTML 2Page - Texas Instruments CDC960 Datasheet HTML 3Page - Texas Instruments CDC960 Datasheet HTML 4Page - Texas Instruments CDC960 Datasheet HTML 5Page - Texas Instruments CDC960 Datasheet HTML 6Page - Texas Instruments CDC960 Datasheet HTML 7Page - Texas Instruments CDC960 Datasheet HTML 8Page - Texas Instruments CDC960 Datasheet HTML 9Page - Texas Instruments CDC960 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CDC960
200MHz CLOCK SYNTHESIZER/DRIVER
WITH SPREAD SPECTRUM CAPABILITY AND DEVICE CONTROL INTERFACE
SCAS675 – APRIL 2002
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
SMBus serial interface (continued)
reading the SMBus interface, using address pre-phase
1.
Send the address D2(H) and validate the acknowledge from the slave.
2.
Send dummy byte as command code and validate the acknowledge from the slave.
3.
Send repeated start condition followed by address D3(H) and validate the acknowledge from the slave.
4.
The slave returns the number of bytes it is going to send (byte count) and validates the acknowledge from
the master.
5.
Read back the desired data bytes and validate the acknowledge sent by the master for each data byte.
Clock
Generator
Addr
(7 bits)
ACK
+8 bits
dummy
ACK
Repeated
Clock
Generator
Addr
(7 bits)
ACK
+8 bit byte
ACK by
Data
ACK by
Data
ACK by
A(6:0)&
R/W
ACK
dummy
command
code
ACK
Re eated
Start
A(6:0)&
R/W
ACK
+8 bit byte
count
ACK by
master
Data
byte 0
ACK by
master
Data
byte N
ACK by
master
D2(H)
D3(H)
reading the SMBus interface, using direct read
1.
Send the address D3(H) and validate the acknowledge from the slave.
2.
The slave returns the number of bytes it is going to send (byte count) and validates the acknowledge from
the master.
3.
Read back the desired data bytes and validate the acknowledge sent by the master for each data byte.
Clock
Generator
Addr (7 bits)
ACK
+8 bit byte
count
ACK by master
Data byte 0
ACK by master
Data byte N
ACK by master
A(6:0)& R/W
ACK
count
ACK by master
Data byte 0
ACK by master
Data byte N
ACK by master
D3(H)


同様の部品番号 - CDC960

メーカー部品番号データシート部品情報
logo
Endress+Hauser Group Se...
CDC90 EH-CDC90 Datasheet
1Mb / 32P
   The smart system for automated measuring points
2022-03-04
logo
Texas Instruments
CDC906 TI-CDC906 Datasheet
1Mb / 39P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC906PW TI-CDC906PW Datasheet
1Mb / 39P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC906PWG4 TI-CDC906PWG4 Datasheet
1Mb / 39P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC906PWR TI-CDC906PWR Datasheet
1Mb / 39P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
More results

同様の説明 - CDC960

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
W320-03 CYPRESS-W320-03_05 Datasheet
302Kb / 18P
   200-MHz Spread Spectrum Clock Synthesizer/Driver
logo
Silicon Laboratories
W320-04 SILABS-W320-04 Datasheet
170Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
SpectraLinear Inc
W320-03 SPECTRALINEAR-W320-03 Datasheet
251Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Silicon Laboratories
W320-03 SILABS-W320-03 Datasheet
201Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Cypress Semiconductor
W320-03 CYPRESS-W320-03 Datasheet
272Kb / 19P
   200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
W320-04H CYPRESS-W320-04H Datasheet
264Kb / 18P
   200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
W320-04 CYPRESS-W320-04 Datasheet
261Kb / 17P
   200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
SpectraLinear Inc
W320-04 SPECTRALINEAR-W320-04 Datasheet
197Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
CY2210 SPECTRALINEAR-CY2210 Datasheet
187Kb / 10P
   133 MHz Spread Spectrum Clock Synthesizer/Driver with AGP, USB, and DRCG Support
logo
Cypress Semiconductor
CY2210 CYPRESS-CY2210 Datasheet
129Kb / 10P
   133-MHz Spread Spectrum Clock Synthesizer/Driver with AGP, USB, and DRCG Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com