データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLIN1022DMTTQ1 データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLIN1022DMTTQ1
部品情報  Dual Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLIN1022DMTTQ1 データシート(HTML) 7 Page - Texas Instruments

Back Button TLIN1022DMTTQ1 Datasheet HTML 3Page - Texas Instruments TLIN1022DMTTQ1 Datasheet HTML 4Page - Texas Instruments TLIN1022DMTTQ1 Datasheet HTML 5Page - Texas Instruments TLIN1022DMTTQ1 Datasheet HTML 6Page - Texas Instruments TLIN1022DMTTQ1 Datasheet HTML 7Page - Texas Instruments TLIN1022DMTTQ1 Datasheet HTML 8Page - Texas Instruments TLIN1022DMTTQ1 Datasheet HTML 9Page - Texas Instruments TLIN1022DMTTQ1 Datasheet HTML 10Page - Texas Instruments TLIN1022DMTTQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
7
TLIN1022-Q1
www.ti.com
SLLSEZ8 – DECEMBER 2017
Product Folder Links: TLIN1022-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Switching Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
D312V
Duty Cycle
THREC(MAX) = 0.645 x VSUP, THDOM(MAX)
= 0.616 x VSUP, VSUP = 4 V to 7 V, tBIT =
96 µs (10.4 kbps), D3 = tBUS_rec(min)/(2 x
tBIT) (See Figure 18 and Figure 19)
0.417
D412V
Duty Cycle 4 (ISO/DIS 17987 Param 30)
THREC(MIN) = 0.389 x VSUP, THDOM(MIN) =
0.251 x VSUP, VSUP = 4.6 V to 18 V, tBIT
= 96 µs (10.4 kbps), D4 = tBUS_rec(MAX)/(2
x tBIT) (See Figure 18 and Figure 19)
0.59
6.8 Timing Requirements
SYMBOL
DESCRIPTION
TEST CONDITIONS
MIN
NOM
MAX
UNIT
trx_pdr
Receiver rising propagation delay time
(ISO/DIS 17987 Param 31)
RRXD = 2.4 kΩ, CRXD = 20 pF
(See Figure 20 and Figure 21)
6
µs
trx_pdf
Receiver falling propagation delay time
(ISO/DIS 17987 Param 31)
6
µs
trs_sym
Symmetry of receiver propagation delay
time Receiver rising propagation delay
time (ISO/DIS 17987 Param 32)
Rising edge with respect to falling edge,
(trx_sym = trx_pdf – trx_pdr), RRXD = 2.4
kΩ, CRXD = 20 pF (See Figure 20 and
Figure 21)
–2
2
µs
tLINBUS
LIN wakeup time (Minimum dominant
time on LIN bus for wakeup)
See Figure 24, Figure 27 and Figure 28
25
100
150
µs
tCLEAR
Time to clear false wakeup prevention
logic if LIN bus had a bus stuck
dominant fault (recessive time on LIN
bus to clear bust stuck dominant fault)
See Figure 28
8
17
50
µs
tDST
Dominant state time out
20
34
80
ms
tMODE_CHANGE Mode change delay time
Time to change from standby mode to
normal mode or normal mode to sleep
mode through EN pin: See Figure 22
and Figure 29
2
15
µs
tNOMINT
Normal mode initialization time
Time for normal mode to initialize and
data on RXD pin to be valid
See Figure 22
35
µs
tPWR
Power up time
Upon power up time it takes for valid
data on RXD
1.5
ms


同様の部品番号 - TLIN1022DMTTQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLIN1022A-Q1 TI-TLIN1022A-Q1 Datasheet
2Mb / 45P
[Old version datasheet]   TLIN1022A-Q1 Dual Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1022ADMTRQ1 TI-TLIN1022ADMTRQ1 Datasheet
2Mb / 45P
[Old version datasheet]   TLIN1022A-Q1 Dual Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1022ADRQ1 TI-TLIN1022ADRQ1 Datasheet
2Mb / 45P
[Old version datasheet]   TLIN1022A-Q1 Dual Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
More results

同様の説明 - TLIN1022DMTTQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLIN1029-Q1 TI1-TLIN1029-Q1_19 Datasheet
2Mb / 40P
[Old version datasheet]   Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1029-Q1 TI1-TLIN1029-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1024-Q1 TI1-TLIN1024-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   Quad Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1039-Q1 TI-TLIN1039-Q1 Datasheet
2Mb / 38P
[Old version datasheet]   TLIN1039-Q1 Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
SLLSFH7 ??AUGUST 2021
TLIN1022A-Q1 TI-TLIN1022A-Q1 Datasheet
2Mb / 45P
[Old version datasheet]   TLIN1022A-Q1 Dual Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN2029-Q1 TI1-TLIN2029-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   Fault Protected Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN2022A-Q1 TI-TLIN2022A-Q1 Datasheet
2Mb / 45P
[Old version datasheet]   TLIN2022A-Q1 Dual Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN2022-Q1 TI1-TLIN2022-Q1 Datasheet
2Mb / 40P
[Old version datasheet]   Fault Protected Dual Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1024A-Q1 TI-TLIN1024A-Q1 Datasheet
3Mb / 41P
[Old version datasheet]   TLIN1024A-Q1 Quad Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
SLLSFF6 ??SEPTEMBER 2021
TLIN2024A-Q1 TI-TLIN2024A-Q1 Datasheet
2Mb / 39P
[Old version datasheet]   TLIN2024A-Q1 Quad Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
JUNE 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com