データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL103WAIDRJR データシート(PDF) 6 Page - Texas Instruments

部品番号 TL103WAIDRJR
部品情報  DUAL OPERATIONAL aMPLIFIERS WITH INTERNAL REFERENCE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL103WAIDRJR データシート(HTML) 6 Page - Texas Instruments

  TL103WAIDRJR Datasheet HTML 1Page - Texas Instruments TL103WAIDRJR Datasheet HTML 2Page - Texas Instruments TL103WAIDRJR Datasheet HTML 3Page - Texas Instruments TL103WAIDRJR Datasheet HTML 4Page - Texas Instruments TL103WAIDRJR Datasheet HTML 5Page - Texas Instruments TL103WAIDRJR Datasheet HTML 6Page - Texas Instruments TL103WAIDRJR Datasheet HTML 7Page - Texas Instruments TL103WAIDRJR Datasheet HTML 8Page - Texas Instruments TL103WAIDRJR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TL103W, TL103WA
DUAL OPERATIONAL AMPLIFIERS WITH INTERNAL REFERENCE
SLOS437G − APRIL 2004 − REVISED DECEMBER 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
VOLTAGE REFERENCE
electrical characteristics
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
TL103W
IK = 10 mA
25
°C
2.482
2.5
2.518
VREF
Reference voltage
TL103W
IK = 10 mA
Full range
2.465
2.535
V
VREF
Reference voltage
TL103WA
IK = 10 mA
25
°C
2.49
2.5
2.51
V
TL103WA
IK = 10 mA
Full range
2.48
2.52
∆VREF
Reference input voltage deviation
over temperature range
VKA = VREF, IK = 10 mA
Full range
7
30
mV
Imin
Minimum cathode current for regulation
VKA = VREF
25
°C
0.5
1
mA
z
ka
Dynamic impedance
(see Note 5)
VKA = VREF, ∆IK = 1 mA to 100 mA,
f
< 1 kHz
25
°C
0.2
0.5
NOTE 5: The dynamic impedance is defined as
z
ka +
∆V
KA
∆I
K
.
TOTAL DEVICE
electrical characteristics
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
ICC
Total supply current,
VCC+ = 5 V,
No load
Full range
0.7
1.2
mA
ICC
Total supply current,
excluding cathode-current reference
VCC+ = 30 V,
No load
Full range
2
mA


同様の部品番号 - TL103WAIDRJR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL103WAIDRJR TI-TL103WAIDRJR Datasheet
302Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS WITH INTERNAL REFERENCE
More results

同様の説明 - TL103WAIDRJR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL103W TI-TL103W_08 Datasheet
302Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS WITH INTERNAL REFERENCE
TL103W TI1-TL103W_16 Datasheet
744Kb / 16P
[Old version datasheet]   Dual Operational Amplifiers With Internal Reference
TL103W TI1-TL103W_V02 Datasheet
1Mb / 29P
[Old version datasheet]   TL103Wx Dual Operational Amplifiers With Internal Reference
REVISED DECEMBER 2023
TL103W TI1-TL103W_V01 Datasheet
927Kb / 18P
[Old version datasheet]   TL103Wx Dual Operational Amplifiers With Internal Reference
REVISED AUGUST 2023
logo
Taiwan Semiconductor Co...
TS103 TSC-TS103_14 Datasheet
344Kb / 6P
   Dual Operational Amplifiers And Voltage Reference
TS103 TSC-TS103 Datasheet
365Kb / 6P
   Dual Operational Amplifiers And Voltage Reference
logo
Texas Instruments
LM613 TI1-LM613 Datasheet
1Mb / 32P
[Old version datasheet]   Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
logo
National Semiconductor ...
LM613 NSC-LM613 Datasheet
1Mb / 22P
   Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
logo
Linear Technology
LTC1051 LINER-LTC1051 Datasheet
971Kb / 15P
   Dual/Quad Precision Chopper Stabilized Operational Amplifiers with Internal Capacitors
LTC1051 LINER-LTC1051_15 Datasheet
304Kb / 16P
   Dual/Quad Precision Zero-Drift Operational Amplifiers With Internal Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com