データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL103WID データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 TL103WID
部品情報  DUAL OPERATIONAL aMPLIFIERS WITH INTERNAL REFERENCE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL103WID データシート(HTML) 4 Page - Texas Instruments

  TL103WID Datasheet HTML 1Page - Texas Instruments TL103WID Datasheet HTML 2Page - Texas Instruments TL103WID Datasheet HTML 3Page - Texas Instruments TL103WID Datasheet HTML 4Page - Texas Instruments TL103WID Datasheet HTML 5Page - Texas Instruments TL103WID Datasheet HTML 6Page - Texas Instruments TL103WID Datasheet HTML 7Page - Texas Instruments TL103WID Datasheet HTML 8Page - Texas Instruments TL103WID Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TL103W, TL103WA
DUAL OPERATIONAL AMPLIFIERS WITH INTERNAL REFERENCE
SLOS437G − APRIL 2004 − REVISED DECEMBER 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
OPAMP1, operational amplifier with noninverting input connected to the internal VREF
electrical characteristics, VCC+ = 5 V, VCC = GND, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
TL103W
Vicm = 0 V
25
°C
1
4
VIO
Input offset voltage
TL103W
Vicm = 0 V
Full range
5
mV
VIO
Input offset voltage
TL103WA
Vicm = 0 V
25
°C
0.5
3
mV
TL103WA
Vicm = 0 V
Full range
5
∝VIO
Input offset-voltage drift
25
°C
7
mV/°C
IIB
Input bias current (negative input)
25
°C
20
nA
AVD
Large-signal voltage gain
VCC+ = 15 V, RL = 2 kW,
Vicm = 0 V
25
°C
100
V/mV
kSVR
Supply-voltage rejection ratio
VCC+ = 5 V to 30 V,
Vicm = 0 V
25
°C
65
100
dB
Isource
Output source current
VCC+ = 15 V, VO = 2 V,
Vid = 1 V
25
°C
20
40
mA
ISC
Short circuit to GND
VCC+ = 15 V
25
°C
40
60
mA
Isink
Output sink current
VCC+ = 15 V, VO = 2 V,
Vid = −1 V
25
°C
10
12
mA
Isink
Output sink current
VCC+ = 15 V, VO = 0.2 V,
Vid = −1 V
25
°C
12
50
mA
VCC = 30 V, RL = 2 kW
25
°C
26
27
VOH
High-level output voltage
VCC+ = 30 V, RL = 2 kW
Full range
26
V
VOH
High-level output voltage
VCC = 30 V, RL = 10 kW
25
°C
27
28
V
VCC+ = 30 V, RL = 10 kW
Full range
27
VOL
Low-level output voltage
RL = 10 kW
25
°C
5
20
mV
VOL
Low-level output voltage
RL = 10 kW
Full range
20
mV
SR
Slew rate at unity gain
VCC+ = 15 V,
CL = 100 pF, RL = 2 kW,
VI = 0.5 V to 2 V, unity gain
25
°C
0.2
0.4
V/
ms
GBW
Gain bandwidth product
VCC+ = 30 V, VI = 10 mV,
CL = 100 pF, RL = 2 kW,
f = 100 kHz
25
°C
0.5
0.9
MHz
THD
Total harmonic distortion
VCC+ = 30 V, VO = 2 Vpp,
CL = 100 pF, RL = 2 kW,
f = 1 kHz, Av = 20 dB
25
°C
0.02
%


同様の部品番号 - TL103WID

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL103WID TI-TL103WID Datasheet
302Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS WITH INTERNAL REFERENCE
TL103WID TI1-TL103WID Datasheet
744Kb / 16P
[Old version datasheet]   Dual Operational Amplifiers With Internal Reference
TL103WID TI1-TL103WID Datasheet
927Kb / 18P
[Old version datasheet]   TL103Wx Dual Operational Amplifiers With Internal Reference
REVISED AUGUST 2023
TL103WID TI1-TL103WID Datasheet
1Mb / 29P
[Old version datasheet]   TL103Wx Dual Operational Amplifiers With Internal Reference
REVISED DECEMBER 2023
TL103WID TI1-TL103WID Datasheet
1Mb / 32P
[Old version datasheet]   TL103Wx Dual Operational Amplifiers With Internal Reference
DECEMBER 2023
More results

同様の説明 - TL103WID

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL103W TI-TL103W_08 Datasheet
302Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS WITH INTERNAL REFERENCE
TL103W TI1-TL103W_16 Datasheet
744Kb / 16P
[Old version datasheet]   Dual Operational Amplifiers With Internal Reference
TL103W TI1-TL103W_V02 Datasheet
1Mb / 29P
[Old version datasheet]   TL103Wx Dual Operational Amplifiers With Internal Reference
REVISED DECEMBER 2023
TL103W TI1-TL103W_V01 Datasheet
927Kb / 18P
[Old version datasheet]   TL103Wx Dual Operational Amplifiers With Internal Reference
REVISED AUGUST 2023
logo
Taiwan Semiconductor Co...
TS103 TSC-TS103_14 Datasheet
344Kb / 6P
   Dual Operational Amplifiers And Voltage Reference
TS103 TSC-TS103 Datasheet
365Kb / 6P
   Dual Operational Amplifiers And Voltage Reference
logo
Texas Instruments
LM613 TI1-LM613 Datasheet
1Mb / 32P
[Old version datasheet]   Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
logo
National Semiconductor ...
LM613 NSC-LM613 Datasheet
1Mb / 22P
   Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
logo
Linear Technology
LTC1051 LINER-LTC1051 Datasheet
971Kb / 15P
   Dual/Quad Precision Chopper Stabilized Operational Amplifiers with Internal Capacitors
LTC1051 LINER-LTC1051_15 Datasheet
304Kb / 16P
   Dual/Quad Precision Zero-Drift Operational Amplifiers With Internal Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com