データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV8542 データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLV8542
部品情報  500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV8542 データシート(HTML) 6 Page - Texas Instruments

Back Button TLV8542 Datasheet HTML 2Page - Texas Instruments TLV8542 Datasheet HTML 3Page - Texas Instruments TLV8542 Datasheet HTML 4Page - Texas Instruments TLV8542 Datasheet HTML 5Page - Texas Instruments TLV8542 Datasheet HTML 6Page - Texas Instruments TLV8542 Datasheet HTML 7Page - Texas Instruments TLV8542 Datasheet HTML 8Page - Texas Instruments TLV8542 Datasheet HTML 9Page - Texas Instruments TLV8542 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
6
TLV8544, TLV8542, TLV8541
SNOSD29D – DECEMBER 2016 – REVISED NOVEMBER 2017
www.ti.com
Product Folder Links: TLV8544 TLV8542 TLV8541
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
7.5 Electrical Characteristics
TA = 25°C, VS = 1.8 V to 3.3 V, VCM = VOUT = VS / 2, and RL≥ 10 MΩ to VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
VCM = V– , VS = 1.8 V and 3.3 V
–3.1
See Plots
3.1
mV
VCM = V+, VS = 1.8 V and 3.3 V
–3.4
See Plots
3.4
dVOS/dT
Input offset drift
VCM = V–, TA = –40°C to 125°C
0.8
µV/°C
PSRR
Power-supply rejection ratio
VCM = V– , VS =1.8 V and 3.3 V
66
90
dB
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
VS = 3.3 V
0
3.3
V
CMRR
Common-mode rejection ratio
(V–)
≤ VCM ≤ (V+), Vs = 3.3 V
60
80
dB
(V–)
≤ VCM ≤ (V+) – 1.2 V
90
INPUT BIAS CURRENT
IB
Input bias current
100
fA
IOS
Input offset current
100
fA
INPUT IMPEDANCE
Differential
2
pF
Common mode
4
pF
NOISE
En
Input voltage noise
ƒ = 0.1 Hz to 10 Hz
8.6
µVp–p
en
Input voltage noise density
ƒ = 1 kHz
264
nV/
√Hz
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
(V–) + 0.3 V
≤ VO ≤ (V+) – 0.3 V, RL =
100 kΩ to V+/2
120
dB
OUTPUT
VOH
Voltage output swing from
positive rail
RL = 100 kΩ to V
+/2, V
S = 3.3 V
12
mV
VOL
Voltage output swing from
negative rail
RL = 100 kΩ to V
+/2, V
S = 3.3 V
12
mV
ISC
Short-circuit current
Sourcing, VO to V–, VIN(diff) = 100 mV,
VS = 3.3 V
15
mA
Sinking, VO to V+, VIN(diff) = –100 mV,
VS = 3.3 V
30
ZO
Open loop output impedance
ƒ = 1 kHz, IO = 0 mA
8
FREQUENCY RESPONSE
GBP
Gain-bandwidth product
CL = 20 pF, RL = 10 MΩ
8
kHz
SR
Slew rate (10% to 90%)
G = 1, rising edge, CL = 20 pF
3.5
V/ms
G = 1, falling edge, CL = 20 pF
4.5
POWER SUPPLY
IQ–TLV8541
Quiescent Current
VCM = V–, IO = 0 mA, VS = 3.3 V
550
640
nA
IQ–TLV8542
Quiescent Current, per channel
VCM = V–, IO = 0 mA, VS = 3.3 V
550
640
nA
IQ–TLV8544
Quiescent current, per channel
VCM = V–, IO = 0 mA, VS = 3.3 V
500
640
nA


同様の部品番号 - TLV8542

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV8542 TI1-TLV8542 Datasheet
1Mb / 32P
[Old version datasheet]   500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8542 TI1-TLV8542 Datasheet
1Mb / 37P
[Old version datasheet]   500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8542 TI1-TLV8542 Datasheet
2Mb / 42P
[Old version datasheet]   500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8542DR TI1-TLV8542DR Datasheet
1Mb / 32P
[Old version datasheet]   500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8542DR TI1-TLV8542DR Datasheet
1Mb / 37P
[Old version datasheet]   500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
More results

同様の説明 - TLV8542

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV8544 TI1-TLV8544_17 Datasheet
1Mb / 32P
[Old version datasheet]   500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8544_1808 TI1-TLV8544_1808 Datasheet
2Mb / 42P
[Old version datasheet]   500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8544_018 TI1-TLV8544_018 Datasheet
1Mb / 37P
[Old version datasheet]   500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8544 TI1-TLV8544 Datasheet
307Kb / 18P
[Old version datasheet]   500 nA RRIO Nanopower Operational Amplifier for Cost-Optimized Systems
TLV8801 TI1-TLV8801 Datasheet
1Mb / 27P
[Old version datasheet]   TLV8801/TLV8802 320 nA Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8811 TI1-TLV8811 Datasheet
735Kb / 26P
[Old version datasheet]   425 nA Precision Nanopower Op Amps for Cost-Optimized Systems
TLV9061_1808 TI1-TLV9061_1808 Datasheet
4Mb / 62P
[Old version datasheet]   10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV9061_1810 TI1-TLV9061_1810 Datasheet
4Mb / 63P
[Old version datasheet]   10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV9061_018 TI1-TLV9061_018 Datasheet
3Mb / 45P
[Old version datasheet]   10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV9061_1812 TI1-TLV9061_1812 Datasheet
4Mb / 70P
[Old version datasheet]   10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com