データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L78L15ACZAP データシート(PDF) 1 Page - STMicroelectronics

部品番号 L78L15ACZAP
部品情報  POSITIVE VOLTAGE REGULATORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78L15ACZAP データシート(HTML) 1 Page - STMicroelectronics

  L78L15ACZAP Datasheet HTML 1Page - STMicroelectronics L78L15ACZAP Datasheet HTML 2Page - STMicroelectronics L78L15ACZAP Datasheet HTML 3Page - STMicroelectronics L78L15ACZAP Datasheet HTML 4Page - STMicroelectronics L78L15ACZAP Datasheet HTML 5Page - STMicroelectronics L78L15ACZAP Datasheet HTML 6Page - STMicroelectronics L78L15ACZAP Datasheet HTML 7Page - STMicroelectronics L78L15ACZAP Datasheet HTML 8Page - STMicroelectronics L78L15ACZAP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1/24
July 2003
s
OUTPUT CURRENT UP TO 100 mA
s
OUTPUT VOLTAGES OF 3.3; 5; 6; 8; 9; 10;
12; 15; 18; 20; 24V
s
THERMAL OVERLOAD PROTECTION
s
SHORT CIRCUIT PROTECTION
s
NO EXTERNAL COMPONENTS ARE
REQUIRED
s
AVAILABLE IN EITHER ±5% (AC) OR ±10%
(C) SELECTION
DESCRIPTION
The L78L00 series of three-terminal positive
regulators employ internal current limiting and
thermal
shutdown,
making
them
essentially
indestructible. If adequate heat-sink is provided,
they can deliver up to 100 mA output current. They
are intended as fixed voltage regulators in a wide
range of applications including local or on-card
regulation for elimination of noise and distribution
problems associated with single-point regulation.
In addition, they can be used with power pass
elements to make high-current voltage regulators.
The L78L00 series used as Zener diode/resistor
combination replacement, offers an effective
output impedance improvement of typically two
orders of magnitude, along with lower quiescent
current and lower noise.
L78L00
SERIES
POSITIVE VOLTAGE REGULATORS
SCHEMATIC DIAGRAM
TO-92
SOT-89
SO-8


同様の部品番号 - L78L15ACZAP

メーカー部品番号データシート部品情報
logo
STMicroelectronics
L78L15ACZ STMICROELECTRONICS-L78L15ACZ Datasheet
907Kb / 29P
   Positive voltage regulators
L78L15ACZ STMICROELECTRONICS-L78L15ACZ Datasheet
909Kb / 33P
   Positive voltage regulators
L78L15ACZ STMICROELECTRONICS-L78L15ACZ Datasheet
769Kb / 46P
   Positive voltage regulators
February 2016 Rev 25
L78L15ACZ STMICROELECTRONICS-L78L15ACZ Datasheet
879Kb / 40P
   Positive voltage regulators
Rev 28 - April 2021
L78L15ACZ-AP STMICROELECTRONICS-L78L15ACZ-AP Datasheet
909Kb / 33P
   Positive voltage regulators
More results

同様の説明 - L78L15ACZAP

メーカー部品番号データシート部品情報
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com