データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DLZ3.6B データシート(PDF) 1 Page - Micro Commercial Components

部品番号 DLZ3.6B
部品情報  500 mW Zener Diode 3.46 to 38.52 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MCC [Micro Commercial Components]
ホームページ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DLZ3.6B データシート(HTML) 1 Page - Micro Commercial Components

  DLZ3.6B Datasheet HTML 1Page - Micro Commercial Components DLZ3.6B Datasheet HTML 2Page - Micro Commercial Components DLZ3.6B Datasheet HTML 3Page - Micro Commercial Components DLZ3.6B Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
Small Surface Mounting Type.(LLDS)
High Reliability
Silicon Epitaxial Planar
Maximum Ratings
Symbol
Rating
Rating
Unit
PD
Power dissipation
500
mW
TJ
Junction Temperature
-55 to +175
OC
TSTG
Storage Temperature Range
-55 to +175
OC
Fig.1 Zener characteristics
0
2
4
6
8
10
12
14
0.5
1
2
5
10
20
50
100
ZENER VOLTAGE : VZ
(V)
16
18
20
22
24
26
28
30
32
34
36
38
40
Ta=25°C
0
0
25
50
100
150 175 200
700
600
500
400
300
200
100
AMBIENT TEMPERATURE : Ta (°C)
Fig.2 Derating curve
−0.08
−0.06
−0.04
−0.02
0.00
0.02
0.04
0.06
0.08
0.10
Iz=5mA
Iz=5mA
Iz=10mA
Iz=10mA
Fig.3 Zener voltage -
temp.coefficient characteristics
2
10
20
30
40
50
ZENER VOLTAGE : Vz (V)
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
DLZ3.6A
THRU
DLZ39D
500 mW
Zener Diode
3.46 to 38.52 Volts
DIMENSION
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.13
0
.14
6
3.
30
3.
70
B
.008
.016
0.20
0.40
C
.055
.059
1.40
1.50
MINIMELF
A
B
C
Cathode Mark
0.030”
0.105
0.075”
SUGGESTED SOLDER
PAD LAYOUT
TM
Micro Commercial Components
Revision:
6
200
9/09/01
Note:1.Lead in Glass Exemption Applied, see EU Directive Annex 5.
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
Compliant. See ordering information)
www.mccsemi.com
1 of 4
M C C


同様の部品番号 - DLZ3.6B

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
DLZ3.6B MCC-DLZ3.6B Datasheet
397Kb / 2P
   500 mW Zener Diode 3.725 to 36.275 Volts
More results

同様の説明 - DLZ3.6B

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
BZV55C18-TP MCC-BZV55C18-TP Datasheet
665Kb / 3P
   500 mW Zener Diode 2.0 to 75 Volts
H11-A3 MCC-H11-A3 Datasheet
465Kb / 5P
   500 mW Zener Diode 1.9 to 37.2 Volts
LSH2A3 MCC-LSH2A3 Datasheet
390Kb / 5P
   500 mW Zener Diode 1.9 to 37.2 Volts
1N5221 MCC-1N5221_11 Datasheet
477Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
BZT52C2V4 MCC-BZT52C2V4_10 Datasheet
208Kb / 3P
   500 mW Zener Diode 2.4 to 43 Volts
DL5221 MCC-DL5221_11 Datasheet
632Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
1N5221 MCC-1N5221 Datasheet
621Kb / 2P
   500 mW Zener Diode 2.4 to 200 Volts
BZV55C11-TP MCC-BZV55C11-TP Datasheet
661Kb / 3P
   500 mW Zener Diode 2.0 to 75 Volts
H11-A2 MCC-H11-A2 Datasheet
465Kb / 5P
   500 mW Zener Diode 1.9 to 37.2 Volts
1N5221B MCC-1N5221B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com