データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM75A データシート(PDF) 5 Page - NXP Semiconductors

部品番号 LM75A
部品情報  Digital temperature sensor and thermal Watchdog
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM75A データシート(HTML) 5 Page - NXP Semiconductors

  LM75A Datasheet HTML 1Page - NXP Semiconductors LM75A Datasheet HTML 2Page - NXP Semiconductors LM75A Datasheet HTML 3Page - NXP Semiconductors LM75A Datasheet HTML 4Page - NXP Semiconductors LM75A Datasheet HTML 5Page - NXP Semiconductors LM75A Datasheet HTML 6Page - NXP Semiconductors LM75A Datasheet HTML 7Page - NXP Semiconductors LM75A Datasheet HTML 8Page - NXP Semiconductors LM75A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Philips Semiconductors
Product data sheet
LM75A
Digital temperature sensor and thermal Watchdog
2004 Oct 05
5
DC ELECTRICAL CHARACTERISTICS
VCC = 2.8 V to 5.5 V, Tamb = –55 °C to +125 °C unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.1
MAX.
UNIT
TACC
Temperature accuracy
Tamb = –25 °C to +100 °C
–2
+2
°C
Tamb = –55 °C to +125 °C
–3
+3
°C
TRES
Temperature resolution
11-bit digital temp data
0.125
°C
TCON
Temperature conversion
Normal mode
100
ms
IDD
Supply quiescent current
Normal mode: I2C inactive
100
µA
Normal mode: I2C active
1.0
mA
Shut–down mode
3.5
µA
VIH
HIGH-level input voltage
Digital pins (SCL, SDA, A2–A0)
0.7
× VCC
VCC + 0.3
V
VIL
LOW-level input voltage
Digital pins
–0.3
0.3
× VCC
V
VIHYS
Input voltage hysteresis
SCL and SDA pins
300
mV
A2–A0 pins
150
mV
IIH
HIGH–level input current
Digital pins; VIN = VCC
–1.0
1.0
µA
IIL
LOW-level input current
Digital pins; VIN = 0 V
–1.0
1.0
µA
VOL
LOW-level output voltage
SDA and OS pins; IOL = 3 mA
0.4
V
IOL = 4 mA
0.8
V
ILO
Output leakage current
SDA and OS pins; VOH = VCC
10
µA
OSQ
OS fault queue
Programmable
1
6
Conv 2
Tos
Overtemp shutdown
Default value
80
°C
Thyst
Hysteresis
Default value
75
°C
CIN
Input capacitance
Digital pins
20
pF
NOTE:
1. Typical values are at VCC = 3.3 V and Tamb = 25 °C.
2. Conv: device A-to-D conversion.


同様の部品番号 - LM75A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
LM75A NXP-LM75A Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
LM75A NXP-LM75A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
logo
Texas Instruments
LM75A TI1-LM75A Datasheet
1Mb / 21P
[Old version datasheet]   LM75A Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
NXP Semiconductors
LM75AD NXP-LM75AD Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
LM75AD.112 NXP-LM75AD.112 Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
More results

同様の説明 - LM75A

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STCN75 STMICROELECTRONICS-STCN75_08 Datasheet
315Kb / 35P
   Digital temperature sensor and thermal watchdog
logo
NXP Semiconductors
LM75A NXP-LM75A Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
LM75B NXP-LM75B_V01 Datasheet
555Kb / 37P
   Digital temperature sensor and thermal watchdog
Rev. 6.1-6 February 2015
LM75AD.112 NXP-LM75AD.112 Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
logo
STMicroelectronics
STLM75 STMICROELECTRONICS-STLM75 Datasheet
308Kb / 37P
   Digital temperature sensor and thermal watchdog
STTS75 STMICROELECTRONICS-STTS75_08 Datasheet
334Kb / 39P
   Digital temperature sensor and thermal watchdog
STDS75 STMICROELECTRONICS-STDS75 Datasheet
306Kb / 37P
   Digital temperature sensor and thermal watchdog
STCN75 STMICROELECTRONICS-STCN75 Datasheet
291Kb / 35P
   Digital temperature sensor and thermal watchdog
STDS75 STMICROELECTRONICS-STDS75_08 Datasheet
326Kb / 37P
   Digital temperature sensor and thermal watchdog
STTS75 STMICROELECTRONICS-STTS75 Datasheet
320Kb / 38P
   Digital temperature sensor and thermal watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com