データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

SMB2EZ13D5HE3 データシート(PDF) 2 Page - Micro Commercial Components

部品番号. SMB2EZ13D5HE3
部品情報  2 W Glass Passivated Junction Silicon Zener Diode 10-75 Volts
ダウンロード  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  MCC [Micro Commercial Components]
ホームページ  http://www.mccsemi.com
Logo 

SMB2EZ13D5HE3 Datasheet(HTML) 2 Page - Micro Commercial Components

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2E10/2C10
2E11/2C11
2E12/2C12
2E13/2C13
2E14/2C14
2E15/2C15
2E16/2C16
2E17/2C17
2E18/2C18
2E19/2C19
2E20/2C20
2E22/2C22
2E24/2C24
2E27/2C27
2E30/2C30
2E33/2C33
2E36/2C36
2E39/2C39
2E43/2C43
2E47/2C47
2E51/2C51
2E56/2C56
2E62/2C62
2E68/2C68
2E75/2C75
ELECTRICAL CHARACTERISTICS(TA=25
OC unless otherwise noted)VF=1.5V max,IF=200mA for all types.
SM
B2EZ10D5HE3 THRU SMB2EZ75D5HE3
Type No.
(Note 1.)
Test
Current
IZT
mA
Nominal Zener
Voltage Vz @
Maximum
Zener Current
IZM
mA
Surge Current
@TA=25
I ZSM-A
(Note 4.)
Device
Marking
I ZT
Volts
(Note 2.)
Leakage Current
Maximum Zener Impedance (Note 3)
ZZT @ IZT
ZZK @ IZK
IZK
IR
VR
Ohms
Ohms
mA
µA Max Volts
Micro Commercial Components
M C C
TM
10
11
12
13
14
15
16
17
18
19
20
22
24
27
30
33
36
39
43
47
51
56
62
68
75
50
45.5
41.5
38.5
35.7
33.4
31.2
29.4
27.8
26.3
25
22.8
20.8
18.5
16.6
15.1
13.9
12.8
11.6
10.6
9.8
9
8.1
7.4
6.7
182
166
152
138
130
122
114
107
100
95
90
82
76
68
60
55
50
47
43
39
36
32
29
27
24
2.0
1.82
1.66
1.54
1.43
1.33
1.25
1.18
1.11
1.05
1
0.91
0.83
0.74
0.67
0.61
0.56
0.51
0.45
0.42
0.39
0.36
0.32
0.29
0.27
3.5
4
4.5
5
5.5
7
8
9
10
11
11
12
13
18
20
23
25
30
35
40
48
55
60
75
90
700
700
700
700
700
700
700
750
750
750
750
750
750
750
1000
1000
1000
1000
1500
1500
1500
2000
2000
2000
2000
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
3
1
1
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
7.6
8.4
9.1
9.9
10.6
11.4
12.2
13
13.7
14.4
15.2
16.7
18.2
20.6
22.5
25.1
27.4
29.7
32.7
35.8
38.8
42.6
47.1
51.7
56
SMB2EZ10D5HE3
SMB2EZ11D5HE3
SMB2EZ12D
5HE3
SMB2EZ13D5HE3
SMB2EZ14D5HE3
SMB2EZ15D5HE3
SMB2EZ16D5HE3
SMB2EZ17D5HE3
SMB2EZ18D5HE3
SMB2EZ19D5HE3
SMB2EZ20D5HE3
SMB2EZ22D5HE3
SMB2EZ24D5HE3
SMB2EZ27D5HE3
SMB2EZ30D5HE3
SMB2EZ33D5HE3
SMB2EZ36D5HE3
SMB2EZ39D5HE3
SMB2EZ43D5HE3
SMB2EZ47D5HE3
SMB2EZ51D5HE3
SMB2EZ56D5HE3
SMB2EZ62D5HE3
SMB2EZ68D5HE3
SMB2EZ75D5HE3
Notes:
1. TOLERANCES - Suffix indicates 5% tolerance any other tolerance will be considered as a special device.
2. ZENER VOLTAGE (Vz) MEASUREMENT - guarantees the zener voltage when measured at 40 ms
from the diode body, and an ambient temperature of 25 centigrade degrees.
3.ZENER IMPEDANCE (Zz) DERIVATION - The zener impedance is derived from the 60 cycle ac voltage,
which results when an ac current having an rms falue equal to 10% of the dc zener current (I ZT or IZK) is
superimposed on IZT or IZK
.
4. SURGE CURRENT (Izsm) NON-REPETITIVE - The rating listed in the electrical characteristics table
is maximum peak, non-repetitive, reverse surge current of 1/2 square wave or equivalent sine wave pulse
of 1/120 second duration superimposed on the test current, IZT, per JEDEC standards, however, actual
device capability is as described in Figure 3.
www.mccsemi.com
Revision:
2 of


Html ページ

1  2  3  4  5 


Datasheet Download




リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn