データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


SMB2EZ13D5HE3 データシート(Datasheet) 1 Page - Micro Commercial Components

部品番号. SMB2EZ13D5HE3
部品情報  2 W Glass Passivated Junction Silicon Zener Diode 10-75 Volts
ダウンロード  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  MCC [Micro Commercial Components]
ホームページ  http://www.mccsemi.com
Logo 

   
 1 page
background image
Features
TERMINALS : Solder plated, solderable per MIL-STD-750,
method 2026
SMB2EZ10D5HE3
THRU
SMB2EZ75D5HE3
2 W Glass Passivated
Junction Silicon
Zener Diode
10-75 Volts
POLARITY : Color band denotes positive end (cathode)
Maximum Ratings @ 25
oC Unless Otherwise Specified
2
Watts
Derate above 75 C
24
mW/ C
Peak Forward Surge
Current 8.3ms single
Operating And
Storage
Temperature Range
TJ,TSTG
-55oC to
+150oC
o
Peak Pulse Power
Dissipation (Note 2)
o
half sine-wave
superimposed on rated
load (JEDEC Method)
(Note 3)
IFSM
15
Amps
PD
NOTES:
2. Mounted on 5.0mm
2(.013mm thick) land areas.
3. Measured on 8.3ms, single half sine-wave or equivalent
square wave, duty cycle = 4 pulses per minute maximum.
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
www.mccsemi.com
1 of 5





1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
A
B
D
C
E
F
G
H
0.050”
0.106"
0.083”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A.1
60
.1
85
4.06
4.70
B.1
30
.1
55
3.30
3.94
C
.006
.012
0.15
0.31
D..030
.0
60
0.76
1..
52
E.
200
.2
20
5.08
5.59
F.0
79
.
096
2.00
2.
44
G.0
75
.0
87
1.
91
2.21
H
.002
.00
80.05
0.
203
DO-214AA
(SMB) (LEAD FRAME)
Micro Commercial Components
M C C
TM
Mechanical Data
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Glass Passivated Junction
Excellent Clamping Capability
Built-in Strain Relief
Low Inductance
AEC-Q101 Qualified
Halogen free
Revision:
A
20
15/06/05




Html ページ

1  2  3  4  5 


Datasheet Download




リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl