データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMB2EZ6.8D5 データシート(PDF) 1 Page - Micro Commercial Components

部品番号 SMB2EZ6.8D5
部品情報  2 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MCC [Micro Commercial Components]
ホームページ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMB2EZ6.8D5 データシート(HTML) 1 Page - Micro Commercial Components

  SMB2EZ6.8D5 Datasheet HTML 1Page - Micro Commercial Components SMB2EZ6.8D5 Datasheet HTML 2Page - Micro Commercial Components SMB2EZ6.8D5 Datasheet HTML 3Page - Micro Commercial Components SMB2EZ6.8D5 Datasheet HTML 4Page - Micro Commercial Components SMB2EZ6.8D5 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
Mechanical Data
TERMINALS : Solder plated, solderable per MIL-STD-750,
method 2026
SMB2EZ5.1D5
THRU
SMB2EZ75D5
2 W Glass Passivated
Junction Silicon
Zener Diode
5.1-75 Volts
POLARITY : Color band denotes positive end (cathode)
Maximum Ratings @ 25
oC Unless Otherwise Specified
2
Watts
Derate above 75 C
24
mW/ C
Peak Forward Surge
Current 8.3ms single
Operating And
Storage
Temperature Range
TJ,TSTG
-55oC to
+150oC
o
Peak Pulse Power
Dissipation (Note 2)
o
half sine-wave
superimposed on rated
load (JEDEC Method)
(Note 3)
IFSM
15
Amps
PD
NOTES:
2. Mounted on 5.0mm
2(.013mm thick) land areas.
3. Measured on 8.3ms, single half sine-wave or equivalent
square wave, duty cycle = 4 pulses per minute maximum.
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
Revision: B
2013/01/01
MCC
TM
Micro Commercial Components
www.mccsemi.com
1 of 5





Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Built-in Strain Relief
Glass Passivated Junction
Low Inductance
Excellent Clamping Capability
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
A
B
D
C
E
F
G
H
0.050”
0.106"
0.083”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A.1
60
.1
85
4.06
4.70
B.1
30
.1
55
3.30
3.94
C
.006
.012
0.15
0.31
D..030
.0
60
0.76
1..
52
E.
200
.2
20
5.08
5.59
F.0
79
.
096
2.00
2.
44
G.0
75
.0
87
1.
91
2.21
H
.002
.00
80.05
0.
203
DO-214AA
(SMB) (LEAD FRAME)
Halogen free available upon request by adding suffix "-HF"


同様の部品番号 - SMB2EZ6.8D5

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
SMB2EZ6.8D5 SECOS-SMB2EZ6.8D5 Datasheet
264Kb / 4P
   2.0 Watts Surface Mount Zener Diode
logo
Anova Technologies CO.,...
SMB2EZ6.8D5 ANOVA-SMB2EZ6.8D5 Datasheet
257Kb / 3P
   Surface Mount Zener Diodes
More results

同様の説明 - SMB2EZ6.8D5

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
SMA2EZ75D5 MCC-SMA2EZ75D5 Datasheet
255Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
2EZ75D5 MCC-2EZ75D5 Datasheet
513Kb / 5P
   W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
3EZ75D5 MCC-3EZ75D5 Datasheet
525Kb / 5P
   3 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
3EZ24D5-TP MCC-3EZ24D5-TP Datasheet
402Kb / 5P
   3 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
SMA2EZ10D5HE3 MCC-SMA2EZ10D5HE3 Datasheet
354Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 10-75 Volts
SMB2EZ10D5HE3 MCC-SMB2EZ10D5HE3 Datasheet
366Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 10-75 Volts
SMA1EZ110D5HE3 MCC-SMA1EZ110D5HE3 Datasheet
389Kb / 4P
   1 W Glass Passivated Junction Silicon Zener Diode 110-330 Volts
SMA1EZ110D5 MCC-SMA1EZ110D5 Datasheet
370Kb / 4P
   1 W Glass Passivated Junction Silicon Zener Diode 110-330 Volts
SMA3EZ270D5 MCC-SMA3EZ270D5 Datasheet
562Kb / 4P
   3 W Glass Passivated Junction Silicon Zener Diode 6.2-270 Volts
SMB3EZ200D5 MCC-SMB3EZ200D5 Datasheet
575Kb / 4P
   3 W Glass Passivated Junction Silicon Zener Diode 5.6-200 Volts
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com