データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMB2EZ8.2D5 データシート(PDF) 2 Page - Micro Commercial Components

部品番号 SMB2EZ8.2D5
部品情報  2 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MCC [Micro Commercial Components]
ホームページ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMB2EZ8.2D5 データシート(HTML) 2 Page - Micro Commercial Components

  SMB2EZ8.2D5 Datasheet HTML 1Page - Micro Commercial Components SMB2EZ8.2D5 Datasheet HTML 2Page - Micro Commercial Components SMB2EZ8.2D5 Datasheet HTML 3Page - Micro Commercial Components SMB2EZ8.2D5 Datasheet HTML 4Page - Micro Commercial Components SMB2EZ8.2D5 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMB2EZ5.6D5
5.6
89.5
2.5
500
1
5
2
324
3.3
SMB2EZ6.2D5
6.2
80.5
1.5
700
1
5
3
292
3.1
SMB2EZ6.8D5
6.8
73.5
2
700
1
5
4
266
2.9
SMB2EZ7.5D5
7.5
66.5
2
700
0.5
5
5
242
2.66
SMB2EZ8.2D5
8.2
61
2.3
700
0.5
5
6
220
2.44
SMB2EZ9.1D5
9.1
55
2.5
700
0.5
3
7
200
2.2
SMB2EZ10D5
10
50
3.5
700
0.25
3
7.6
182
2
.0
SMB2EZ11D5
11
45.5
4
700
0.25
1
8.4
166
1.82
SMB2EZ12D
5
12
41.5
4.5
700
0.25
1
9.1
152
1.66
SMB2EZ13D5
13
38.5
5
700
0.25
0.5
9.9
138
1.54
SMB2EZ14D5
14
35.7
5.5
700
0.25
0.5
10.6
130
1.43
SMB2EZ15D5
15
33.4
7
700
0.25
0.5
11.4
122
1.33
SMB2EZ16D5
16
31.2
8
700
0.25
0.5
12.2
114
1.25
SMB2EZ17D5
17
29.4
9
750
0.25
0.5
13
107
1.18
SMB2EZ18D5
18
27.8
10
750
0.25
0.5
13.7
100
1.11
SMB2EZ19D5
19
26.3
11
750
0.25
0.5
14.4
95
1.05
SMB2EZ20D5
20
25
11
750
0.25
0.5
15.2
90
1
SMB2EZ22D5
22
22.8
12
750
0.25
0.5
16.7
82
0.91
SMB2EZ24D5
24
20.8
13
750
0.25
0.5
18.2
76
0.83
SMB2EZ27D5
27
18.5
18
750
0.25
0.5
20.6
68
0.74
SMB2EZ30D5
30
16.6
20
1000
0.25
0.5
22.5
60
0.67
SMB2EZ33D5
33
15.1
23
1000
0.25
0.5
25.1
55
0.61
SMB2EZ36D5
36
13.9
25
1000
0.25
0.5
27.4
50
0.56
SMB2EZ39D5
39
12.8
30
1000
0.25
0.5
29.7
47
0.51
SMB2EZ43D5
43
11.6
35
1500
0.25
0.5
32.7
43
0.45
SMB2EZ47D5
47
10.6
40
1500
0.25
0.5
35.8
39
0.42
SMB2EZ51D5
51
9.8
48
1500
0.25
0.5
38.8
36
0.39
SMB2EZ56D5
56
9
55
2000
0.25
0.5
42.6
32
0.36
SMB2EZ62D5
62
8.1
60
2000
0.25
0.5
47.1
29
0.32
SMB2EZ68D5
68
7.4
75
2000
0.25
0.5
51.7
27
0.29
SMB2EZ
75D5
75
6.7
90
2000
0.25
0.5
56
24
0.27
Notes:
1. TOLERANCES - Suffix indicates 5% tolerance any other tolerance will be considered as a special device.
2. ZENER VOLTAGE (Vz) MEASUREMENT - guarantees the zener voltage when measured at 40 ms
from the diode body, and an ambient temperature of 25 centigrade degrees.
3.ZENER IMPEDANCE (Zz) DERIVATION - The zener impedance is derived from the 60 cycle ac voltage,
which results when an ac current having an rms falue equal to 10% of the dc zener current (I ZT or IZK)is
superimposed on IZT or IZK
.
4. SURGE CURRENT (Izsm) NON-REPETITIVE - The rating listed in the electrical characteristics table
is maximum peak, non-repetitive, reverse surge current of 1/2 square wave or equivalent sine wave pulse
of 1/120 second duration
device capability is as described in Figure 3.
superimposed on the test current, IZT, per JEDEC standards, however, actual
Revision: B
2013/01/01
www.mccsemi.com
2 of 5
MCC
TM
Micro Commercial Components
2E5.6/2C5V6
2E6.2/2C6V2
2E6.8/2C6V8
2E7.5/2C7V5
2E8.2/2C8V2
2E9.1/2C9V1
2E10/2C10
2E11/2C11
2E12/2C12
2E13/2C13
2E14/2C14
2E15/2C15
2E16/2C16
2E17/2C17
2E18/2C18
2E19/2C19
2E20/2C20
2E22/2C22
2E24/2C24
2E27/2C27
2E30/2C30
2E33/2C33
2E36/2C36
2E39/2C39
2E43/2C43
2E47/2C47
2E51/2C51
2E56/2C56
2E62/2C62
2E68/2C68
2E75/2C75
SMB2EZ5.1D5
5.1
98.0
3.5
600
1
5
1
356
3.5
2E5.1/2C5V1
ELECTRICAL CHARACTERISTICS(TA=25
OC unless otherwise noted)VF=1.5V max,IF=200mA for all types.
SMB2EZ5.1D5 THRU SMB2EZ75D5
Type No.
(Note 1.)
Test
Current
IZT
mA
Nominal Zener
Voltage Vz @
Maximum
Zener Current
IZM
mA
Surge Current
@TA=25
I ZSM-A
(Note 4.)
Device
Marking
I ZT
Volts
(Note 2.)
Leakage Current
Maximum Zener Impedance (Note 3)
ZZT @ IZT
ZZK @ IZK
IZK
IR
VR
Ohms
Ohms
mA
µA Max Volts


同様の部品番号 - SMB2EZ8.2D5

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
SMB2EZ8.2D5 SECOS-SMB2EZ8.2D5 Datasheet
264Kb / 4P
   2.0 Watts Surface Mount Zener Diode
logo
Anova Technologies CO.,...
SMB2EZ8.2D5 ANOVA-SMB2EZ8.2D5 Datasheet
257Kb / 3P
   Surface Mount Zener Diodes
More results

同様の説明 - SMB2EZ8.2D5

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
SMA2EZ75D5 MCC-SMA2EZ75D5 Datasheet
255Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
2EZ75D5 MCC-2EZ75D5 Datasheet
513Kb / 5P
   W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
3EZ75D5 MCC-3EZ75D5 Datasheet
525Kb / 5P
   3 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
3EZ24D5-TP MCC-3EZ24D5-TP Datasheet
402Kb / 5P
   3 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
SMA2EZ10D5HE3 MCC-SMA2EZ10D5HE3 Datasheet
354Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 10-75 Volts
SMB2EZ10D5HE3 MCC-SMB2EZ10D5HE3 Datasheet
366Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 10-75 Volts
SMA1EZ110D5HE3 MCC-SMA1EZ110D5HE3 Datasheet
389Kb / 4P
   1 W Glass Passivated Junction Silicon Zener Diode 110-330 Volts
SMA1EZ110D5 MCC-SMA1EZ110D5 Datasheet
370Kb / 4P
   1 W Glass Passivated Junction Silicon Zener Diode 110-330 Volts
SMA3EZ270D5 MCC-SMA3EZ270D5 Datasheet
562Kb / 4P
   3 W Glass Passivated Junction Silicon Zener Diode 6.2-270 Volts
SMB3EZ200D5 MCC-SMB3EZ200D5 Datasheet
575Kb / 4P
   3 W Glass Passivated Junction Silicon Zener Diode 5.6-200 Volts
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com