データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI6968BEDQ-T1 データシート(PDF) 2 Page - Vishay Siliconix

部品番号 SI6968BEDQ-T1
部品情報  Dual N-Channel 2.5-V (G-S) MOSFET Common Drain, ESD Protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6968BEDQ-T1 データシート(HTML) 2 Page - Vishay Siliconix

  SI6968BEDQ-T1 Datasheet HTML 1Page - Vishay Siliconix SI6968BEDQ-T1 Datasheet HTML 2Page - Vishay Siliconix SI6968BEDQ-T1 Datasheet HTML 3Page - Vishay Siliconix SI6968BEDQ-T1 Datasheet HTML 4Page - Vishay Siliconix SI6968BEDQ-T1 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si6968BEDQ
Vishay Siliconix
www.vishay.com
2
Document Number: 72274
S-31362—Rev. A, 30-Jun-03
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typa
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
0.6
1.6
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "4.5 V
"200
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 16 V, VGS = 0 V
1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 16 V, VGS = 0 V, TJ = 70_C
25
mA
On-State Drain Currentb
ID(on)
VDS v 5 V, VGS = 4.5 V
30
A
Drain Source On State Resistanceb
rDS( )
VGS = 4.5 V, ID = 6.5 A
0.0165
0.022
W
Drain-Source On-State Resistanceb
rDS(on)
VGS = 2.5 V, ID = 5.5 A
0.023
0.030
W
Forward Transconductanceb
gfs
VDS = 10 V, ID = 6.5 A
30
S
Diode Forward Voltageb
VSD
IS = 1.5 A, VGS = 0 V
0.71
1.2
V
Dynamica
Total Gate Charge
Qg
12
18
Gate-Source Charge
Qgs
VDS = 10 V, VGS = 4.5 V, ID = 6.5 A
2.2
nC
Gate-Drain Charge
Qgd
3.6
Turn-On Delay Time
td(on)
245
365
Rise Time
tr
VDD = 10 V, RL = 10 W
330
495
ns
Turn-Off Delay Time
td(off)
VDD = 10 V, RL = 10 W
ID ^ 1 A, VGEN = 4.5 V, RG = 6 W
860
1300
ns
Fall Time
tf
510
765
Notes
a.
For design aid only; not subject to production testing.
b.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0369
12
15
0.01
100
10,000
TJ = 25_C
Gate Current vs. Gate-Source Voltage
0
2
4
6
8
10
0
3
6
9
12
15
18
Gate-Current vs. Gate-Source Voltage
VGS - Gate-to-Source Voltage (V)
0.1
1
10
1,000
VGS - Gate-to-Source Voltage (V)
TJ = 150_C


同様の部品番号 - SI6968BEDQ-T1

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI6968BEDQ-T1 VISHAY-SI6968BEDQ-T1 Datasheet
224Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET Common Drain, ESD Protection
Rev. C, 02-Jun-08
SI6968BEDQ-T1 VISHAY-SI6968BEDQ-T1 Datasheet
256Kb / 11P
   Dual N-Channel 2.5 V (G-S) MOSFET Common Drain, ESD Protection
01-Jan-2022
SI6968BEDQ-T1-GE3 VISHAY-SI6968BEDQ-T1-GE3 Datasheet
224Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET Common Drain, ESD Protection
Rev. C, 02-Jun-08
SI6968BEDQ-T1-GE3 VISHAY-SI6968BEDQ-T1-GE3 Datasheet
256Kb / 11P
   Dual N-Channel 2.5 V (G-S) MOSFET Common Drain, ESD Protection
01-Jan-2022
More results

同様の説明 - SI6968BEDQ-T1

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI6968BEDQ VISHAY-SI6968BEDQ_08 Datasheet
224Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET Common Drain, ESD Protection
Rev. C, 02-Jun-08
SI6968BEDQ VISHAY-SI6968BEDQ_V01 Datasheet
256Kb / 11P
   Dual N-Channel 2.5 V (G-S) MOSFET Common Drain, ESD Protection
01-Jan-2022
logo
Guangdong Kexin Industr...
KI6968BEDQ KEXIN-KI6968BEDQ Datasheet
53Kb / 2P
   Dual N-Channel 2.5-V (G-S) MOSFET Common Drain, ESD Protection
logo
DinTek Semiconductor Co...
DTM8201 DINTEK-DTM8201 Datasheet
2Mb / 8P
   Dual N-Channel 2.5-V (G-S) MOSFET Common Drain, ESD Protection
logo
VBsemi Electronics Co.,...
VBC6N2006 VBSEMI-VBC6N2006 Datasheet
652Kb / 8P
   Dual N-Channel MOSFET Common Drain, ESD Protection
logo
Vishay Siliconix
SI6966EDQ VISHAY-SI6966EDQ_V01 Datasheet
104Kb / 5P
   Dual N-Channel 2.5-V (G-S) MOSFET, ESD Protected
01-Jan-2022
SI6924AEDQ VISHAY-SI6924AEDQ_08 Datasheet
231Kb / 12P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. B, 12-May-08
SI6924EDQ VISHAY-SI6924EDQ Datasheet
49Kb / 5P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. C, 30-Nov-98
SI6924AEDQ VISHAY-SI6924AEDQ Datasheet
52Kb / 6P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. A, 13-May-03
SI6924AEDQ VISHAY-SI6924AEDQ_V01 Datasheet
119Kb / 7P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
01-Jan-2022
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com