データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI6968BEDQ-T1 データシート(PDF) 3 Page - Vishay Siliconix

部品番号 SI6968BEDQ-T1
部品情報  Dual N-Channel 2.5-V (G-S) MOSFET Common Drain, ESD Protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6968BEDQ-T1 データシート(HTML) 3 Page - Vishay Siliconix

  SI6968BEDQ-T1 Datasheet HTML 1Page - Vishay Siliconix SI6968BEDQ-T1 Datasheet HTML 2Page - Vishay Siliconix SI6968BEDQ-T1 Datasheet HTML 3Page - Vishay Siliconix SI6968BEDQ-T1 Datasheet HTML 4Page - Vishay Siliconix SI6968BEDQ-T1 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Si6968BEDQ
Vishay Siliconix
Document Number: 72274
S-31362—Rev. A, 30-Jun-03
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.01
0.02
0.03
0.04
0.05
0.06
0
5
10
15
20
25
30
0
5
10
15
20
25
30
0
1234
5
0
1
2
3
4
5
0
3
6
9
12
15
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
VGS = 5 thru 3 V
25
_C
TC = 125_C
VDS = 10 V
ID = 6.5 A
VGS = 4.5 V
ID = 6.5 A
VGS = 4.5 V
VGS = 2.5 V
2 V
-55
_C
2.5 V
Output Characteristics
Transfer Characteristics
Gate Charge
On-Resistance vs. Drain Current
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
Qg - Total Gate Charge (nC)
ID - Drain Current (A)
On-Resistance vs. Junction Temperature
TJ - Junction Temperature (_C)
1.2
1.5
0.1
10
40
0
0.3
0.6
0.9
TJ = 25_C
TJ = 150_C
Source-Drain Diode Forward Voltage
VSD - Source-to-Drain Voltage (V)
1


同様の部品番号 - SI6968BEDQ-T1

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI6968BEDQ-T1 VISHAY-SI6968BEDQ-T1 Datasheet
224Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET Common Drain, ESD Protection
Rev. C, 02-Jun-08
SI6968BEDQ-T1 VISHAY-SI6968BEDQ-T1 Datasheet
256Kb / 11P
   Dual N-Channel 2.5 V (G-S) MOSFET Common Drain, ESD Protection
01-Jan-2022
SI6968BEDQ-T1-GE3 VISHAY-SI6968BEDQ-T1-GE3 Datasheet
224Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET Common Drain, ESD Protection
Rev. C, 02-Jun-08
SI6968BEDQ-T1-GE3 VISHAY-SI6968BEDQ-T1-GE3 Datasheet
256Kb / 11P
   Dual N-Channel 2.5 V (G-S) MOSFET Common Drain, ESD Protection
01-Jan-2022
More results

同様の説明 - SI6968BEDQ-T1

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI6968BEDQ VISHAY-SI6968BEDQ_08 Datasheet
224Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET Common Drain, ESD Protection
Rev. C, 02-Jun-08
SI6968BEDQ VISHAY-SI6968BEDQ_V01 Datasheet
256Kb / 11P
   Dual N-Channel 2.5 V (G-S) MOSFET Common Drain, ESD Protection
01-Jan-2022
logo
Guangdong Kexin Industr...
KI6968BEDQ KEXIN-KI6968BEDQ Datasheet
53Kb / 2P
   Dual N-Channel 2.5-V (G-S) MOSFET Common Drain, ESD Protection
logo
DinTek Semiconductor Co...
DTM8201 DINTEK-DTM8201 Datasheet
2Mb / 8P
   Dual N-Channel 2.5-V (G-S) MOSFET Common Drain, ESD Protection
logo
VBsemi Electronics Co.,...
VBC6N2006 VBSEMI-VBC6N2006 Datasheet
652Kb / 8P
   Dual N-Channel MOSFET Common Drain, ESD Protection
logo
Vishay Siliconix
SI6966EDQ VISHAY-SI6966EDQ_V01 Datasheet
104Kb / 5P
   Dual N-Channel 2.5-V (G-S) MOSFET, ESD Protected
01-Jan-2022
SI6924AEDQ VISHAY-SI6924AEDQ_08 Datasheet
231Kb / 12P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. B, 12-May-08
SI6924EDQ VISHAY-SI6924EDQ Datasheet
49Kb / 5P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. C, 30-Nov-98
SI6924AEDQ VISHAY-SI6924AEDQ Datasheet
52Kb / 6P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. A, 13-May-03
SI6924AEDQ VISHAY-SI6924AEDQ_V01 Datasheet
119Kb / 7P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
01-Jan-2022
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com