データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8041 データシート(PDF) 5 Page - Analog Devices

部品番号 AD8041
部品情報  160 MHz Rail-to-Rail Amplifier with Disable
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8041 データシート(HTML) 5 Page - Analog Devices

  AD8041 Datasheet HTML 1Page - Analog Devices AD8041 Datasheet HTML 2Page - Analog Devices AD8041 Datasheet HTML 3Page - Analog Devices AD8041 Datasheet HTML 4Page - Analog Devices AD8041 Datasheet HTML 5Page - Analog Devices AD8041 Datasheet HTML 6Page - Analog Devices AD8041 Datasheet HTML 7Page - Analog Devices AD8041 Datasheet HTML 8Page - Analog Devices AD8041 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
REV. B
AD8041
–3–
SPECIFICATIONS (@ T
A = 25 C, VS = 3 V, RL = 2 k
to 1.5 V, unless otherwise noted.)
AD8041A
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Small Signal Bandwidth, VO < 0.5 V p-p
G = +1
120
150
MHz
Bandwidth for 0.1 dB Flatness
G = +2, RL = 150
25
MHz
Slew Rate
G = –1, VO = 2 V Step
120
150
V/
µs
Full Power Response
VO = 2 V p-p
20
MHz
Settling Time to 0.1%
G = –1, VO = 2 V Step
40
ns
Settling Time to 0.01%
55
ns
NOISE/DISTORTION PERFORMANCE
Total Harmonic Distortion
fC = 5 MHz, VO = 2 V p-p, G = –1, RL = 100
–55
dB
Input Voltage Noise
f = 10 kHz
16
nV/
√Hz
Input Current Noise
f = 10 kHz
600
fA/
√Hz
Differential Gain Error (NTSC)
G = +2, RL = 150
Ω to 1.5 V, Input V
CM = 1 V
0.07
%
Differential Phase Error (NTSC)
G = +2, RL = 150
Ω to 1.5 V, Input V
CM = 1 V
0.05
Degrees
DC PERFORMANCE
Input Offset Voltage
27
mV
TMIN to TMAX
8mV
Offset Drift
10
µV/°C
Input Bias Current
1.2
3.2
µA
TMIN to TMAX
3.5
µA
Input Offset Current
0.2
0.6
µA
Open-Loop Gain
RL = 1 k
85
94
dB
TMIN to TMAX
89
dB
INPUT CHARACTERISTICS
Input Resistance
160
k
Input Capacitance
1.8
pF
Input Common-Mode Voltage Range
–0.2 to +2
V
Common-Mode Rejection Ratio
VCM = 0 V to 1.5 V
72
80
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing: RL = 10 k
0.05 to 2.95
V
Output Voltage Swing: RL = 1 k
0.45 to 2.7
0.1 to 2.9
V
Output Voltage Swing: RL = 50
0.5 to 2.6
0.25 to 2.75
V
Output Current
VOUT = 0.5 V to 2.5 V
50
mA
Short-Circuit Current
Sourcing
70
mA
Sinking
120
mA
Capacitive Load Drive
G = +1
40
pF
POWER SUPPLY
Operating Range
312
V
Quiescent Current
5.0
5.6
mA
Quiescent Current (Disabled)
1.3
1.5
mA
Power Supply Rejection Ratio
VS = 0, +3 V,
±0.5 V
68
80
dB
DISABLE CHARACTERISTICS
VO = 2 V p-p @ 10 MHz, G = +2
Turn-Off Time
RF = RL = 2 k
90
ns
Turn-On Time
RF = RL = 2 k
170
ns
Off Isolation (Pin 8 Tied to –VS)RL = 100
Ω, f = 5 MHz, G = +2, R
F = 1 k
70
dB
Off Voltage (Device Disabled)
<VS – 2.5
V
On Voltage (Device Enabled)
Open or +VS
V
Specifications subject to change without notice.


同様の部品番号 - AD8041

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8041 AD-AD8041 Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041-000C AD-AD8041-000C Datasheet
523Kb / 5P
   This specification documents the detailed requirements
AD8041AN AD-AD8041AN Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
logo
List of Unclassifed Man...
AD8041ANZ ETC-AD8041ANZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
logo
Analog Devices
AD8041AR AD-AD8041AR Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
More results

同様の説明 - AD8041

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8041 AD-AD8041 Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_15 Datasheet
505Kb / 17P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
logo
List of Unclassifed Man...
AD8041ARZ ETC1-AD8041ARZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
5962L9683903VHA ETC-5962L9683903VHA Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
AD8041ANZ ETC-AD8041ANZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
logo
Analog Devices
AD8042 AD-AD8042_15 Datasheet
556Kb / 17P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_07 Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_06 Datasheet
405Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. D
AD8042 AD-AD8042 Datasheet
242Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
REV. C
logo
Texas Instruments
LMH6639 TI1-LMH6639 Datasheet
1Mb / 26P
[Old version datasheet]   190MHz Rail-to-Rail Output Amplifier with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com