データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8001AR-REEL データシート(PDF) 1 Page - Analog Devices

部品番号 AD8001AR-REEL
部品情報  Current Feedback Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8001AR-REEL データシート(HTML) 1 Page - Analog Devices

  AD8001AR-REEL Datasheet HTML 1Page - Analog Devices AD8001AR-REEL Datasheet HTML 2Page - Analog Devices AD8001AR-REEL Datasheet HTML 3Page - Analog Devices AD8001AR-REEL Datasheet HTML 4Page - Analog Devices AD8001AR-REEL Datasheet HTML 5Page - Analog Devices AD8001AR-REEL Datasheet HTML 6Page - Analog Devices AD8001AR-REEL Datasheet HTML 7Page - Analog Devices AD8001AR-REEL Datasheet HTML 8Page - Analog Devices AD8001AR-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
REV. D
a
AD8001
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
800 MHz, 50 mW
Current Feedback Amplifier
FEATURES
Excellent Video Specifications (RL = 150
, G = +2)
Gain Flatness 0.1 dB to 100 MHz
0.01% Differential Gain Error
0.025 Differential Phase Error
Low Power
5.5 mA Max Power Supply Current (55 mW)
High Speed and Fast Settling
880 MHz, –3 dB Bandwidth (G = +1)
440 MHz, –3 dB Bandwidth (G = +2)
1200 V/ s Slew Rate
10 ns Settling Time to 0.1%
Low Distortion
–65 dBc THD, fC = 5 MHz
33 dBm Third Order Intercept, F1 = 10 MHz
–66 dB SFDR, f = 5 MHz
High Output Drive
70 mA Output Current
Drives Up to 4 Back-Terminated Loads (75
Each)
While Maintaining Good Differential Gain/Phase
Performance (0.05%/0.25 )
APPLICATIONS
A-to-D Drivers
Video Line Drivers
Professional Cameras
Video Switchers
Special Effects
RF Receivers
1
2
3
4
8
7
6
5
AD8001
NC
NC
–IN
NC
+IN
NC = NO CONNECT
OUT
V–
V+
1
VOUT
AD8001
–VS
+IN
2
34
5 +VS
–IN
GENERAL DESCRIPTION
The AD8001 is a low power, high speed amplifier designed
to operate on
± 5V supplies. The AD8001 features unique
9
6
–12
10M
100M
1G
3
0
–3
–6
–9
FREQUENCY – Hz
VS = 5V
RFB = 820
VS = 5V
RFB = 1k
G = +2
RL = 100
Figure 1. Frequency Response of AD8001
transimpedance linearization circuitry. This allows it to drive
video loads with excellent differential gain and phase perfor-
mance on only 50 mW of power. The AD8001 is a current
feedback amplifier and features gain flatness of 0.1 dB to 100 MHz
while offering differential gain and phase error of 0.01% and
0.025
°. This makes the AD8001 ideal for professional video
electronics such as cameras and video switchers. Additionally,
the AD8001’s low distortion and fast settling make it ideal for
buffer high speed A-to-D converters.
The AD8001 offers low power of 5.5 mA max (VS =
±5 V) and
can run on a single +12 V power supply, while being capable of
delivering over 70 mA of load current. These features make this
amplifier ideal for portable and battery-powered applications
where size and power are critical.
The outstanding bandwidth of 800 MHz along with 1200 V/
µs
of slew rate make the AD8001 useful in many general-purpose
high speed applications where dual power supplies of up to
±6 V
and single supplies from 6 V to 12 V are needed. The AD8001 is
available in the industrial temperature range of –40
°C to +85°C.
Figure 2. Transient Response of AD8001; 2 V Step, G = +2
8-Lead PDIP (N-8),
CERDIP (Q-8) and SOIC (R-8)
5-Lead SOT-23-5
(RT-5)
FUNCTIONAL BLOCK DIAGRAMS


同様の部品番号 - AD8001AR-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8001AR-REEL AD-AD8001AR-REEL Datasheet
222Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8001AR-REEL AD-AD8001AR-REEL Datasheet
335Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001AR-REEL AD-AD8001AR-REEL Datasheet
490Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001AR-REEL7 AD-AD8001AR-REEL7 Datasheet
222Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8001AR-REEL7 AD-AD8001AR-REEL7 Datasheet
335Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
More results

同様の説明 - AD8001AR-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
   Current Feedback Amplifier
logo
Intersil Corporation
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
   100MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
   200MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223 Datasheet
290Kb / 12P
   100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004 INTERSIL-HA-5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
January 1999
logo
Harris Corporation
HA5004 HARRIS-HA5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL2160C ELANTEC-EL2160C Datasheet
566Kb / 18P
   180MHz Current Feedback Amplifier
logo
Renesas Technology Corp
EL400 RENESAS-EL400 Datasheet
725Kb / 9P
   200MHz Current Feedback Amplifier
Sep 20, 2002
logo
Elantec Semiconductor
EL5192C ELANTEC-EL5192C Datasheet
372Kb / 17P
   600MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2071 INTERSIL-EL2071 Datasheet
405Kb / 11P
   150MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com