データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA4018F データシート(PDF) 2 Page - Toshiba Semiconductor

部品番号 TA4018F
部品情報  TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA4018F データシート(HTML) 2 Page - Toshiba Semiconductor

  TA4018F Datasheet HTML 1Page - Toshiba Semiconductor TA4018F Datasheet HTML 2Page - Toshiba Semiconductor TA4018F Datasheet HTML 3Page - Toshiba Semiconductor TA4018F Datasheet HTML 4Page - Toshiba Semiconductor TA4018F Datasheet HTML 5Page - Toshiba Semiconductor TA4018F Datasheet HTML 6Page - Toshiba Semiconductor TA4018F Datasheet HTML 7Page - Toshiba Semiconductor TA4018F Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TA4018F
2003-03-12
2
Electrical Characteristics (Ta
==== 25°C, VCC ==== 5 V, Zg ==== Zl ==== 50 W
W
W
W)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Circuit current
ICC
VGCA
= 3 V, Non carrier
21
28
35
mA
Input return loss
|S11|
2
VGCA
= 3 V, f = 45 MHz
¾
-0.3
¾
dB
Insertion gain (1)
|S21|
2(1)
VGCA
= 3 V, f = 45 MHz
8
11
¾
dB
Insertion gain (2)
|S21|
2(2)
VGCA
= 1 V, f = 45 MHz
-36
-26
-16
dB
Isolation
|S12|
2
VGCA
= 3 V, f = 45 MHz
¾
-50
¾
dB
Output return loss
|S22|
2
VGCA
= 3 V, f = 45 MHz
¾
-5
¾
dB
Gain control range
GR
|S21|
2(2)-|S21|2(1)
24
37
¾
dB
Noise figure
NF
VGCA
= 5 V, f = 45 MHz
¾
11.5
15
dB
3
rd
order Inter Modulation
IM3
Fig1
VGCA
= 3 V, f1 = 45 MHz,
f2
= 44 MHz
Pin
= -20dBmW
32
42
¾
dB
CAUTION: This device electrostatic sensitivity. Please handle with caution.


同様の部品番号 - TA4018F

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA4018F TOSHIBA-TA4018F Datasheet
611Kb / 8P
   VHF Gain Control Amplifier Application
TA4018F TOSHIBA-TA4018F_07 Datasheet
611Kb / 8P
   VHF Gain Control Amplifier Application
More results

同様の説明 - TA4018F

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA8273H TOSHIBA-TA8273H Datasheet
249Kb / 13P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2028F TOSHIBA-TA2028F Datasheet
495Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA6042FNG TOSHIBA-TA6042FNG Datasheet
328Kb / 10P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4019F TOSHIBA-TA4019F Datasheet
157Kb / 7P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8264AH TOSHIBA-TA8264AH Datasheet
234Kb / 14P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8428K TOSHIBA-TA8428K Datasheet
260Kb / 12P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA8696F TOSHIBA-TA8696F Datasheet
212Kb / 12P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4017FT TOSHIBA-TA4017FT Datasheet
94Kb / 6P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1317AN TOSHIBA-TA1317AN Datasheet
888Kb / 59P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1276AN TOSHIBA-TA1276AN Datasheet
1Mb / 86P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com